Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI2301BDS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI2301BDS
Description  P-Channel 2.5-V (G-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2301BDS Datasheet(HTML) 2 Page - Vishay Siliconix

  SI2301BDS_08 Datasheet HTML 1Page - Vishay Siliconix SI2301BDS_08 Datasheet HTML 2Page - Vishay Siliconix SI2301BDS_08 Datasheet HTML 3Page - Vishay Siliconix SI2301BDS_08 Datasheet HTML 4Page - Vishay Siliconix SI2301BDS_08 Datasheet HTML 5Page - Vishay Siliconix SI2301BDS_08 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number: 72066
S-80427-Rev. D, 03-Mar-08
Vishay Siliconix
Si2301BDS
Notes:
a. Pulse test: pulse width
≤ 300 µs duty cycle ≤ 2 %.
b. For DESIGN AID ONLY, not subject to production testing.
c. Switching time is essentially independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Limits
Unit
Min.
Typ.
Max.
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 µA
- 20
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 0.45
- 0.95
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 20 V, VGS = 0 V
- 1
µA
VDS = - 20 V, VGS = 0 V, TJ = 55 °C
- 10
On-State Drain Currenta
ID(on)
VDS ≤ - 5 V, VGS = - 4.5 V
- 6
A
VDS ≤ - 5 V, VGS = - 2.5 V
- 3
Drain-Source On-State Resistancea
RDS(on)
VGS = - 4.5 V, ID = - 2.8 A
0.080
0.100
Ω
VGS = - 2.5 V, ID = - 2.0 A
0.110
0.150
Forward Transconductancea
gfs
VDS = - 5 V, ID = - 2.8 A
6.5
S
Diode Forward Voltage
VSD
IS = - 0.75 A, VGS = 0 V
- 0.80
- 1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = - 6 V, VGS = - 4.5 V
ID ≅ - 2.8 A
4.5
10
nC
Gate-Source Charge
Qgs
0.7
Gate-Drain Charge
Qgd
1.1
Input Capacitance
Ciss
VDS = - 6 V, VGS = 0 V, f = 1 MHz
375
pF
Output Capacitance
Coss
95
Reverse Transfer Capacitance
Crss
65
Switchingc
Turn-On Time
td(on)
VDD = - 6 V, RL = 6 Ω
ID ≅ - 1.0 A, VGEN = - 4.5 V
Rg = 6 Ω
20
30
ns
tr
40
60
Turn-Off Time
td(off)
30
45
tf
20
30


Similar Part No. - SI2301BDS_08

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SI2301BDS-3 KEXIN-SI2301BDS-3 Datasheet
1Mb / 5P
   P-Channel Enhancement MOSFET
SI2301BDS-HF KEXIN-SI2301BDS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI2301BDS-HF-3 KEXIN-SI2301BDS-HF-3 Datasheet
1Mb / 5P
   P-Channel MOSFET
logo
Vishay Siliconix
SI2301BDS-T1 VISHAY-SI2301BDS-T1 Datasheet
59Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. B, 13-Oct-03
SI2301BDS-T1-E3 VISHAY-SI2301BDS-T1-E3 Datasheet
213Kb / 9P
   P-Channel 2.5 V (G-S) MOSFET
Rev. F, 17-Oct-11
More results

Similar Description - SI2301BDS_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2301ADS VISHAY-SI2301ADS Datasheet
39Kb / 4P
   P-Channel 2.5-V (G-S) MOSFET
Rev. B, 29-Apr-02
SI4493DY VISHAY-SI4493DY Datasheet
44Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. A, 07-Jul-03
SI6433BDQ-T1-GE3 VISHAY-SI6433BDQ-T1-GE3 Datasheet
209Kb / 11P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
logo
Guangdong Kexin Industr...
KI1303EDL KEXIN-KI1303EDL Datasheet
60Kb / 2P
   P-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI3443BDV VISHAY-SI3443BDV Datasheet
210Kb / 10P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 20-Apr-09
SI2301BDS VISHAY-SI2301BDS_V01 Datasheet
180Kb / 8P
   P-Channel 2.5 V (G-S) MOSFET
01-Jan-2022
SI3443DV-T1 VISHAY-SI3443DV-T1 Datasheet
64Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. B, 29-Sep-97
SI2301BDS-T1-GE3 VISHAY-SI2301BDS-T1-GE3 Datasheet
213Kb / 9P
   P-Channel 2.5 V (G-S) MOSFET
Rev. F, 17-Oct-11
SI3441DV-T1 VISHAY-SI3441DV-T1 Datasheet
52Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. G, 01-Apr-02
SI6433BDQ VISHAY-SI6433BDQ_08 Datasheet
100Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
SI1403BDL VISHAY-SI1403BDL Datasheet
130Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
S-71951-Rev. B, 10-Sep-07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com