Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9183DT-AD-T1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI9183DT-AD-T1
Description  High-Performance, Size Saving 150-mA CMOS LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9183DT-AD-T1 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI9183DT-AD-T1 Datasheet HTML 1Page - Vishay Siliconix SI9183DT-AD-T1 Datasheet HTML 2Page - Vishay Siliconix SI9183DT-AD-T1 Datasheet HTML 3Page - Vishay Siliconix SI9183DT-AD-T1 Datasheet HTML 4Page - Vishay Siliconix SI9183DT-AD-T1 Datasheet HTML 5Page - Vishay Siliconix SI9183DT-AD-T1 Datasheet HTML 6Page - Vishay Siliconix SI9183DT-AD-T1 Datasheet HTML 7Page - Vishay Siliconix SI9183DT-AD-T1 Datasheet HTML 8Page - Vishay Siliconix SI9183DT-AD-T1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Si9183
Vishay Siliconix
www.vishay.com
2
Document Number: 71258
S-51147—Rev. G, 20-Jun-05
ABSOLUTE MAXIMUM RATINGS
Input Voltage, VIN
6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SD Input Voltage, VSD
−0.3 V to VIN
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Current, IOUT
Short Circuit Protected
. . . . . . . . . . . . . . . . . . . . . . . . . .
Output Voltage, VOUT
−0.3 V to VO(nom) + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . .
Maximum Junction Temperature, TJ(max)
150_C
. . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature, TSTG
−65_C to 125_C
. . . . . . . . . . . . . . . . . . . . . . . . . .
ESD (Human Body Model)
2 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (Package)a, b
5-Pin SOT-23
555 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Impedance (QJA)
5-Pin SOT-23
180 _C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
a.
Device mounted with all leads soldered or welded to multi-layer (1S2P)
JEDEC board, horizontal orientation.
b.
Derate 5.5 mW/_C above TA = 25_C.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING RANGE
Input Voltage, VIN
2 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Voltage, VOUT (Adjustable Version)
1.5 V to 5 V
. . . . . . . . . . . . . . . . . .
SD Input Voltage, VSD
0 V to VIN
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature, TA
−40_C to 85_C
. . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
−40_C to 125_C
. . . . . . . . . . . . . . . . . . .
CIN = 1 mF, COUT = 2.2 mF (ceramic, X5R or X7R type) , CBP = 0.1 mF (ceramic)
COUTRange = 1 mF to 10 mF ("20% tolerance, "20% over temperature; ESR = 0.4 to 4 W at dc to 100 kHz, 0 t0 0.4 W > 100 kHz) )
SPECIFICATIONS (TA = 25_C)
Test Conditions
Unless Otherwise Specified
V
V
1 V I
1 A
Limits
−40 to 85_C
Parameter
Symbol
VIN = VOUT(nom) + 1 V, IOUT = 1 mA
CIN = 1 mF, COUT = 2.2 mF, VSD = 1.5 V
Tempa
Minb
Typc
Maxb
Unit
Input Voltage Range
VIN
Full
2
6
V
Output Voltage Range
Adjustable Version
Full
1.5
5
V
Output Voltage Accuracy
VOUT
1 mA v IOUT v 150 mA
Room
−1.5
1.5
% VO(
)
Output Voltage Accuracy
(Fixed Versions)
OUT
1 mA v IOUT v 150 mA
Full
−2.5
2.5
% VO(nom)
Feedback Voltage (ADJ version)
VFB
Room
1.188
1.215
1.240
V
Feedback Voltage (ADJ version)
VFB
Full
1.176
1.252
V
Line Regulation
(Except 5-V Version)
DVOUT 100
From VIN = VOUT(nom) + 1 V
to VOUT(nom) + 2 V
Full
−0.18
0.18
Line Regulation (5-V Version)
DVOUT 100
VIN VOUT(nom)
From VIN = 5.5 V to 6 V
Full
−0.18
0.18
%/V
Line Regulation (ADJ Version)
VIN VOUT(nom)
VOUT = 1.5 V, From VIN = 2.5 V to 3.5 V
Full
−0.18
0.18
%/V
Line Regulation (ADJ Version)
VOUT = 5 V, From VIN = 5.5 V to 6 V
Full
−0.18
0.18
d
IOUT = 10 mA
Room
1
20
Dropout Voltaged
@VOUT w 2.5 V)
VIN − VOUT
IOUT = 150 mA
Room
135
170
@VOUT w 2.5 V)
IN
OUT
IOUT = 150 mA
Full
180
220
mV
Dropout Voltaged
VIN VOUT
IOUT = 150 mA
Room
235
320
Dropout Voltaged
(@VOUT t 2.5 V, VIN w 2 V)
VIN − VOUT
IOUT = 150 mA
Full
380
IOUT = 0 mA
Room
150
Ground Pin Current
IGND
IOUT = 150 mA
Room
500
mA
GND
IOUT = 150 mA
Full
900
m
Shutdown Supply Current
IIN(off)
VSD = 0 V
Full
0.1
1
mA
FB Pin Current
IFB
VFB = 1.2 V
Room
2
100
nA
Peak Output Current
IO(peak)
VOUT w 0.95 x VOUT(nom), tpw = 2 ms
Room
250
300
mA
Output Noise Voltage
eN
BW = 50 Hz to 100 kHz
w/o CBP
Room
300
mV (rms)
Output Noise Voltage
eN
BW = 50 Hz to 100 kHz
IOUT = 150 mA
CBP = 0.1 mF
Room
100
mV (rms)


Similar Part No. - SI9183DT-AD-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9183DT-AD-T1 VISHAY-SI9183DT-AD-T1 Datasheet
130Kb / 10P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
Rev. E, 29-Mar-04
More results

Similar Description - SI9183DT-AD-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9183 VISHAY-SI9183 Datasheet
130Kb / 10P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
Rev. E, 29-Mar-04
SI9183 VISHAY-SI9183_V01 Datasheet
164Kb / 11P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
18-Jul-08
logo
ON Semiconductor
CAT6217 ONSEMI-CAT6217 Datasheet
165Kb / 9P
   150 mA CMOS LDO Regulator
December, 2009 ??Rev. 5
CAT6217 ONSEMI-CAT6217_11 Datasheet
156Kb / 9P
   150 mA CMOS LDO Regulator
January, 2011 ??Rev. 6
FAN2502 ONSEMI-FAN2502 Datasheet
972Kb / 14P
   150 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
NCP603 ONSEMI-NCP603_13 Datasheet
153Kb / 13P
   300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
logo
Microchip Technology
MCP1754ST-1802E MICROCHIP-MCP1754ST-1802E Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
08/02/11
MCP1754 MICROCHIP-MCP1754 Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
2011
MCP1754ST-3302E MICROCHIP-MCP1754ST-3302E Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
08/02/11
MCP1754 MICROCHIP-MCP1754_13 Datasheet
1Mb / 44P
   150 mA, 16V, High Performance LDO
2011-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com