Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34674B Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MC34674B
Description  High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34674B Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MC34674B Datasheet HTML 12Page - Freescale Semiconductor, Inc MC34674B Datasheet HTML 13Page - Freescale Semiconductor, Inc MC34674B Datasheet HTML 14Page - Freescale Semiconductor, Inc MC34674B Datasheet HTML 15Page - Freescale Semiconductor, Inc MC34674B Datasheet HTML 16Page - Freescale Semiconductor, Inc MC34674B Datasheet HTML 17Page - Freescale Semiconductor, Inc MC34674B Datasheet HTML 18Page - Freescale Semiconductor, Inc MC34674B Datasheet HTML 19Page - Freescale Semiconductor, Inc MC34674B Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
34674
FUNCTIONAL DESCRIPTION
FUNCTIONAL DEVICE OPERATION
current needs to stay below the EOC threshold for more than
0.5 seconds. The charger is turned off and the LED indication
is green when charge completes.
If the total fast charge time limit is exceeded, the charger
also enters the charge completion state.
RECHARGE MODE
If the battery voltage drops below the recharge threshold
after charge completion, the charger will try to recharge the
battery to 4.2V. Because the battery voltage drop can also be
caused by the removal of the battery, before starting
recharge, the charger tries to verify if the battery is still
present. If the battery is not found, then the connection fault
is issued again. If the battery is still connected, the charger
restarts charging to bring the battery to a full state. The LED
indication remains green in this mode.
The recharge mode has the same total charge time limit as
the fast charge mode. For any reason the battery voltage falls
below the trickle-charge threshold in the recharge mode, the
charger will enter the battery connection verification state
again, as shown in Figure 23.
TEMPERATURE AND OVER-VOLTAGE FAULT
The NTC interface block offers an interface to an external
NTC thermistor circuit to monitor the battery temperature.
When the battery temperature is out of a user-programmable
window, the charger is disabled and a fault condition is issued
with a yellow LED indication. When the fault conditions are
removed, the charger enters the battery connection
verification state. More detailed description on the NTC
interface is offered later in this datasheet.
The charger has an 11V (typ.) input OVP threshold. When
the input voltage is higher than this threshold, the charging is
stopped and a fault condition is issued with a yellow LED
indication. When the input voltage falls below the OVP
threshold, the charger restarts charging and resets the
internal digital logic control block.
TIMEOUT FAULT
The TIMEOUT fault can only occur when the charger stays
in the trickle-charge mode for a period longer than the time
limit. The charger is turned off and a yellow LED indication is
issued when this fault occurs. The only path to exit this fault
is by toggling the EN input or by recycling the power input.
DETAILED FUNCTIONAL DEVICE OPERATION
NTC INTERFACE
The MC34674 offers an interface to an external NTC
thermistor to monitor the battery temperature.
The low and high temperature thresholds in the Table 4
allow users to set a temperature window (such as 0°C to
50°C), within which the charging is allowed. If the battery
temperature is out of such a window, a temperature fault is
issued and the LED indicates a yellow color.
Figure 19 shows the internal equivalent circuit for the NTC
interface and the external NTC thermistor circuit. An internal
resistor divider that is powered by the VREF pin voltage,
VVREF, creates two reference voltages, 1/3 VVREF and 2/3
VVREF. An external resistor divider also powered by VVREF
generates the voltage VTEMP to represent the battery
temperature. Because the resistance of the NTC thermistor,
RNTC, decreases as temperature rises, as shown in
Figure 20, VTEMP decreases as the battery temperature
increases. Assume TCOLD and THOT are the two temperature
thresholds, such as 0°C and 50°C. When the battery
temperature falls below TCOLD, VTEMP rises above 2/3 VVREF
and an under-temperature fault is issued. Similarly, when the
battery temperature rises above THOT, VTEMP falls below 1/3
VVREF, so an over-temperature fault is issued. The
relationship between the internal and the external divider
voltages at the triggering points can be expressed as the
following:
equ. 1
where RNTC is the thermistor resistance at the given
temperature, and KX is the ratio of the internal divider at the
given triggering points (see Table 4). RU and RS represent a
pull-up resistor and a series resistor in the external resistor
divider respectively.
The resistance selection of RU and RS can be figured out
by the following two equations:
equ. 2
equ. 3
where KHOT and KCOLD are the resistor divider ratios for the
temperature thresholds THOT and TCOLD respectively; RHOT
and RCOLD are the NTC thermistor resistance at THOT and
TCOLD respectively. The typical values for KHOT and KCOLD
are 1/3 and 2/3 respectively, as given in Table 4.
Refer to the Application Information section for more
details regarding the RU and RS selection.
R
NTC
R
S
+
R
NTC
R
S
R
U
++
-----------------------------------------
K
x
=
R
HOT
R
S
+
R
HOT
R
S
R
U
++
-----------------------------------------
K
HOT
=
R
COLD
R
S
+
R
COLD
R
S
R
U
++
---------------------------------------------
K
COLD
=


Similar Part No. - MC34674B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34674BEP/R2 FREESCALE-MC34674BEP/R2 Datasheet
585Kb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
More results

Similar Description - MC34674B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34674 FREESCALE-MC34674_08 Datasheet
585Kb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
logo
NXP Semiconductors
34671 NXP-34671 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
logo
Freescale Semiconductor...
MC34673 FREESCALE-MC34673 Datasheet
619Kb / 22P
   High Input Voltage 1.2A Charger for Single-cell Li-Ion Batteries
MC34671AEPR2 FREESCALE-MC34671AEPR2 Datasheet
602Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
MC34671 FREESCALE-MC34671 Datasheet
601Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
logo
Intersil Corporation
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
   Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
   Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
logo
Texas Instruments
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI-BQ294602 Datasheet
676Kb / 17P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com