Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34674A Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MC34674A
Description  High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34674A Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MC34674A Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34674A Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34674A Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34674A Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34674A Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34674A Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34674A Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34674A Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34674A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
34674
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 3. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
Input voltage range
VIN Pin
GRN and RED Pins
EN, BAT, REF and TEMP Pins
VIN
VGRN, VRED
VEN, VBAT,
VREF, VTEMP
-0.3 to 28
-0.3 to 12
-0.3 to 5.5
V
ESD Voltage(2)
Human Body Model (HBM)
Machine Model (MM)
VESD
±2000
±200
V
THERMAL RATINGS
Operating Temperature
Ambient
Junction
TA
TJ
-40 to 85
-40 to 150
°C
Storage Temperature
TSTG
-65 to 150
°C
Thermal Resistance(3)
Junction-to-Case
Junction-to-Ambient
RθJC
RθJA
10
70
°C/W
Peak Package Reflow Temperature During Reflow(4),(5)
TPPRT
Note 5
°C
Notes
2.
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100pF, RZAP = 1500Ω), and the Machine Model
(MM) (CZAP = 200pF, RZAP = 0Ω).
3.
Device mounted on the Freescale EVB test board per JEDEC DESD51-2.
4.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
5.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes
and enter the core ID to view all orderable parts. (i.e. MC33xxxD enter 33xxx), and review parametrics.


Similar Part No. - MC34674A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34674AEP/R2 FREESCALE-MC34674AEP/R2 Datasheet
585Kb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
More results

Similar Description - MC34674A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34674 FREESCALE-MC34674_08 Datasheet
585Kb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
logo
NXP Semiconductors
34671 NXP-34671 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
logo
Freescale Semiconductor...
MC34673 FREESCALE-MC34673 Datasheet
619Kb / 22P
   High Input Voltage 1.2A Charger for Single-cell Li-Ion Batteries
MC34671AEPR2 FREESCALE-MC34671AEPR2 Datasheet
602Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
MC34671 FREESCALE-MC34671 Datasheet
601Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
logo
Intersil Corporation
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
   Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
   Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
logo
Texas Instruments
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI-BQ294602 Datasheet
676Kb / 17P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com