Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91247 Datasheet(PDF) 58 Page - Fujitsu Component Limited.

Part # MB91247
Description  32-bit Microcontroller
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91247 Datasheet(HTML) 58 Page - Fujitsu Component Limited.

Back Button MB91247 Datasheet HTML 54Page - Fujitsu Component Limited. MB91247 Datasheet HTML 55Page - Fujitsu Component Limited. MB91247 Datasheet HTML 56Page - Fujitsu Component Limited. MB91247 Datasheet HTML 57Page - Fujitsu Component Limited. MB91247 Datasheet HTML 58Page - Fujitsu Component Limited. MB91247 Datasheet HTML 59Page - Fujitsu Component Limited. MB91247 Datasheet HTML 60Page - Fujitsu Component Limited. MB91247 Datasheet HTML 61Page - Fujitsu Component Limited. MB91247 Datasheet HTML 62Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 84 page
background image
MB91245/S Series
58
(Continued)
(TA : Recommended operating conditions; Vcc
= 5.0 V ±10%, VSS = DVSS = AVSS = 0.0 V)
*1 : All input pins except X0, X1, X0A, X1A, MOD0, MOD1, MOD2 and INIT pins
*2 : Can be selected by the port input level select register (PILR).
*3 : MOD0, MOD1 and MOD2
*4 : They represent current values used when supplying power to the external clock from pin X1.
*5 : Defined by the maximum deviation of VOH2/VOL2 of each pin, when PWM1P0, PWM1M0, PWM2P0 and PWM2M0
in ch.0 are simultaneously turned on. The same applies to other channels.
Parameter
Sym-
bol
Pin name
Condition
Value
Unit
Remarks
Min
Typ
Max
Pull-down
resistance
RDOWN MOD1, MOD2
25
50
100
k
Ω
MASK ROM
products
only
Output “H”
voltage 1
VOH1
Other than
PA0 to PA3,
PB0 to PB7,
PC0 to PC3,
PE0 to PE7
Vcc
= 4.5 V
IOH
= −4.0 mA
VCC
0.5
⎯⎯
V
Output “H”
voltage 2
VOH2
PA0 to PA3,
PB0 to PB7,
PC0 to PC3,
PE0 to PE7
Vcc
= 4.5 V
IOH
= −30.0 mA
VCC
0.5
⎯⎯
V
Output “L”
voltage 1
VOL1
Other than
PA0 to PA3,
PB0 to PB7,
PC0 to PC3,
PE0 to PE7
Vcc
= 4.5 V
IOL
= 4.0 mA
⎯⎯
0.4
V
Output “L”
voltage 2
VOL2
PA0 to PA3,
PB0 to PB7,
PC0 to PC3,
PE0 to PE7
Vcc
= 4.5 V
IOL
= 30.0 mA
⎯⎯
0.55
V
High current output
Drive capacity
Phase-to-phase
deviation 1
ΔVOH2
PWM1Pn,
PWM1Mn,
PWM2Pn,
PWM2Mn,
n
= 0 to 5
Vcc
= 4.5 V
IOH
= 30.0 mA
Maximum
deviation of VOH2
0
90
mV
*5
High current
output
Drive capacity
Phase-to-phase
deviation 2
ΔVOL2
PWM1Pn,
PWM1Mn,
PWM2Pn,
PWM2Mn,
n
= 0 to 5
Vcc
= 4.5 V
IOL
= 30.0 mA
Maximum
deviation of VOL2
0
90
mV
*5
COM0 to COM3
Output impedance
RVCOM
COMm
(m
= 0 to 3)
⎯⎯
2.5
k
Ω
SEG00 to SEG31
Output impedance
RVSEG
SEGn
(n
= 00 to 31)
⎯⎯
15
30
k
Ω
LCDC leak current
ILCDC
COMm
(m
= 0 to 3) ,
SEGn,
(n
= 00 to 31)
TA
= +25 °C
−0.5
⎯+0.5
μA


Similar Part No. - MB91247

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91247 FUJITSU-MB91247 Datasheet
747Kb / 82P
   32-bit Microcontroller
MB91247PFV-GSE1 FUJITSU-MB91247PFV-GSE1 Datasheet
747Kb / 82P
   32-bit Microcontroller
MB91247S FUJITSU-MB91247S Datasheet
747Kb / 82P
   32-bit Microcontroller
MB91247SPFV-GSE1 FUJITSU-MB91247SPFV-GSE1 Datasheet
747Kb / 82P
   32-bit Microcontroller
More results

Similar Description - MB91247

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com