Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91245S Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB91245S
Description  32-bit Microcontroller
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91245S Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB91245S Datasheet HTML 1Page - Fujitsu Component Limited. MB91245S Datasheet HTML 2Page - Fujitsu Component Limited. MB91245S Datasheet HTML 3Page - Fujitsu Component Limited. MB91245S Datasheet HTML 4Page - Fujitsu Component Limited. MB91245S Datasheet HTML 5Page - Fujitsu Component Limited. MB91245S Datasheet HTML 6Page - Fujitsu Component Limited. MB91245S Datasheet HTML 7Page - Fujitsu Component Limited. MB91245S Datasheet HTML 8Page - Fujitsu Component Limited. MB91245S Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 84 page
background image
MB91245/S Series
2
(Continued)
• Interrupt (PC/PS save) : 6 cycles (16 priority levels)
• Harvard architecture allowing program access and data access to be executed simultaneously.
• Instruction set compatible with FR family
• Internal Peripheral Functions
• Internal ROM size & ROM type
MASK ROM
: 256 Kbytes (MB91248/S) / 128 Kbytes (MB91247/S)
Flash Memory
: 256 Kbytes (MB91F248/S)
/ 512 Kbytes (MB91F249/S)
• Internal RAM size : 16 Kbytes (MB91248/S, MB91F248/S) / 8 Kbytes (MB91247/S) / 24 Kbytes (MB91F249/S) /
32 Kbytes (MB91V245A)
• General-purpose ports : up to 120 ports (includes 4 input-only ports)
• 8/10-bit A/D converter (Sequential comparison type)
8/10-bit resolution : 32 channels
Conversion time : 3
μs (16/32 MHz)
Set the PLL multiplier and the division ratio of peripheral circuit clocks so that the above conversion time is
achieved.
32 MHz : Source oscillation (4 MHz) with x8 multiplier, divided by 1
16 MHz : Source oscillation with x8 multiplier, divided by 2
• External interrupt : 8 channels
• Bit search module (for REALOS)
Search function to locate the position of the first bit that changes from “1” to “0” in one word, from the MSB
(Most Significant Bit)
• UART (full duplex double buffer type) : 1 channel
Parity enable/disable selectable
Asynchronous clock operation (start-stop synchronization) and synchronous clock operation selectable
Dedicated baud-rate timer (U-Timer) embedded in each channel
External clock can be used as transfer clock
Parity, frame, overrun error detection functions provided
• LIN-UART (full duplex double buffer type) : 3 channels
Synchronous/asynchronous clock operations selectable
Sync-break detection
Dedicated built-in baud-rate generator
• Stepping motor controller (SMC) : 6 channels
8-bit PWM with 4 high-current outputs for each channel
• 8/16-bit PPG timer : 8/4 channels
• 16-bit reload timer : 3 channels
• 16-bit free-run timer : 2 channels (ICU/OCU linkage)
• 16-bit pulse width counter : 1 channel
• Input capture : 4 channels (linked to ch.0 and ch.1 of free-run timer)
ch.0 linked to PWC
• Output compare : 2 channels (linked to ch.0 of free-run timer)
• LCD controller : SEG00 to SEG31/COM0 to COM3 (shared with port)
• 16-bit timebase/watch dog timer
• Sound generator
• Real-time clock
• 32 kHz sub clock (not supported in single clock products)
• C-CAN : 2 channels
• Low power consumption modes : sleep mode, stop mode, watch mode
• Package : LQFP-144 (FPT-144P-M08)
• CMOS technology : 0.35
μm
• Power supply voltage : 5 V (Internal logic : 3.3 V, I/O : 5.0 V (step-down circuit used))


Similar Part No. - MB91245S

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91245 FUJITSU-MB91245 Datasheet
747Kb / 82P
   32-bit Microcontroller
More results

Similar Description - MB91245S

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com