Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91245S Datasheet(PDF) 79 Page - Fujitsu Component Limited.

Part # MB91245S
Description  32-bit Microcontroller
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91245S Datasheet(HTML) 79 Page - Fujitsu Component Limited.

Back Button MB91245S Datasheet HTML 75Page - Fujitsu Component Limited. MB91245S Datasheet HTML 76Page - Fujitsu Component Limited. MB91245S Datasheet HTML 77Page - Fujitsu Component Limited. MB91245S Datasheet HTML 78Page - Fujitsu Component Limited. MB91245S Datasheet HTML 79Page - Fujitsu Component Limited. MB91245S Datasheet HTML 80Page - Fujitsu Component Limited. MB91245S Datasheet HTML 81Page - Fujitsu Component Limited. MB91245S Datasheet HTML 82Page - Fujitsu Component Limited. MB91245S Datasheet HTML 83Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 84 page
background image
MB91245/S Series
79
(Continued)
(9) “H” level output voltage
(10) “H” level output voltage
(11) “L” level output voltage
(12) “L” level output voltage
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
−1
−2
−3
−4
IOH (mA)
(VCC - VOH1) - IOH
VCC
= DVCC = 5.0 V, TA = + 25 °C
−5
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
−10
−20
−30
IOH (mA)
(VCC - VOH2) - IOH
VCC
= DVCC = 5.0 V, TA = + 25 °C
−40
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
01234
IOL (mA)
VOL1 - IOL
VCC
= DVCC = 5.0 V, TA = + 25 °C
5
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
010
20
30
IOL (mA)
VOL2 - IOL
VCC
= DVCC = 5.0 V, TA = + 25 °C
40


Similar Part No. - MB91245S

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91245 FUJITSU-MB91245 Datasheet
747Kb / 82P
   32-bit Microcontroller
More results

Similar Description - MB91245S

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com