Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91245S Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB91245S
Description  32-bit Microcontroller
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91245S Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB91245S Datasheet HTML 1Page - Fujitsu Component Limited. MB91245S Datasheet HTML 2Page - Fujitsu Component Limited. MB91245S Datasheet HTML 3Page - Fujitsu Component Limited. MB91245S Datasheet HTML 4Page - Fujitsu Component Limited. MB91245S Datasheet HTML 5Page - Fujitsu Component Limited. MB91245S Datasheet HTML 6Page - Fujitsu Component Limited. MB91245S Datasheet HTML 7Page - Fujitsu Component Limited. MB91245S Datasheet HTML 8Page - Fujitsu Component Limited. MB91245S Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 84 page
background image
MB91245/S Series
5
■ PIN DESCRIPTIONS
(Continued)
Pin no.
Pin name
I/O circuit
type*
Function
1 to 4
P24 to P27
F
General purpose I/O port pins
SEG04 to SEG07
SEG output pins for LCDC
A04 to A07
Bits 04 to 07 pins of external address bus
5 to 12
P30 to P37
F
General purpose I/O port pins
SEG08 to SEG15
SEG output pins for LCDC
A08 to A15
Bits 08 to 15 pins of external address bus
13 to 15
P10 to P12
G
General purpose I/O port pins
SEG16 to SEG18
SEG output pins for LCDC
D08 to D10
Bits 08 to 10 pins of external data bus
16
X0A
B
Sub clock (oscillation) input
17
X1A
B
Sub clock (oscillation) output
18
VCC
Power supply pin
19
VSS
GND pin
20
VCC3C
Capacitor connection pin for internal regulator
21 to 25
P13 to P17
G
General purpose I/O port pins
SEG19 to SEG23
SEG output pins for LCDC
D11 to D15
Bits 11 to 15 pins of external data bus
26 to 31
P00 to P05
G
General purpose I/O port pins
SEG24 to SEG29
SEG output pins for LCDC
INT0 to INT5
External interrupt input pins
D00 to D05
Bits 00 to 05 pins of external data bus
32
P06
G
General purpose I/O port pin
SEG30
SEG output pins for LCDC
D06
Bit 06 pin of external data bus
33
P07
G
General purpose I/O port pin
SEG31
SEG output pin for LCDC
ATG
External trigger input pin at using of A/D converter
D07
Bit 07 pin of external data bus
34
P70
I
General purpose I/O port pin
INT6
External interrupt input pin
RX0
RX0 input pin of CAN0
35
P71
I
General purpose I/O port pin
TX0
TX0 output pin of CAN0


Similar Part No. - MB91245S

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91245 FUJITSU-MB91245 Datasheet
747Kb / 82P
   32-bit Microcontroller
More results

Similar Description - MB91245S

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com