Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91245S Datasheet(PDF) 43 Page - Fujitsu Component Limited.

Part # MB91245S
Description  32-bit Microcontroller
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91245S Datasheet(HTML) 43 Page - Fujitsu Component Limited.

Back Button MB91245S Datasheet HTML 39Page - Fujitsu Component Limited. MB91245S Datasheet HTML 40Page - Fujitsu Component Limited. MB91245S Datasheet HTML 41Page - Fujitsu Component Limited. MB91245S Datasheet HTML 42Page - Fujitsu Component Limited. MB91245S Datasheet HTML 43Page - Fujitsu Component Limited. MB91245S Datasheet HTML 44Page - Fujitsu Component Limited. MB91245S Datasheet HTML 45Page - Fujitsu Component Limited. MB91245S Datasheet HTML 46Page - Fujitsu Component Limited. MB91245S Datasheet HTML 47Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 84 page
background image
MB91245/S Series
43
(Continued)
Pin
name
Function name
Initial value
In sleep
state
In stop state
INIT
= “L”
INIT
= “H”
HIZ
= 0
HIZ
= 1
P40
P40/SIN0
Output Hi-Z
input
enabled
Output Hi-Z
input
enabled
P :
Immediately
preceding
status held
F :
Normal
operation
performed
P :
Immediately
preceding
status held
F :
Output held or
Hi-Z
Output Hi-Z /
Input fixed to
“0”
P41
P41/SOT0
P42
P42/SCK0
P43
P43/SIN3
P44
P44/SOT3
P45
P45/SCK3
P46
P46/SGA/AS
P47
P47/SGO/SYSCLK
P50
P50/SIN4/CK0/CS0
P51
P51/SOT4/CS1
P52
P52/SCK4/CS2
P53
P53/SIN5/CK1/CS3
P54
P54/SOT5/RD
P55
P55/SCK5/WR0
P56
P56/OUT0/WR1
P57
P57/OUT1/RDY
P60
to
P67
P60 to P67/AN0 to AN7
P70
P70/RX0/INT6
P :
Immediately
preceding
status held
F :
Output held,
INT6 input
enabled
Output Hi-Z /
INT6 input
enabled when
PFR7 register
is set to “1”
P71
P71/TX0
P :
Immediately
preceding
status held,
F : Hi-Z
Output Hi-Z /
Input fixed to
“0”
P72
P72/RX1/INT7
P :
Immediately
preceding
status held
F :
Output held,
INT7 input
enabled
Output Hi-Z /
INT7 input
enabled when
PFR7 register
is set to “1”


Similar Part No. - MB91245S

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91245 FUJITSU-MB91245 Datasheet
747Kb / 82P
   32-bit Microcontroller
More results

Similar Description - MB91245S

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com