Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91245 Datasheet(PDF) 55 Page - Fujitsu Component Limited.

Part # MB91245
Description  32-bit Microcontroller
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91245 Datasheet(HTML) 55 Page - Fujitsu Component Limited.

Back Button MB91245 Datasheet HTML 51Page - Fujitsu Component Limited. MB91245 Datasheet HTML 52Page - Fujitsu Component Limited. MB91245 Datasheet HTML 53Page - Fujitsu Component Limited. MB91245 Datasheet HTML 54Page - Fujitsu Component Limited. MB91245 Datasheet HTML 55Page - Fujitsu Component Limited. MB91245 Datasheet HTML 56Page - Fujitsu Component Limited. MB91245 Datasheet HTML 57Page - Fujitsu Component Limited. MB91245 Datasheet HTML 58Page - Fujitsu Component Limited. MB91245 Datasheet HTML 59Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 84 page
background image
MB91245/S Series
55
2.
Recommended Operating Conditions
(VSS
= DVSS = AVSS = 0.0 V)
*1 : Exclusive of A/D operation
*2 : Internal voltage held in RAM : 1.8 V (Min) /3.6 V (Max)
*3 : For how to connect the smoothing capacitor CS, refer to the figure below.
<
+ B input (12 V to 16 V) conditions>
• Do not connect +B potential directly to a microcontroller pin.
• Always connect a resistor between the microcontroller pin and +B signal to limit the current.
lIHH
= 2 mA per pin (Max.) [In the steady state and transient state between power-on and power-off, etc.]
It can be connected to any general-purpose input port except the output pin for LCDC.
• The protection diode in the microcontroller turns the potential upon +B input between the limiting resistor and
microcontroller pin into “VCC
+ protection diode ON voltage”. Configure the circuit so that these are not
interfered and the potential is not exceeded.
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply
voltage
VCC,
AVCC,
DVCC
4.5
5.5
V
Recommended guaranteed operating range
(MB91248, MB91F248, MB91F249, MB91F249S)
3.5
5.5
V
Guaranteed operating range*1
(MB91248, MB91F248, MB91F249, MB91F249S)
2.0
5.5
V
Guaranteed operating range for holding stop
operation status*2
(MB91248, MB91F248, MB91F249, MB91F249S)
Smoothing
capacitor*3
CS
1
μF
Use a ceramic capacitor or a capacitor with similar
frequency characteristics.
Operating
temperature
TA
−40
+105
°C
MASK ROM product
(in single chip operation)
−40
+105
°C
Flash memory product
(in single chip operation)
−40
+85
°C
MASK ROM/Flash memory product
(in external bus operation)
VSS
CS
DVSS
AVSS
VCC3C
• C Pin Connection Diagram


Similar Part No. - MB91245

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91245 FUJITSU-MB91245 Datasheet
747Kb / 82P
   32-bit Microcontroller
More results

Similar Description - MB91245

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com