Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF38F0010W0ZDQ0 Datasheet(PDF) 8 Page - Numonyx B.V

Part # RF38F0010W0ZDQ0
Description  Wireless Flash Memory (W18/W30 SCSP)
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

RF38F0010W0ZDQ0 Datasheet(HTML) 8 Page - Numonyx B.V

Back Button RF38F0010W0ZDQ0 Datasheet HTML 4Page - Numonyx B.V RF38F0010W0ZDQ0 Datasheet HTML 5Page - Numonyx B.V RF38F0010W0ZDQ0 Datasheet HTML 6Page - Numonyx B.V RF38F0010W0ZDQ0 Datasheet HTML 7Page - Numonyx B.V RF38F0010W0ZDQ0 Datasheet HTML 8Page - Numonyx B.V RF38F0010W0ZDQ0 Datasheet HTML 9Page - Numonyx B.V RF38F0010W0ZDQ0 Datasheet HTML 10Page - Numonyx B.V RF38F0010W0ZDQ0 Datasheet HTML 11Page - Numonyx B.V RF38F0010W0ZDQ0 Datasheet HTML 12Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
32WQ and 64WQ Family with Asynchronous RAM
Datasheet
November 2007
8
Order Number: 251407-13
32WQ and 64WQ Family with Asynchronous RAM
2.0
Functional Overview
This section provides an overview of the features and capabilities of the Numonyx
Wireless Flash Memory (W18/W30 SCSP) family with asynchronous RAM device.
The W18/W30 SCSP device provides flash + RAM die combinations. Products range
from single flash die, two flash die, flash + PSRAM, or flash + SRAM. You can choose a
W18 SCSP device or a W30 SCSP device with SRAM or PSRAM offered with the same
package footprint and signal ballout.
2.1
Block Diagram
Show here are all internal package connections for the SCSP family with multiple die.
See Table 21, “Ordering Information on Active Line Items” on page 40 for valid
combinations of flash and RAM die. Unused connections on combinations with less than
three die are reserved and should not be used.
Please contact your local Numonyx representative for details regarding any reserved or
RFU pins.
Figure 1: Block Diagram
Flash Die #2
32- or 64-Mbit W18/W30
RAM Die
4-, 8-, 16-Mbit SRAM
or
16- or 32-Mbit PSRAM
Flash Die #1
32- or 64-Mbit W18/W30
F2-VCC
S-VCC/P-VCC
F2-CE#
F2-OE#
R-WE#
R-UB#
R-LB#
S-CS2
VSS
F1-VCC
F1-CE#
F1-OE#
A[MAX:0]
P-CS#/S-CS1#
R-OE#
A[MAX:0]
D[15:0]
CLK
F-WP#
ADV#
F-RST#
F-WE#
VCCQ
F-VPP
WAIT
P-MODE


Similar Part No. - RF38F0010W0ZDQ0

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3800 RFMD-RF3800 Datasheet
59Kb / 2P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3800 RFMD-RF3800 Datasheet
1Mb / 12P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3800PCBA-416 RFMD-RF3800PCBA-416 Datasheet
59Kb / 2P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3800PCBA-416 RFMD-RF3800PCBA-416 Datasheet
1Mb / 12P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3800 RFMD-RF3800_07 Datasheet
1Mb / 12P
   GaAs HBT PRE-DRIVER AMPLIFIER
More results

Similar Description - RF38F0010W0ZDQ0

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
290701-18 NUMONYX-290701-18 Datasheet
1Mb / 102P
   Numonyx Wireless Flash Memory (W18)
28F640W30 NUMONYX-28F640W30 Datasheet
1Mb / 102P
   Numonyx Wireless Flash Memory (W30)
313272-06 NUMONYX-313272-06 Datasheet
1Mb / 90P
   Numonyx Wireless Flash Memory (W18) with AD Multiplexed IO
logo
Intel Corporation
28F640W30 INTEL-28F640W30 Datasheet
749Kb / 82P
   1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30)
28F128W18 INTEL-28F128W18 Datasheet
1Mb / 100P
   Intel짰 Wireless Flash Memory
logo
Rohm
BP3599 ROHM-BP3599 Datasheet
3Mb / 1P
   Wireless LAN Module with Flash Memory
logo
Intel Corporation
28F640L18 INTEL-28F640L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
logo
Numonyx B.V
28F128L18 NUMONYX-28F128L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
28F128L30 NUMONYX-28F128L30 Datasheet
1Mb / 102P
   StrataFlash짰 Wireless Memory
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com