Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90480B Datasheet(PDF) 29 Page - Fujitsu Component Limited.

Part # MB90480B
Description  16-bit Microcontroller
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90480B Datasheet(HTML) 29 Page - Fujitsu Component Limited.

Back Button MB90480B Datasheet HTML 25Page - Fujitsu Component Limited. MB90480B Datasheet HTML 26Page - Fujitsu Component Limited. MB90480B Datasheet HTML 27Page - Fujitsu Component Limited. MB90480B Datasheet HTML 28Page - Fujitsu Component Limited. MB90480B Datasheet HTML 29Page - Fujitsu Component Limited. MB90480B Datasheet HTML 30Page - Fujitsu Component Limited. MB90480B Datasheet HTML 31Page - Fujitsu Component Limited. MB90480B Datasheet HTML 32Page - Fujitsu Component Limited. MB90480B Datasheet HTML 33Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 124 page
background image
MB90480B/485B Series
29
* : These registers are only for MB90485B series.
They are used as the reserved area on MB90480B series.
(Continued)
Address
Register name
Abbreviated
register
name
Read/
Write
Resource name
Initial value
B9H
Interrupt control register 09
ICR09
W, R/W
Interrupt controller
XXXX0111B
BAH
Interrupt control register 10
ICR10
W, R/W
XXXX0111B
BBH
Interrupt control register 11
ICR11
W, R/W
XXXX0111B
BCH
Interrupt control register 12
ICR12
W, R/W
XXXX0111B
BDH
Interrupt control register 13
ICR13
W, R/W
XXXX0111B
BEH
Interrupt control register 14
ICR14
W, R/W
XXXX0111B
BFH
Interrupt control register 15
ICR15
W, R/W
XXXX0111B
C0H
Chip select area mask register 0
CMR0
R/W
Chip select
function
00001111B
C1H
Chip select area register 0
CAR0
R/W
11111111B
C2H
Chip select area mask register 1
CMR1
R/W
00001111B
C3H
Chip select area register 1
CAR1
R/W
11111111B
C4H
Chip select area mask register 2
CMR2
R/W
00001111B
C5H
Chip select area register 2
CAR2
R/W
11111111B
C6H
Chip select area mask register 3
CMR3
R/W
00001111B
C7H
Chip select area register 3
CAR3
R/W
11111111B
C8H
Chip select control register
CSCR
R/W
----000*B
C9H
Chip select active level register
CALR
R/W
----0000B
CAH
Timer control status register
TMCSR
R/W
16-bit reload timer
00000000B
CBH
----0000B
CCH
16-bit timer register/
16-bit reload register
TMR/TMRLR
R/W
XXXXXXXXB
CDH
CEH
(Reserved area)
CFH
PLL output control register
PLLOS
W
Low-power
consumption
------X0B
D0H to FFH
(External area)
100H to #H
(RAM area)
1FF0H
Program address detection register 0
(Low order address)
PADR0
R/W
Address match
detection function
XXXXXXXXB
1FF1H
Program address detection register 0
(Middle order address)
1FF2H
Program address detection register 0
(High order address)
1FF3H
Program address detection register 1
(Low order address)
PADR1
R/W
Address match
detection function
XXXXXXXXB
1FF4H
Program address detection register 1
(Middle order address)
1FF5H
Program address detection register 1
(High order address)


Similar Part No. - MB90480B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90480B FUJITSU-MB90480B_10 Datasheet
629Kb / 124P
   16-bit Microcontroller
More results

Similar Description - MB90480B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com