Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90480B Datasheet(PDF) 54 Page - Fujitsu Component Limited.

Part # MB90480B
Description  16-bit Microcontroller
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90480B Datasheet(HTML) 54 Page - Fujitsu Component Limited.

Back Button MB90480B Datasheet HTML 50Page - Fujitsu Component Limited. MB90480B Datasheet HTML 51Page - Fujitsu Component Limited. MB90480B Datasheet HTML 52Page - Fujitsu Component Limited. MB90480B Datasheet HTML 53Page - Fujitsu Component Limited. MB90480B Datasheet HTML 54Page - Fujitsu Component Limited. MB90480B Datasheet HTML 55Page - Fujitsu Component Limited. MB90480B Datasheet HTML 56Page - Fujitsu Component Limited. MB90480B Datasheet HTML 57Page - Fujitsu Component Limited. MB90480B Datasheet HTML 58Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 124 page
background image
MB90480B/485B Series
54
(2) Output Compare
The output compare module is composed of a 16-bit compare register, compare output pin unit, and control
register. When the value in the compare register in this module matches the 16-bit free-run timer, the pin output
levels can be inverted and an interrupt generated.
• There are six compare registers in all, each operating independently. A setting is available to allow two compare
registers to be used to control output.
• Interrupts can be set in terms of compare match events.
• Register List
Output compare registers (OCCP0 to OCCP5)
Output compare control registers (OCS1/OCS3/OCS5)
Output compare control registers (OCS0/OCS2/OCS4)
Initial value
00004BH
00004DH
00004FH
000051H
000053H
000055H
00000000B
Initial value
00004AH
00004CH
00004EH
000050H
000052H
000054H
00000000B
Initial value
000057H
000059H
00005BH
---00000B
Initial values
000056H
000058H
00005AH
0000--00B
15
14
13
12
11
10
9
8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
C14
C15
C13
C12
C11
C10
C09
C08
76
5
4
3
2
1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
C06
C07
C05
C04
C03
C02
C01
C00
0
15
14
13
12
11
10
9
8
⎯⎯
R/W
R/W
R/W
R/W
R/W
⎯⎯
CMOD
OTE1
OTE0
OTD1
OTD0
76
5
4
3
21
0
R/W
R/W
R/W
R/W
⎯⎯
R/W
R/W
ICP0
ICP1
ICE1
ICE0
⎯⎯
CST1
CST0


Similar Part No. - MB90480B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90480B FUJITSU-MB90480B_10 Datasheet
629Kb / 124P
   16-bit Microcontroller
More results

Similar Description - MB90480B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com