Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB8508S064CE-100 Datasheet(PDF) 12 Page - Fujitsu Component Limited.

Part No. MB8508S064CE-100
Description  8 M x 64 BIT SYNCHRONOUS DYNAMIC RAM SO-DIMM
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB8508S064CE-100 Datasheet(HTML) 12 Page - Fujitsu Component Limited.

Back Button MB8508S064CE-100 Datasheet HTML 8Page - Fujitsu Component Limited. MB8508S064CE-100 Datasheet HTML 9Page - Fujitsu Component Limited. MB8508S064CE-100 Datasheet HTML 10Page - Fujitsu Component Limited. MB8508S064CE-100 Datasheet HTML 11Page - Fujitsu Component Limited. MB8508S064CE-100 Datasheet HTML 12Page - Fujitsu Component Limited. MB8508S064CE-100 Datasheet HTML 13Page - Fujitsu Component Limited. MB8508S064CE-100 Datasheet HTML 14Page - Fujitsu Component Limited. MB8508S064CE-100 Datasheet HTML 15Page - Fujitsu Component Limited. MB8508S064CE-100 Datasheet HTML 16Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MB8508S064CE-100/-100L
12
(3) CLOCK COUNT FORMULA (*9)
(4) LATENCY (The latency values on these parameters are fixed regardless of clock period.)
Notes: *1. An initial pause (DESL on NOP) of 200
µs is required after power-up followed by a minimum of eight
Auto-refresh cycles.
*2. 1.4 V or VREF is the reference level for measuring timing of signals.
Transition times are measured between VIH (min) and VIL (max).
*3. AC characteristics assume tT = 1 ns and 50 pF of capacitive load.
*4. Maximum value of CL = 2 depends on tCK.
*5. tAC also specifies the access time at burst mode except for first access.
*6. Specified where output buffer is no longer driven. tOH, tLZ, and tHZ define the times at which the output
level achieves
±200 mV.
*7. Actual clock count of tRC (IRC) will be sum of clock count of tRAS (IRAS) and tRP (IRP).
*8. Operation within the tRCD (min) ensures that access time is determined by tRCD (min) + tAC (max); if tRCD
is greater than the specified tRCD (min), access time is determined by tAC.
*9. All base values are measured from the clock edge at the command input to the clock edge for the next
command input.
All clock counts are calculated by a simple formula:
clock count equals base value divided by clock period (round off to a whole number).
*Source: See MB81F64842C Data Sheet for details on the electrical.
No.
Parameter
Symbol
MB8508S064CE
-100/100L
Unit
1
CKE to Clock Disable
ICKE
1Cycle
2
DQM to Output in High-Z
IDQZ
2Cycle
3
DQM to Input Data Delay
IDQD
0Cycle
4
Last Output to Write Command Delay
IOWD
2Cycle
5
Write Command to Input Data Delay
IDWD
0Cycle
6
Precharge to Output in High-Z Delay
CL = 3
IROH3
3Cycle
CL = 2
IROH2
2Cycle
7
Burst Stop Command to Output in High-Z Delay
CL = 3
IBSH3
3Cycle
CL = 2
IBSH2
2Cycle
8CAS to CAS Delay (min)
ICCD
1Cycle
9CAS Bank Delay (min)
ICBD
1Cycle
Clock
Base Value
Clock Period
(Round off a whole number)
To Top / Lineup / Index


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn