Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB8508S064CE-100 Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB8508S064CE-100
Description  8 M x 64 BIT SYNCHRONOUS DYNAMIC RAM SO-DIMM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB8508S064CE-100 Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB8508S064CE-100 Datasheet HTML 3Page - Fujitsu Component Limited. MB8508S064CE-100 Datasheet HTML 4Page - Fujitsu Component Limited. MB8508S064CE-100 Datasheet HTML 5Page - Fujitsu Component Limited. MB8508S064CE-100 Datasheet HTML 6Page - Fujitsu Component Limited. MB8508S064CE-100 Datasheet HTML 7Page - Fujitsu Component Limited. MB8508S064CE-100 Datasheet HTML 8Page - Fujitsu Component Limited. MB8508S064CE-100 Datasheet HTML 9Page - Fujitsu Component Limited. MB8508S064CE-100 Datasheet HTML 10Page - Fujitsu Component Limited. MB8508S064CE-100 Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
MB8508S064CE-100/-100L
s ABSOLUTE MAXIMUM RATINGS (See WARNING)
* : Voltages referenced to VSS (= 0 V)
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
s RECOMMENDED OPERATING CONDITIONS
*1. Voltages referenced to VSS (= 0 V)
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating conditionranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Value
Unit
Min.
Max.
Supply Voltage*
VCC
–0.5
+4.6
V
Input Voltage*
VIN
–0.5
+4.6
V
Output Voltage*
VOUT
–0.5
+4.6
V
Storage Temperature
TSTG
–55
+125
°C
Power Dissipation
PD
—8.0
W
Output Current (D.C.)
IOUT
–50
+50
mA
Parameter
Notes
Symbol
Value
Unit
Min.
Typ.
Max.
Supply Voltage
*1
VCC
3.0
3.3
3.6
V
VSS
000
V
Input High Voltage, All Inputs
*1, 2
VIH
2.0
VCC +0.5
V
Input Low Voltage, All Inputs
*1, 3
VIL
–0.5
0.8
V
Ambient Temperature
TA
0—
+70
°C
*3. Undershoot limit: VIL (min)
4.6 V
VIH
VIL
Pulse width
≤ 5 ns
*2. Overshoot limit: VIH (max)
50% of pulse amplitude
VIH
VIL
1.5V
pulse width measured at 50% of pulse amplitude.
= 4.6 V for pulse width <= 5 ns acceptable,
= VSS –1.5 V for pulse width <= 5 ns acceptable,
pulse width measured at 50% of pulse amplitude.
50% of pulse amplitude
Pulse width
≤ 5 ns
VIHmin
VILmax
To Top / Lineup / Index


Similar Part No. - MB8508S064CE-100

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB8508S064CF FUJITSU-MB8508S064CF Datasheet
336Kb / 20P
   8 M X 64 BIT SYNCHRONOUS DYNAMIC RAM SO-DIMM
More results

Similar Description - MB8508S064CE-100

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB8508S064CF FUJITSU-MB8508S064CF Datasheet
336Kb / 20P
   8 M X 64 BIT SYNCHRONOUS DYNAMIC RAM SO-DIMM
logo
NEC
MC-4516CB64ES NEC-MC-4516CB64ES Datasheet
129Kb / 6P
   16 M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
MC-4516CD64ES NEC-MC-4516CD64ES Datasheet
130Kb / 6P
   16 M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
logo
Elpida Memory
MC-4516CD64ES ELPIDA-MC-4516CD64ES Datasheet
143Kb / 16P
   16 M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
MC-45D16CD641KS ELPIDA-MC-45D16CD641KS Datasheet
177Kb / 14P
   16 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-4516CD641ES NEC-MC-4516CD641ES Datasheet
150Kb / 6P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
MC-458CB64ESB NEC-MC-458CB64ESB Datasheet
126Kb / 6P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
logo
Elpida Memory
MC-4516CD641ES ELPIDA-MC-4516CD641ES Datasheet
154Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
MC-458CB641ES ELPIDA-MC-458CB641ES Datasheet
151Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
MC-458CB64ESB ELPIDA-MC-458CB64ESB Datasheet
141Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com