Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3783UCM+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3783UCM+
Description  2.7Gbps Dual Mux/Buffer with Loopback
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3783UCM+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3783UCM+ Datasheet HTML 1Page - Maxim Integrated Products MAX3783UCM+ Datasheet HTML 2Page - Maxim Integrated Products MAX3783UCM+ Datasheet HTML 3Page - Maxim Integrated Products MAX3783UCM+ Datasheet HTML 4Page - Maxim Integrated Products MAX3783UCM+ Datasheet HTML 5Page - Maxim Integrated Products MAX3783UCM+ Datasheet HTML 6Page - Maxim Integrated Products MAX3783UCM+ Datasheet HTML 7Page - Maxim Integrated Products MAX3783UCM+ Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2.7Gbps Dual Mux/Buffer with Loopback
4
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1, 12, 24,
30, 31, 37
GND
Supply Ground
2
SIA-
Serial Input A Negative, CML
3
SIA+
Serial Input A Positive, CML
4, 9, 14, 17,
20, 23, 27,
34, 38, 41,
44, 47
VCC
+3.3V Supply
5
LB1A
Line Out 1A Loopback Mode Select. TTL low selects loopback.
6
LB2A
Line Out 2A Loopback Mode Select. TTL low selects loopback.
7
LB1B
Line Out 1B Loopback Mode Select. TTL low selects loopback.
8
LB2B
Line Out 2B Loopback Mode Select. TTL low selects loopback.
10
SIB+
Serial Input B Positive, CML
11
SIB-
Serial Input B Negative, CML
13
SELB
Serial Output B Input Select, TTL
15
SOB+
Serial Output B Positive, CML
16
SOB-
Serial Output B Negative, CML
18
LO1B+
Line Out 1B Positive, CML
19
LO1B-
Line Out 1B Negative, CML
21
LO2B+
Line Out 2B Positive, CML
22
LO2B-
Line Out 2B Negative, CML
25
LI2B+
Line In 2B Positive, CML
26
LI2B-
Line In 2B Negative, CML
28
LI1B+
Line In 1B Positive, CML
29
LI1B-
Line In 1B Negative, CML
32
LI1A-
Line In 1A Negative, CML
33
LI1A+
Line In 1A Positive, CML
35
LI2A-
Line In 2A Negative, CML
36
LI2A+
Line In 2A Positive, CML
39
LO2A-
Line Out 2A Negative, CML
40
LO2A+
Line Out 2A Positive, CML
42
LO1A-
Line Out 1A Negative, CML
43
LO1A+
Line Out 1A Positive, CML
45
SOA-
Serial Output A Negative, CML
46
SOA+
Serial Output A Positive, CML
48
SELA
Serial Out A Input Select, TTL
EP
Exposed
Pad
Ground. Must be soldered to the circuit board for proper thermal and electrical performance (see
the Exposed-Pad (EP) Package section).


Similar Part No. - MAX3783UCM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX378 MAXIM-MAX378 Datasheet
104Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-1902; Rev 1; 8/94
MAX378-MAX379 MAXIM-MAX378-MAX379 Datasheet
104Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-1902; Rev 1; 8/94
MAX3781 MAXIM-MAX3781 Datasheet
300Kb / 5P
   Evaluation Kit
Rev 1; 10/01
MAX3781EVKIT MAXIM-MAX3781EVKIT Datasheet
300Kb / 5P
   Evaluation Kit
Rev 1; 10/01
MAX3784 MAXIM-MAX3784 Datasheet
272Kb / 7P
   5Gbps PCB Equalizer
Rev 4; 10/07
More results

Similar Description - MAX3783UCM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3786 MAXIM-MAX3786 Datasheet
339Kb / 10P
   1.5Gbps Serial ATA-Compatible Mux/Buffer with Loopback and Equalization
Rev 2; 6/04
logo
Analog Devices
AD8155 AD-AD8155 Datasheet
1Mb / 36P
   6.5 Gbps Dual Buffer Mux/Demux
REV. 0
logo
Texas Instruments
DS100MB201 TI1-DS100MB201_16 Datasheet
1Mb / 26P
[Old version datasheet]   Dual Lane 2:1/1:2 Mux/Buffer with Equalization
DS100MB201 TI1-DS100MB201 Datasheet
352Kb / 22P
[Old version datasheet]   DS100MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization
logo
Micrel Semiconductor
SY55859L MICREL-SY55859L Datasheet
83Kb / 9P
   3.3V, 2.7Gbps DUAL 2X2 CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX3863 MAXIM-MAX3863 Datasheet
466Kb / 15P
   2.7Gbps Laser Driver with Modulation Compensation
Rev 2; 5/03
MAX3840 MAXIM-MAX3840_07 Datasheet
130Kb / 8P
   3.3V, 2.7Gbps Dual 2 ✕ 2 Crosspoint Switch
Rev 5; 9/07
logo
Texas Instruments
DS64MB201 TI1-DS64MB201_13 Datasheet
2Mb / 32P
[Old version datasheet]   Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
logo
National Semiconductor ...
DS15MB200_0605 NSC-DS15MB200_0605 Datasheet
591Kb / 10P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
DS15MB200 NSC-DS15MB200 Datasheet
581Kb / 10P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com