Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1945R Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX1945R
Description  1MHz, 1% Accurate, 6A Internal Switch Step-Down Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1945R Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX1945R Datasheet HTML 8Page - Maxim Integrated Products MAX1945R Datasheet HTML 9Page - Maxim Integrated Products MAX1945R Datasheet HTML 10Page - Maxim Integrated Products MAX1945R Datasheet HTML 11Page - Maxim Integrated Products MAX1945R Datasheet HTML 12Page - Maxim Integrated Products MAX1945R Datasheet HTML 13Page - Maxim Integrated Products MAX1945R Datasheet HTML 14Page - Maxim Integrated Products MAX1945R Datasheet HTML 15Page - Maxim Integrated Products MAX1945R Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Soft-Start
The MAX1945R/MAX1945S employs digital soft-start to
reduce supply in-rush current during startup conditions.
When the device exits undervoltage lockout (UVLO),
shutdown mode, or restarts following a thermal-overload
event, the digital soft-start circuitry slowly ramps up the
voltages at REF and FB (see the Typical Operating
Characteristics). An internal oscillator sets the soft-start
time to 3.7ms (typ). Use a of 0.22µF capacitor (min) to
reduce the susceptibility to switching noise.
Undervoltage Lockout (UVLO)
When VCC drops below 2.35V, the UVLO circuit inhibits
switching. Once VCC rises above 2.4V, UVLO clears
and the soft-start function activates.
Bootstrap (BST)
A capacitor connected between BST and LX and a
Schottky diode connected from IN to BST generate the
gate drive for the internal high-side N-channel MOSFET.
When the low-side N-channel MOSFET is on, LX goes to
PGND. IN charges the bootstrap capacitor through the
Schottky diode. When the low-side N-channel MOSFET
turns off and the high side N-channel MOSFET turns on,
VLX goes to VIN. The Schottky diode prevents the capac-
itor from discharging into IN.
Frequency Select (SYNC)
The MAX1945R/MAX1945S operate in PWM mode with
a selectable fixed frequency or synchronized to an
external frequency. The devices switch at a frequency
of 500kHz when SYNC is connected to ground. The
devices switch at 1MHz with SYNC connected to VCC.
Apply an external frequency of 400kHz to 1.2MHz with
10% to 90% duty cycle at SYNC to synchronize the
switching frequency of MAX1945R/MAX1945S.
Output Voltage Select
The MAX1945R/MAX1945S feature selectable fixed and
adjustable output voltages. With FB connected to the
output, the output voltage is 1.8V when FBSEL is at
GND and 2.5V when FBSEL is at VCC (Figure 1). When
FBSEL is floating, connect FB to an external resistor
divider from VOUT to GND to set the output
voltage from 0.8V to 85% of VIN (Figure 2). Select R2 in
the 1k
Ω to 10kΩ range. Calculate R1 using the follow-
ing equation:
where VFB = 0.8V.
Shutdown Mode
Drive CTL1 and CTL2 to ground to shut down the
MAX1945R/MAX1945S. In shutdown mode, the internal
MOSFETs stop switching and LX goes to high imped-
ance; REF and COMP go to ground.
Voltage Margining
The MAX1945R/MAX1945S provide selectable voltage
margining. The MAX1945R provides ±4% voltage mar-
gining, and the MAX1945S provides ±9% voltage margin-
ing. CTL1 and CTL2 set the voltage margins (Table 1).
Thermal Protection
Thermal-overload protection limits total power dissipa-
tion in the device. When the junction temperature (TJ)
exceeds 165°C, a thermal sensor forces the device into
shutdown, allowing the die to cool. The thermal sensor
turns the device on again after the junction temperature
cools by 20°C, causing a pulsed output during continu-
ous overload conditions.The soft-start sequence begins
after a thermal-shutdown condition.
Design Procedure
VCC Decoupling
Because of the high switching frequency and tight out-
put tolerance, decouple VCC with 0.1µF capacitor from
VCC to GND with a 10
Ω resistor from VCC to IN. Place
the capacitor as close to VCC as possible.
Inductor Design
Choose an inductor with the following equation:
where LIR is the ratio of the inductor ripple current to
average continuous current at a minimum duty cycle.
Choose LIR between 20% to 40% of the maximum load
current for best performance and stability.
L
VV
V
fV
LIR
I
OUT
IN
OUT
OSC
IN
OUT MAX
=
×
()
××
×
()
RR
V
V
OUT
FB
12
1
=


1MHz, 1% Accurate, 6A Internal Switch
Step-Down Regulators
12
______________________________________________________________________________________
VOUT
CTL1
CTL2
MAX1945R
MAX1945S
0V
0V
OFF
OFF
VCC
VCC
NOMINAL
NOMINAL
VCC
0V
-4%
-9%
Voltage Margin
0V
VCC
+4%
+9%
Table 1. Setting Voltage Margin


Similar Part No. - MAX1945R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1945 MAXIM-MAX1945 Datasheet
158Kb / 6P
   Evaluation Kit
Rev 1; 1/03
MAX1945EVKIT MAXIM-MAX1945EVKIT Datasheet
158Kb / 6P
   Evaluation Kit
Rev 1; 1/03
More results

Similar Description - MAX1945R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8505 MAXIM-MAX8505_V01 Datasheet
220Kb / 15P
   3A, 1MHz, 1% Accurate, Internal Switch Step-Down Regulator with Power-OK
2010
MAX8505 MAXIM-MAX8505 Datasheet
245Kb / 15P
   3A, 1MHz, 1% Accurate, Internal Switch Step-Down Regulator with Power-OK
Rev 0; 10/03
MAX1742 MAXIM-MAX1742 Datasheet
597Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 1; 2/02
MAX1742 MAXIM-MAX1742_05 Datasheet
287Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 2; 9/05
MAX1830 MAXIM-MAX1830 Datasheet
278Kb / 13P
   3A, 1MHz, Low-Voltage, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-2198; Rev 0; 10/01
logo
Skyworks Solutions Inc.
AAT1123 SKYWORKS-AAT1123 Datasheet
936Kb / 18P
   1MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1123 ANALOGICTECH-AAT1123 Datasheet
558Kb / 20P
   1MHz Step-Down Converter
AAT1123 ANALOGICTECH-AAT1123_07 Datasheet
577Kb / 20P
   1MHz Step-Down Converter
logo
Maxim Integrated Produc...
MAX17083 MAXIM-MAX17083 Datasheet
392Kb / 15P
   Low-Voltage, Internal Switch, Step-Down Regulator
Rev 0; 2/09
logo
Anpec Electronics Corop...
APW7137 ANPEC-APW7137_13 Datasheet
474Kb / 22P
   1MHz, High Efficiency, Step-Up Converter with Internal FET Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com