Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M36P0R9060N0ZANE Datasheet(PDF) 1 Page - Numonyx B.V

Part # M36P0R9060N0ZANE
Description  512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Mux I/O, Multi-Chip Package
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M36P0R9060N0ZANE Datasheet(HTML) 1 Page - Numonyx B.V

  M36P0R9060N0ZANE Datasheet HTML 1Page - Numonyx B.V M36P0R9060N0ZANE Datasheet HTML 2Page - Numonyx B.V M36P0R9060N0ZANE Datasheet HTML 3Page - Numonyx B.V M36P0R9060N0ZANE Datasheet HTML 4Page - Numonyx B.V M36P0R9060N0ZANE Datasheet HTML 5Page - Numonyx B.V M36P0R9060N0ZANE Datasheet HTML 6Page - Numonyx B.V M36P0R9060N0ZANE Datasheet HTML 7Page - Numonyx B.V M36P0R9060N0ZANE Datasheet HTML 8Page - Numonyx B.V M36P0R9060N0ZANE Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
November 2007
Rev 0.2
1/23
1
M36P0R9060N0
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory
64 Mbit (Burst) PSRAM, 1.8V supply, Mux I/O, Multi-Chip Package
Feature summary
Multi-Chip Package
– 1 die of 512 Mbit (32Mb x 16, Multiple
Bank, Multi-Level, Burst) Flash memory
–1 die of 64 Mbit (4Mb x16) PSRAM
Supply voltage
–VDDF = VCCP = VDDQ = 1.7 to 1.95V
–VPPF = 9V for fast program
Electronic signature
– Manufacturer Code: 20h
– Device Code: 8833
ECOPACK® package
Flash memory
Multiplexed Address/Data
Synchronous / Asynchronous Read
– Synchronous Burst Read mode:
108MHz, 66MHz
– Asynchronous Page Read mode
– Random Access: 96ns
Programming time
– 4.2µs typical Word program time using
Buffer Enhanced Factory Program
command
Memory organization
– Multiple Bank Memory Array: 64 Mbit
Banks
– Four Extended Flash Array (EFA) Blocks of
64 Kbits
Dual operations
– program/erase in one Bank while read in
others
– No delay between read and write
operations
Security
– 64 bit unique device number
– 2112 bit user programmable OTP Cells
100,000 Program/erase cycles per block
Block locking
– All Blocks locked at power-up
– Any combination of Blocks can be locked
with zero latency
–WPF for Block Lock-Down
– Absolute Write Protection with VPPF = VSS
Common Flash Interface (CFI)
PSRAM
Multiplexed Address/Data bus
Asynchronous operating modes
– Random Read: 70ns access time
– Asynchronous Write
Synchronous modes
– Synchronous Read: Fixed length (4-, 8-,
16-, and 32-Word) or continuous burst
– Clock Frequency: 83MHz (max)
– Synchronous Write: continuous burst
Low-power features
– Partial Array Self-Refresh (PASR)
– Deep Power-Down (DPD) mode
– Automatic Temperature-compensated Self-
Refresh
TFBGA107 (ZAN)
FBGA
www.numonyx.com


Similar Part No. - M36P0R9060N0ZANE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36P0R9060E0 STMICROELECTRONICS-M36P0R9060E0 Datasheet
203Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9060E0 NUMONYX-M36P0R9060E0 Datasheet
459Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
STMicroelectronics
M36P0R9060E0ZACE STMICROELECTRONICS-M36P0R9060E0ZACE Datasheet
203Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9060E0ZACE NUMONYX-M36P0R9060E0ZACE Datasheet
459Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
STMicroelectronics
M36P0R9060E0ZACF STMICROELECTRONICS-M36P0R9060E0ZACF Datasheet
203Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
More results

Similar Description - M36P0R9060N0ZANE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36P0R9060E0 STMICROELECTRONICS-M36P0R9060E0 Datasheet
203Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9060E0 NUMONYX-M36P0R9060E0 Datasheet
459Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
STMicroelectronics
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0 Datasheet
200Kb / 26P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0_06 Datasheet
214Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9070E0 NUMONYX-M36P0R9070E0 Datasheet
468Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
STMicroelectronics
M36L0R8060T0 STMICROELECTRONICS-M36L0R8060T0 Datasheet
358Kb / 18P
   256 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36L0R8060T1 STMICROELECTRONICS-M36L0R8060T1 Datasheet
390Kb / 18P
   256 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory and 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36LLR8760T1 STMICROELECTRONICS-M36LLR8760T1 Datasheet
427Kb / 19P
   256 128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36L0R7060U1 STMICROELECTRONICS-M36L0R7060U1 Datasheet
170Kb / 22P
   128 Mbit (Mux I/O, Multiple Bank, Multi-Level, Burst) Flash memory, 32 or 64 Mbit PSRAM, 1.8V supply Multi-Chip Package
M36L0R7050T0 STMICROELECTRONICS-M36L0R7050T0 Datasheet
406Kb / 18P
   128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 32 Mbit (2M x16) PSRAM, 1.8V Supply Multi-Chip Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com