Electronic Components Datasheet Search |
|
MAX1219 Datasheet(PDF) 17 Page - Maxim Integrated Products |
|
MAX1219 Datasheet(HTML) 17 Page - Maxim Integrated Products |
17 / 21 page 1.8V, Dual, 12-Bit, 210Msps ADC for Broadband Applications ______________________________________________________________________________________ 17 Route the digital output traces for a high-speed, high- resolution data converter with care. Keep trace lengths at a minimum and place minimal capacitive loading, less than 5pF, on any digital trace to prevent coupling to sensitive analog sections of the ADC. Run the LVDS output traces as differential lines with 100 Ω characteris- tic impedance from the ADC to the LVDS load device. Static Parameter Definitions Integral Nonlinearity (INL) Integral nonlinearity is the deviation of the values on an actual transfer function from a straight line. This straight line can be either a best-straight-line fit or a line drawn between the end points of the transfer function, once offset and gain errors have been nullified. However, the static linearity parameters for the MAX1219 are measured using the histogram method with a 65MHz input frequency. 0.1 µF 0.1 µF 0.1 µF 0.1 µF SINGLE-ENDED INPUT TERMINAL 50 Ω 50 Ω CLKN CLKP 8 18 1 19 12 10 14 16 15 9 510 Ω 50 Ω 510 Ω VCLK 0.1 µF MAX9388 INAP/INBP INAN/INBN AGND AVCC OVCC MAX1219 DB0P/N–DB11P/N, ORBP/N 12 DA0P/N–DA11P/N, ORAP/N 12 OGND 50 Ω Figure 7. Differential, AC-Coupled, PECL-Compatible Clock Input Configuration 24.9 Ω 24.9 Ω 0.1 µF ADT1-1WT ADT1-1WT 10 Ω 10 Ω SINGLE-ENDED INPUT TERMINAL 0.1 µF 0.1 µF INAP/INBP INAN/INBN AGND AVCC OVCC MAX1219 DB0P/N–DB11P/N, ORBP/N 12 DA0P/N–DA11P/N, ORAP/N 12 OGND Figure 8. Analog Input Configuration with Back-to-Back Transformers and Secondary-Side Termination |
Similar Part No. - MAX1219 |
|
Similar Description - MAX1219 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |