Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M36L0T7050T2 Datasheet(PDF) 14 Page - Numonyx B.V

Part # M36L0T7050T2
Description  128 Mbit (Multiple Bank, Multi-Level, Burst) Flash memory and 32 Mbit (2Mb x16) PSRAM, Multi-Chip Package
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M36L0T7050T2 Datasheet(HTML) 14 Page - Numonyx B.V

Back Button M36L0T7050T2 Datasheet HTML 10Page - Numonyx B.V M36L0T7050T2 Datasheet HTML 11Page - Numonyx B.V M36L0T7050T2 Datasheet HTML 12Page - Numonyx B.V M36L0T7050T2 Datasheet HTML 13Page - Numonyx B.V M36L0T7050T2 Datasheet HTML 14Page - Numonyx B.V M36L0T7050T2 Datasheet HTML 15Page - Numonyx B.V M36L0T7050T2 Datasheet HTML 16Page - Numonyx B.V M36L0T7050T2 Datasheet HTML 17Page - Numonyx B.V M36L0T7050T2 Datasheet HTML 18Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Functional description
M36L0T7050T2, M36L0T7050B2
14/22
Table 2.
Operating modes(1)
Operation
EF GF WF
LF
RPF WAITF
(2) E1
P
E2P
GP
WP LBP,UBP
DQ0-
DQ7
DQ8-
DQ15
Flash Read
VIL VIL VIH VIL
(3)
VIH
PSRAM must be disabled
Data Out
Flash Write
VIL VIH VIL VIL
(3)
VIH
Data In
Flash Address
Latch
VIL
XVIH
VIL
VIH
Data Out or Hi-Z(4)
Flash Output
Disable
VIL VIH VIH
XVIH
Hi-Z
Any PSRAM mode is allowed
Hi-Z
Flash Standby
VIH
XX
X
VIH
Hi-Z
Hi-Z
Flash Reset
X
X
X
X
VIL
Hi-Z
Hi-Z
PSRAM Read(5)
Flash Memory must be disabled
VIL
VIH
VIL
VIH
VIL
VIH data out
Hi-Z
VIL
VIH
VIL
VIH VIH
VIL
Hi-Z
data out
VIL
VIH
VIL
VIH
VIL
VIL
data out
PSRAM Write(5)
VIL
VIH
VIH
VIL
VIL
VIH
data in
Hi-Z
VIL
VIH
VIH
VIL
VIH
VIL
Hi-Z
data in
VIL
VIH VIH
(6) V
IL
VIL
VIL
data in
PSRAM Output
Disabled(5)
Any Flash mode is allowed
VIL
VIH
VIH
VIL
VIH
VIH
Hi-Z
VIL
VIH
PSRAM Standby
(Deselected)
VIH VIH
XX
X
Hi-Z
PSRAM Power-
Down(7)
XVIL
XX
X
Hi-Z
1.
X = Don't care.
2.
WAIT signal polarity is configured using the Set Configuration Register command. See the M58LT128HTB datasheet for
details.
3.
LF can be tied to VIH if the valid address has been previously latched.
4.
Depends on GF.
5.
Should not be kept in this logic condition for a period longer than 1µs.
6.
GP can be VIL during the Write operation if the following conditions are satisfied:
a. Write pulse is initiated by E1P (E1P Controlled Write timing), or cycle time of the previous operation cycle is satisfied;
b. GP stays VIL during the entire Write cycle.
7.
Power-Down mode can be entered from Standby state and all Data outputs are in High-Z. The Power-Down current and
data retention depend on the selection of Power-Down programming.


Similar Part No. - M36L0T7050T2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36L0T7050T0 STMICROELECTRONICS-M36L0T7050T0 Datasheet
361Kb / 18P
   128Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 32Mbit (2M x16) PSRAM, Multi-Chip Package
M36L0T7050T0ZAQE STMICROELECTRONICS-M36L0T7050T0ZAQE Datasheet
361Kb / 18P
   128Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 32Mbit (2M x16) PSRAM, Multi-Chip Package
M36L0T7050T0ZAQF STMICROELECTRONICS-M36L0T7050T0ZAQF Datasheet
361Kb / 18P
   128Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 32Mbit (2M x16) PSRAM, Multi-Chip Package
M36L0T7050T0ZAQT STMICROELECTRONICS-M36L0T7050T0ZAQT Datasheet
361Kb / 18P
   128Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 32Mbit (2M x16) PSRAM, Multi-Chip Package
More results

Similar Description - M36L0T7050T2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36L0R7050T0 STMICROELECTRONICS-M36L0R7050T0 Datasheet
406Kb / 18P
   128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 32 Mbit (2M x16) PSRAM, 1.8V Supply Multi-Chip Package
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0 Datasheet
200Kb / 26P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0_06 Datasheet
214Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9070E0 NUMONYX-M36P0R9070E0 Datasheet
468Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
STMicroelectronics
M36L0R7040T0 STMICROELECTRONICS-M36L0R7040T0 Datasheet
352Kb / 18P
   128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory and 16 Mbit PSRAM, 1.8V Supply, Multi-Chip Package
M36P0R9060E0 STMICROELECTRONICS-M36P0R9060E0 Datasheet
203Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9060E0 NUMONYX-M36P0R9060E0 Datasheet
459Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
STMicroelectronics
M36LLR8760T1 STMICROELECTRONICS-M36LLR8760T1 Datasheet
427Kb / 19P
   256 128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36W0R5020T0 STMICROELECTRONICS-M36W0R5020T0 Datasheet
184Kb / 26P
   32 Mbit (2Mb x16, Multiple Bank, Burst) Flash Memory and 4 Mbit SRAM, 1.8V Supply Multi-Chip Package
M36W0R6040T0 STMICROELECTRONICS-M36W0R6040T0 Datasheet
346Kb / 18P
   64 Mbit (4Mb x16, Multiple Bank, Burst) Flash Memory and 16 Mbit (1Mb x16) PSRAM, Multi-Chip Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com