Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD1086XX Datasheet(PDF) 27 Page - STMicroelectronics

Part # LD1086XX
Description  1.5 A low drop positive voltage regulator adjustable and fixed
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1086XX Datasheet(HTML) 27 Page - STMicroelectronics

Back Button LD1086XX_08 Datasheet HTML 23Page - STMicroelectronics LD1086XX_08 Datasheet HTML 24Page - STMicroelectronics LD1086XX_08 Datasheet HTML 25Page - STMicroelectronics LD1086XX_08 Datasheet HTML 26Page - STMicroelectronics LD1086XX_08 Datasheet HTML 27Page - STMicroelectronics LD1086XX_08 Datasheet HTML 28Page - STMicroelectronics LD1086XX_08 Datasheet HTML 29Page - STMicroelectronics LD1086XX_08 Datasheet HTML 30Page - STMicroelectronics LD1086XX_08 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
LD1086xx
Package mechanical data
27/39
Figure 30.
Drawing dimension D2PAK (type STD-ST)
0079457/L


Similar Part No. - LD1086XX_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD1086XX50 STMICROELECTRONICS-LD1086XX50 Datasheet
584Kb / 37P
   1.5A Low drop positive voltage regulator adjustable and fixed
LD1086XX50 STMICROELECTRONICS-LD1086XX50 Datasheet
1Mb / 38P
   1.5 A low drop positive voltage regulator adjustable and fixed 
LD1086XX80 STMICROELECTRONICS-LD1086XX80 Datasheet
584Kb / 37P
   1.5A Low drop positive voltage regulator adjustable and fixed
LD1086XX90 STMICROELECTRONICS-LD1086XX90 Datasheet
584Kb / 37P
   1.5A Low drop positive voltage regulator adjustable and fixed
LD1086XX STMICROELECTRONICS-LD1086XX_07 Datasheet
1Mb / 38P
   1.5 A low drop positive voltage regulator adjustable and fixed 
More results

Similar Description - LD1086XX_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD1086XX STMICROELECTRONICS-LD1086XX_07 Datasheet
1Mb / 38P
   1.5 A low drop positive voltage regulator adjustable and fixed 
LD1117DT12CTR STMICROELECTRONICS-LD1117DT12CTR Datasheet
1Mb / 44P
   Adjustable and fixed low drop positive voltage regulator
logo
First Silicon Co., Ltd
FR1117P FS-FR1117P Datasheet
401Kb / 6P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATOR
2012. 07. 20 Revision No : 7
logo
STMicroelectronics
LD1117V-DG STMICROELECTRONICS-LD1117V-DG Datasheet
1Mb / 44P
   Adjustable and fixed low drop positive voltage regulator
LD1085XX STMICROELECTRONICS-LD1085XX Datasheet
941Kb / 27P
   3 A low drop positive voltage regulator adjustable and fixed
LD1117XX STMICROELECTRONICS-LD1117XX Datasheet
1Mb / 42P
   Adjustable and fixed low drop positive voltage regulator
KD1084XX STMICROELECTRONICS-KD1084XX Datasheet
768Kb / 22P
   5 A low drop positive voltage regulator adjustable and fixed
KD1084XX STMICROELECTRONICS-KD1084XX_08 Datasheet
356Kb / 20P
   5 A low drop positive voltage regulator adjustable and fixed
KD1084AXX STMICROELECTRONICS-KD1084AXX_09 Datasheet
346Kb / 17P
   5 A low drop positive voltage regulator adjustable and fixed
LD1084XX STMICROELECTRONICS-LD1084XX Datasheet
781Kb / 19P
   5 A low drop positive voltage regulator adjustable and fixed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com