Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD1086XX Datasheet(PDF) 7 Page - STMicroelectronics

Part # LD1086XX
Description  1.5 A low drop positive voltage regulator adjustable and fixed
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1086XX Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LD1086XX_08 Datasheet HTML 3Page - STMicroelectronics LD1086XX_08 Datasheet HTML 4Page - STMicroelectronics LD1086XX_08 Datasheet HTML 5Page - STMicroelectronics LD1086XX_08 Datasheet HTML 6Page - STMicroelectronics LD1086XX_08 Datasheet HTML 7Page - STMicroelectronics LD1086XX_08 Datasheet HTML 8Page - STMicroelectronics LD1086XX_08 Datasheet HTML 9Page - STMicroelectronics LD1086XX_08 Datasheet HTML 10Page - STMicroelectronics LD1086XX_08 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
LD1086xx
Maximum ratings
7/39
3
Maximum ratings
Note:
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these condition is not implied
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC input voltage
30
V
IO
Output current
Internally Limited
mA
PD
Power dissipation
Internally Limited
mW
TSTG
Storage temperature range
-55 to +150
°C
TOP
Operating junction temperature range
-40 to +125
°C
Table 3.
Thermal data
Symbol
Parameter
TO-220
D2PAK
D2PAK/A
DPAK
Unit
RthJC
Thermal resistance junction-case
3
3
8
°C/W
RthJA
Thermal resistance junction-ambient
50
62.5
°C/W


Similar Part No. - LD1086XX_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD1086XX50 STMICROELECTRONICS-LD1086XX50 Datasheet
584Kb / 37P
   1.5A Low drop positive voltage regulator adjustable and fixed
LD1086XX50 STMICROELECTRONICS-LD1086XX50 Datasheet
1Mb / 38P
   1.5 A low drop positive voltage regulator adjustable and fixed 
LD1086XX80 STMICROELECTRONICS-LD1086XX80 Datasheet
584Kb / 37P
   1.5A Low drop positive voltage regulator adjustable and fixed
LD1086XX90 STMICROELECTRONICS-LD1086XX90 Datasheet
584Kb / 37P
   1.5A Low drop positive voltage regulator adjustable and fixed
LD1086XX STMICROELECTRONICS-LD1086XX_07 Datasheet
1Mb / 38P
   1.5 A low drop positive voltage regulator adjustable and fixed 
More results

Similar Description - LD1086XX_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD1086XX STMICROELECTRONICS-LD1086XX_07 Datasheet
1Mb / 38P
   1.5 A low drop positive voltage regulator adjustable and fixed 
LD1117DT12CTR STMICROELECTRONICS-LD1117DT12CTR Datasheet
1Mb / 44P
   Adjustable and fixed low drop positive voltage regulator
logo
First Silicon Co., Ltd
FR1117P FS-FR1117P Datasheet
401Kb / 6P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATOR
2012. 07. 20 Revision No : 7
logo
STMicroelectronics
LD1117V-DG STMICROELECTRONICS-LD1117V-DG Datasheet
1Mb / 44P
   Adjustable and fixed low drop positive voltage regulator
LD1085XX STMICROELECTRONICS-LD1085XX Datasheet
941Kb / 27P
   3 A low drop positive voltage regulator adjustable and fixed
LD1117XX STMICROELECTRONICS-LD1117XX Datasheet
1Mb / 42P
   Adjustable and fixed low drop positive voltage regulator
KD1084XX STMICROELECTRONICS-KD1084XX Datasheet
768Kb / 22P
   5 A low drop positive voltage regulator adjustable and fixed
KD1084XX STMICROELECTRONICS-KD1084XX_08 Datasheet
356Kb / 20P
   5 A low drop positive voltage regulator adjustable and fixed
KD1084AXX STMICROELECTRONICS-KD1084AXX_09 Datasheet
346Kb / 17P
   5 A low drop positive voltage regulator adjustable and fixed
LD1084XX STMICROELECTRONICS-LD1084XX Datasheet
781Kb / 19P
   5 A low drop positive voltage regulator adjustable and fixed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com