Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W640GB Datasheet(PDF) 15 Page - Numonyx B.V

Part # M29W640GB
Description  64 Mbit (8Mb x8 or 4Mb x16, Page) 3V supply Flash memory
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W640GB Datasheet(HTML) 15 Page - Numonyx B.V

Back Button M29W640GB Datasheet HTML 11Page - Numonyx B.V M29W640GB Datasheet HTML 12Page - Numonyx B.V M29W640GB Datasheet HTML 13Page - Numonyx B.V M29W640GB Datasheet HTML 14Page - Numonyx B.V M29W640GB Datasheet HTML 15Page - Numonyx B.V M29W640GB Datasheet HTML 16Page - Numonyx B.V M29W640GB Datasheet HTML 17Page - Numonyx B.V M29W640GB Datasheet HTML 18Page - Numonyx B.V M29W640GB Datasheet HTML 19Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 90 page
background image
M29W640GH, M29W640GL, M29W640GT, M29W640GB
Signal descriptions
15/90
2.7
Write Enable (W)
The Write Enable, W, controls the Bus Write operation of the memory’s Command Interface.
2.8
VPP/Write Protect (VPP/WP)
The VPP/Write Protect pin provides two functions. The VPP function allows the memory to
use an external high voltage power supply to reduce the time required for Unlock Bypass
Program operations. The Write Protect performs hardware protection:
It protects the first and last block on M29W640GH and M29W640GL devices.
It protects the first two and the last two boot blocks on M29W640GT and M29W640GB
devices.
The VPP/Write Protect pin may be left floating or unconnected (see Table 17: DC
characteristics).
When VPP/Write Protect is Low, VIL, the two outermost (M29W640GH and M29W640GL) or
four outermost blocks (M29W640GT and M29W640GB) are protected. Program and Erase
operations in this block are ignored while VPP/Write Protect is Low, even when RP is at VID.
When VPP/Write Protect is High, VIH, the memory reverts to the previous protection status
of the outermost blocks. Program and Erase operations can now modify the data in the
outermost blocks unless the block is protected using Block Protection.
Applying 12V to the VPP/WP pin will temporarily unprotect any block previously protected
(including the outermost blocks) using a High Voltage Block Protection technique (In-
System or Programmer technique). See Table 6: Hardware Protection for details.
When VPP/Write Protect is raised to VPP the memory automatically enters the Unlock
Bypass mode. When VPP/Write Protect returns to VIH or VIL normal operation resumes.
During Unlock Bypass Program operations the memory draws IPP from the pin to supply the
programming circuits. See the description of the Unlock Bypass command in the Command
Interface section. The transitions from VIH to VPP and from VPP to VIH must be slower than
tVHVPP, see Figure 18: Accelerated Program Timing waveforms.
Never raise VPP/Write Protect to VPP from any mode except Read mode, otherwise the
memory may be left in an indeterminate state.
A 0.1µF capacitor should be connected between the VPP/Write Protect pin and the VSS
Ground pin to decouple the current surges from the power supply. The PCB track widths
must be sufficient to carry the currents required during Unlock Bypass Program, IPP.
Table 6.
Hardware Protection
VPP/WP
RP
Function
VIL
VIH
M29W640GT and
M29W640GB
4 outermost parameter blocks protected from
Program/Erase operations
M29W640GH and
M29W640GL
2 outermost blocks protected from Program/Erase
operations
VID
M29W640GT and
M29W640GB
All blocks temporarily unprotected except the 4 outermost
blocks
M29W640GH and
M29W640GL
All blocks temporarily unprotected except the 2 outermost
blocks


Similar Part No. - M29W640GB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W640D STMICROELECTRONICS-M29W640D Datasheet
1Mb / 15P
   FLASH NOR HIGH DENSITY & CONSUMER
M29W640DB STMICROELECTRONICS-M29W640DB Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
M29W640DB70N1E STMICROELECTRONICS-M29W640DB70N1E Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
M29W640DB70N1F STMICROELECTRONICS-M29W640DB70N1F Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
M29W640DB70N1T STMICROELECTRONICS-M29W640DB70N1T Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
More results

Similar Description - M29W640GB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W640FT STMICROELECTRONICS-M29W640FT Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M29W640FT NUMONYX-M29W640FT Datasheet
1Mb / 71P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W640DT STMICROELECTRONICS-M29W640DT Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
logo
Numonyx B.V
M29DW640F NUMONYX-M29DW640F Datasheet
1Mb / 74P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29DW640D STMICROELECTRONICS-M29DW640D Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M58LW064D STMICROELECTRONICS-M58LW064D Datasheet
349Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
September 2004
M58LW64D STMICROELECTRONICS-M58LW64D Datasheet
783Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
M28W640ECT STMICROELECTRONICS-M28W640ECT Datasheet
838Kb / 55P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
M29DW128F STMICROELECTRONICS-M29DW128F_06 Datasheet
756Kb / 94P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
M29DW128F STMICROELECTRONICS-M29DW128F Datasheet
719Kb / 93P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
August 2005 Rev 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com