Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W800DT Datasheet(PDF) 45 Page - Numonyx B.V

Part # M29W800DT
Description  8-Mbit (1 Mbit x 8 or 512 Kbits x 16, boot block) 3 V supply flash memory
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W800DT Datasheet(HTML) 45 Page - Numonyx B.V

Back Button M29W800DT Datasheet HTML 41Page - Numonyx B.V M29W800DT Datasheet HTML 42Page - Numonyx B.V M29W800DT Datasheet HTML 43Page - Numonyx B.V M29W800DT Datasheet HTML 44Page - Numonyx B.V M29W800DT Datasheet HTML 45Page - Numonyx B.V M29W800DT Datasheet HTML 46Page - Numonyx B.V M29W800DT Datasheet HTML 47Page - Numonyx B.V M29W800DT Datasheet HTML 48Page - Numonyx B.V M29W800DT Datasheet HTML 49Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
M29W800DT, M29W800DB
Block protection
45/52
Appendix C
Block protection
Block protection can be used to prevent any operation from modifying the data stored in the
Flash. Each block can be protected individually. Once protected, program and erase
operations on the block fail to change the data.
There are three techniques that can be used to control block protection, these are the
programmer technique, the in-system technique and temporary unprotection. Temporary
unprotection is controlled by the reset/block temporary unprotection pin, RP; this is
described in the Section 2: Signal descriptions.
Unlike the command interface of the program/erase controller, the techniques for protecting
and unprotecting blocks change between different Flash memory suppliers. For example,
the techniques for AMD parts will not work on Numonyx parts. Care should be taken when
changing drivers for one part to work on another.
C.1
Programmer technique
The programmer technique uses high (VID) voltage levels on some of the bus pins. These
cannot be achieved using a standard microprocessor bus, therefore the technique is
recommended only for use in programming equipment.
To protect a block follow the flowchart in Figure 18: Programmer equipment block protect
flowchart. To unprotect the whole chip it is necessary to protect all of the blocks first, then all
blocks can be unprotected at the same time. To unprotect the chip follow Figure 19:
Programmer equipment chip unprotect flowchart. Table 28: Programmer technique bus
operations, BYTE = VIH or VIL, gives a summary of each operation.
The timing on these flowcharts is critical. Care should be taken to ensure that, where a
pause is specified, it is followed as closely as possible. Do not abort the procedure before
reaching the end. Chip unprotect can take several seconds and a user message should be
provided to show that the operation is progressing.
C.2
In-system technique
The in-system technique requires a high voltage level on the reset/blocks temporary
unprotect pin, RP. This can be achieved without violating the maximum ratings of the
components on the microprocessor bus, therefore this technique is suitable for use after the
Flash has been fitted to the system.
To protect a block follow the flowchart in Figure 20: In-system equipment block protect
flowchart. To unprotect the whole chip it is necessary to protect all of the blocks first, then all
the blocks can be unprotected at the same time. To unprotect the chip follow Figure 21: In-
system equipment chip unprotect flowchart.
The timing on these flowcharts is critical. Care should be taken to ensure that, where a
pause is specified, it is followed as closely as possible. Do not allow the microprocessor to
service interrupts that will upset the timing and do not abort the procedure before reaching
the end. Chip unprotect can take several seconds and a user message should be provided
to show that the operation is progressing.


Similar Part No. - M29W800DT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W800DT STMICROELECTRONICS-M29W800DT Datasheet
313Kb / 42P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
M29W800DT STMICROELECTRONICS-M29W800DT Datasheet
651Kb / 41P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
M29W800DT70M1E STMICROELECTRONICS-M29W800DT70M1E Datasheet
651Kb / 41P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
April 2004
M29W800DT70M1F STMICROELECTRONICS-M29W800DT70M1F Datasheet
651Kb / 41P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
April 2004
M29W800DT70M1T STMICROELECTRONICS-M29W800DT70M1T Datasheet
651Kb / 41P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
April 2004
More results

Similar Description - M29W800DT

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29W800FB-KGD NUMONYX-M29W800FB-KGD Datasheet
285Kb / 15P
   Known good die, 8-Mbit (1 Mbit x 8 or 512 Kbits x 16), boot block, 3 V supply Flash memory
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
M29W064FT NUMONYX-M29W064FT Datasheet
1Mb / 69P
   64 Mbit (8 Mbit x 8 or 4 Mbit x 16, page, boot block) 3 V supply Flash memory
M29W400DT NUMONYX-M29W400DT Datasheet
1Mb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M29W400DT STMICROELECTRONICS-M29W400DT_07 Datasheet
449Kb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
logo
Intel Corporation
28F001BX-T INTEL-28F001BX-T Datasheet
436Kb / 33P
   1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
logo
STMicroelectronics
M29W008ET STMICROELECTRONICS-M29W008ET Datasheet
282Kb / 43P
   8 Mbit (1Mb x 8, Boot Block) 3V Supply Flash Memory
logo
Intel Corporation
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
VE28F008 INTEL-VE28F008 Datasheet
381Kb / 26P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
logo
Sharp Corporation
LH28F008SAHR SHARP-LH28F008SAHR Datasheet
1Mb / 29P
   8 MBIT(1 MBIT x 8)FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com