Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W640GH Datasheet(PDF) 32 Page - Numonyx B.V

Part # M29W640GH
Description  64 Mbit (8Mb x8 or 4Mb x16, Page) 3V supply Flash memory
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W640GH Datasheet(HTML) 32 Page - Numonyx B.V

Back Button M29W640GH Datasheet HTML 28Page - Numonyx B.V M29W640GH Datasheet HTML 29Page - Numonyx B.V M29W640GH Datasheet HTML 30Page - Numonyx B.V M29W640GH Datasheet HTML 31Page - Numonyx B.V M29W640GH Datasheet HTML 32Page - Numonyx B.V M29W640GH Datasheet HTML 33Page - Numonyx B.V M29W640GH Datasheet HTML 34Page - Numonyx B.V M29W640GH Datasheet HTML 35Page - Numonyx B.V M29W640GH Datasheet HTML 36Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 90 page
background image
Command Interface
M29W640GH, M29W640GL, M29W640GT, M29W640GB
32/90
The Write Buffer Programming Sequence can be aborted in the following ways:
Load a value that is greater than the page buffer size during the Number of Locations to
Program step.
Write to an address in a block different than the one specified during the Write-Buffer-
Load command.
Write an Address/Data pair to a different write-buffer-page than the one selected by the
Starting Address during the write buffer data loading stage of the operation.
Write data other than the Confirm Command after the specified number of data load
cycles.
The abort condition is indicated by DQ1 = 1, DQ7 = DATA# (for the last address location
loaded), DQ6 = toggle, and DQ5=0. A Write-to-Buffer-Abort Reset command sequence
must be written to reset the device for the next operation. Note that the full 3-cycle Write-to-
Buffer-Abort Reset command sequence is required when using Write-Buffer-Programming
features in Unlock Bypass mode.
See Appendix E: Flowchart, Figure 29: Write to Buffer and Program flowchart and pseudo
code, for a suggested flowchart on using the Write to Buffer and Program command.
4.2.10
Write to Buffer and Program Confirm command
The Write to Buffer and Program Confirm command is used to confirm a Write to Buffer and
Program command and to program the n+1 words loaded in the Write Buffer by this
command.
4.2.11
Write to Buffer and Program Abort and Reset command
The Write to Buffer and Program Abort and Reset command is used to reset the device after
a Write to Buffer and Program command has been aborted.
4.3
Block Protection commands
4.3.1
Enter Extended Block command
The device has an extra 256 byte block (Extended Block) that can only be accessed using
the Enter Extended Block command. Three Bus write cycles are required to issue the
Extended Block command. Once the command has been issued the device enters
Extended Block mode where all Bus Read or Write operations to the Boot Block addresses
access the Extended Block. The Extended Block (with the same address as the Boot
Blocks) cannot be erased, and can be treated as one-time programmable (OTP) memory. In
Extended Block mode the Boot Blocks are not accessible.
To exit from the Extended Block mode the Exit Extended Block command must be issued.
The Extended Block can be protected, however once protected the protection cannot be
undone.
4.3.2
Exit Extended Block command
The Exit Extended Block command is used to exit from the Extended Block mode and return
the device to Read mode. Four Bus Write operations are required to issue the command.


Similar Part No. - M29W640GH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W640D STMICROELECTRONICS-M29W640D Datasheet
1Mb / 15P
   FLASH NOR HIGH DENSITY & CONSUMER
M29W640DB STMICROELECTRONICS-M29W640DB Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
M29W640DB70N1E STMICROELECTRONICS-M29W640DB70N1E Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
M29W640DB70N1F STMICROELECTRONICS-M29W640DB70N1F Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
M29W640DB70N1T STMICROELECTRONICS-M29W640DB70N1T Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
More results

Similar Description - M29W640GH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W640FT STMICROELECTRONICS-M29W640FT Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M29W640FT NUMONYX-M29W640FT Datasheet
1Mb / 71P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W640DT STMICROELECTRONICS-M29W640DT Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
logo
Numonyx B.V
M29DW640F NUMONYX-M29DW640F Datasheet
1Mb / 74P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29DW640D STMICROELECTRONICS-M29DW640D Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M58LW064D STMICROELECTRONICS-M58LW064D Datasheet
349Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
September 2004
M58LW64D STMICROELECTRONICS-M58LW64D Datasheet
783Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
M28W640ECT STMICROELECTRONICS-M28W640ECT Datasheet
838Kb / 55P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
M29DW128F STMICROELECTRONICS-M29DW128F_06 Datasheet
756Kb / 94P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
M29DW128F STMICROELECTRONICS-M29DW128F Datasheet
719Kb / 93P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
August 2005 Rev 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com