Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W320DB70N1E Datasheet(PDF) 23 Page - Numonyx B.V

Part # M29W320DB70N1E
Description  32 Mbit (4Mbx8 or 2Mbx16, Non-uniform Parameter Blocks, Boot Block), 3V Supply Flash memory
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W320DB70N1E Datasheet(HTML) 23 Page - Numonyx B.V

Back Button M29W320DB70N1E Datasheet HTML 19Page - Numonyx B.V M29W320DB70N1E Datasheet HTML 20Page - Numonyx B.V M29W320DB70N1E Datasheet HTML 21Page - Numonyx B.V M29W320DB70N1E Datasheet HTML 22Page - Numonyx B.V M29W320DB70N1E Datasheet HTML 23Page - Numonyx B.V M29W320DB70N1E Datasheet HTML 24Page - Numonyx B.V M29W320DB70N1E Datasheet HTML 25Page - Numonyx B.V M29W320DB70N1E Datasheet HTML 26Page - Numonyx B.V M29W320DB70N1E Datasheet HTML 27Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
M29W320DT, M29W320DB
Command Interface
23/56
Table 5.
Commands, 8-bit mode, BYTE = VIL
(1)(2)
Command
Bus Write Operations
1st
2nd
3rd
4th
5th
6th
Addr
Data
Addr
Data Addr
Data Addr
Data Addr
Data
Addr
Data
Read/Reset(3)
1X
F0
3
AAA
AA
555
55
X
F0
Auto Select(4)
3
AAA
AA
555
55
AAA
90
Program(5)
4
AAA
AA
555
55
AAA
A0
PA
PD
Unlock Bypass(6)
3
AAA
AA
555
55
AAA
20
Unlock Bypass
Program(5)
2
X
A0
PA
PD
Unlock Bypass
Reset(7)
2X
90
X
00
Chip Erase(5)
6
AAA
AA
555
55
AAA
80
AAA
AA
555
55
AAA
10
Block Erase(5)
6+
AAA
AA
555
55
AAA
80
AAA
AA
555
55
BA
30
Erase Suspend(8)
1X
B0
Erase Resume(9)
1X
30
Read CFI Query(10)
1AA
98
1.
X Don’t Care, PA Program Address, PD Program Data, BA Any address in the Block. All values in the table are in
hexadecimal.
2.
The Command Interface only uses A–1, A0-A10 and DQ0-DQ7 to verify the commands; A11-A20, DQ8-DQ14 and DQ15
are Don’t Care. DQ15A–1 is A–1 when BYTE is VIL or DQ15 when BYTE is VIH.
3.
After a Read/Reset command, read the memory as normal until another command is issued. Read/Reset command is
ignored during algorithm execution.
4.
After an Auto Select command, read Manufacturer ID, Device ID or Block Protection Status.
5.
After a Program, Unlock Bypass Program, Chip Erase, Block Erase command read the Status Register until the
Program/Erase Controller completes and the memory returns to Read Mode. Add additional Blocks during Block Erase
Command with additional Bus Write Operations until Timeout Bit is set.
6.
After the Unlock Bypass command issue Unlock Bypass Program or Unlock Bypass Reset commands.
7.
After the Unlock Bypass Reset command read the memory as normal until another command is issued.
8.
After the Erase Suspend command read non-erasing memory blocks as normal, issue Auto Select and Program
commands on non-erasing blocks as normal.
9.
After the Erase Resume command the suspended Erase operation resumes, read the Status Register until the
Program/Erase Controller completes and the memory returns to Read Mode.
10. The CFI Query command is valid when device is ready to read array data or when device is in autoselected mode.


Similar Part No. - M29W320DB70N1E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W320DB70N1E STMICROELECTRONICS-M29W320DB70N1E Datasheet
524Kb / 56P
   32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
More results

Similar Description - M29W320DB70N1E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29W320ET NUMONYX-M29W320ET Datasheet
1Mb / 63P
   32 Mbit (4Mbx8 or 2Mbx16, Uniform Parameter Blocks, Boot Block) 3V supply Flash memory
logo
Sharp Corporation
LH28F320S3 SHARP-LH28F320S3 Datasheet
4Mb / 50P
   32-MBIT(4MBx8/2MBx16)Smart 3 Flash MEMORY
LH28F320S5 SHARP-LH28F320S5 Datasheet
3Mb / 49P
   32-MBIT(4MBx8/2MBx16) Smart 5 Flash MEMORY
logo
Numonyx B.V
M28W320FCT NUMONYX-M28W320FCT Datasheet
1Mb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M28W320CT STMICROELECTRONICS-M28W320CT Datasheet
414Kb / 42P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320BT STMICROELECTRONICS-M28W320BT Datasheet
211Kb / 43P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
May 2002
M28W320EBT STMICROELECTRONICS-M28W320EBT Datasheet
299Kb / 45P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320ECT STMICROELECTRONICS-M28W320ECT Datasheet
832Kb / 53P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320FCT STMICROELECTRONICS-M28W320FCT Datasheet
514Kb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M29W320DT STMICROELECTRONICS-M29W320DT Datasheet
524Kb / 56P
   32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com