Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W128GH60N6E Datasheet(PDF) 75 Page - Numonyx B.V

Part # M29W128GH60N6E
Description  128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W128GH60N6E Datasheet(HTML) 75 Page - Numonyx B.V

Back Button M29W128GH60N6E Datasheet HTML 71Page - Numonyx B.V M29W128GH60N6E Datasheet HTML 72Page - Numonyx B.V M29W128GH60N6E Datasheet HTML 73Page - Numonyx B.V M29W128GH60N6E Datasheet HTML 74Page - Numonyx B.V M29W128GH60N6E Datasheet HTML 75Page - Numonyx B.V M29W128GH60N6E Datasheet HTML 76Page - Numonyx B.V M29W128GH60N6E Datasheet HTML 77Page - Numonyx B.V M29W128GH60N6E Datasheet HTML 78Page - Numonyx B.V M29W128GH60N6E Datasheet HTML 79Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 94 page
background image
M29W128GH, M29W128GL
Package mechanical
75/94
10
Package mechanical
In order to meet environmental requirements, Numonyx offers these devices in ECOPACK®
packages. ECOPACK® packages are lead-free. The category of second level interconnect
is marked on the package and on the inner box label, in compliance with JEDEC Standard
JESD97. The maximum ratings related to soldering conditions are also marked on the inner
box label.
Figure 26.
TSOP56 – 56 lead plastic thin small outline, 14 x 20 mm, package outline
1.
Drawing is not to scale.
Table 31.
TSOP56 – 56 lead plastic thin small outline, 14 x 20 mm, package
mechanical data
Symbol
Millimeters
Inches
Typ
Min
Max
Typ
Min
Max
A
1.20
0.047
A1
0.10
0.05
0.15
0.004
0.002
0.006
A2
1.00
0.95
1.05
0.039
0.037
0.041
B
0.22
0.17
0.27
0.009
0.007
0.011
C
0.10
0.21
0.004
0.008
CP
0.10
0.004
D1
14.00
13.90
14.10
0.551
0.547
0.555
E
20.00
19.80
20.20
0.787
0.780
0.795
E1
18.40
18.30
18.50
0.724
0.720
0.728
e0.50
–0.020
L
0.60
0.50
0.70
0.024
0.020
0.028
α
30
5
3
0
5
TSOP-K
B
e
DIE
C
L
A1
α
E1
E
A
A2
28
1
56
29
D1
L1
CP


Similar Part No. - M29W128GH60N6E

ManufacturerPart #DatasheetDescription
logo
Micron Technology
M29W128GH MICRON-M29W128GH Datasheet
841Kb / 76P
   Parallel NOR Flash Embedded Memory
logo
Numonyx B.V
M29W128GH NUMONYX-M29W128GH Datasheet
1Mb / 94P
   128-Mbit (16 Mbit x8 or 8 Mbit x16, page, uniform block) 3 V supply flash memory
M29W128GH70N3E NUMONYX-M29W128GH70N3E Datasheet
1Mb / 94P
   128-Mbit (16 Mbit x8 or 8 Mbit x16, page, uniform block) 3 V supply flash memory
More results

Similar Description - M29W128GH60N6E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29W128FH NUMONYX-M29W128FH Datasheet
1Mb / 78P
   128 Mbit (8Mb x 16 or 16Mb x 8, Page, Uniform Block) 3V Supply Flash Memory
M29DW128G NUMONYX-M29DW128G Datasheet
254Kb / 11P
   128 Mbit (8 Mb x 16, multiple bank, page, dual boot) 3 V supply Flash memory
M29W128GH70N3E NUMONYX-M29W128GH70N3E Datasheet
1Mb / 94P
   128-Mbit (16 Mbit x8 or 8 Mbit x16, page, uniform block) 3 V supply flash memory
M29W064FT NUMONYX-M29W064FT Datasheet
1Mb / 69P
   64 Mbit (8 Mbit x 8 or 4 Mbit x 16, page, boot block) 3 V supply Flash memory
logo
Sharp Corporation
LH28F016SCH SHARP-LH28F016SCH Datasheet
1Mb / 43P
   16-MBIT(2 MB x 8) SmartVoltage Flash MEMORY
logo
Numonyx B.V
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
M28W640HCT NUMONYX-M28W640HCT Datasheet
1Mb / 72P
   64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
M29W800DT NUMONYX-M29W800DT Datasheet
1Mb / 52P
   8-Mbit (1 Mbit x 8 or 512 Kbits x 16, boot block) 3 V supply flash memory
logo
Sharp Corporation
LH28F008SCH-V SHARP-LH28F008SCH-V Datasheet
1Mb / 41P
   8-MBIT(1 MB x 8) SmartVoltage Flash MEMORY
LH28F008SCH SHARP-LH28F008SCH Datasheet
1Mb / 44P
   8-MBIT(1 MB x 8) SmartVoltage Flash MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com