Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29DW323DT70N6 Datasheet(PDF) 1 Page - Numonyx B.V

Part # M29DW323DT70N6
Description  32 Mbit (4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block) 3V Supply Flash Memory
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29DW323DT70N6 Datasheet(HTML) 1 Page - Numonyx B.V

  M29DW323DT70N6 Datasheet HTML 1Page - Numonyx B.V M29DW323DT70N6 Datasheet HTML 2Page - Numonyx B.V M29DW323DT70N6 Datasheet HTML 3Page - Numonyx B.V M29DW323DT70N6 Datasheet HTML 4Page - Numonyx B.V M29DW323DT70N6 Datasheet HTML 5Page - Numonyx B.V M29DW323DT70N6 Datasheet HTML 6Page - Numonyx B.V M29DW323DT70N6 Datasheet HTML 7Page - Numonyx B.V M29DW323DT70N6 Datasheet HTML 8Page - Numonyx B.V M29DW323DT70N6 Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
1/51
March 2008
M29DW323DT
M29DW323DB
32 Mbit (4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block)
3V Supply Flash Memory
FEATURES SUMMARY
SUPPLY VOLTAGE
–VCC = 2.7V to 3.6V for Program, Erase
and Read
–VPP =12V for Fast Program (optional)
ACCESS TIME: 70ns
PROGRAMMING TIME
10µs per Byte/Word typical
Double Word/ Quadruple Byte Program
MEMORY BLOCKS
Dual Bank Memory Array: 8Mbit+24Mbit
Parameter Blocks (Top or Bottom
Location)
DUAL OPERATIONS
Read in one bank while Program or Erase
in other
ERASE SUSPEND and RESUME MODES
Read and Program another Block during
Erase Suspend
UNLOCK BYPASS PROGRAM COMMAND
Faster Production/Batch Programming
VPP/WP PIN for FAST PROGRAM and
WRITE PROTECT
TEMPORARY BLOCK UNPROTECTION
MODE
COMMON FLASH INTERFACE
64 bit Security Code
EXTENDED MEMORY BLOCK
Extra block used as security block or to
store additional information
LOW POWER CONSUMPTION
Standby and Automatic Standby
100,000 PROGRAM/ERASE CYCLES per
BLOCK
ELECTRONIC SIGNATURE
Manufacturer Code: 0020h
Top Device Code M29DW323DT: 225Eh
Bottom Device Code M29DW323DB:
225Fh
Figure 1. Packages
TSOP48 (N)
12 x 20mm
FBGA
TFBGA48 (ZE)
6 x 8mm


Similar Part No. - M29DW323DT70N6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29DW323DT70N6 STMICROELECTRONICS-M29DW323DT70N6 Datasheet
818Kb / 49P
   32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block 3V Supply Flash Memory
M29DW323DT70N6E STMICROELECTRONICS-M29DW323DT70N6E Datasheet
818Kb / 49P
   32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block 3V Supply Flash Memory
M29DW323DT70N6F STMICROELECTRONICS-M29DW323DT70N6F Datasheet
818Kb / 49P
   32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block 3V Supply Flash Memory
M29DW323DT70N6T STMICROELECTRONICS-M29DW323DT70N6T Datasheet
818Kb / 49P
   32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block 3V Supply Flash Memory
More results

Similar Description - M29DW323DT70N6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29DW323DT STMICROELECTRONICS-M29DW323DT Datasheet
818Kb / 49P
   32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block 3V Supply Flash Memory
M29W320DT STMICROELECTRONICS-M29W320DT Datasheet
524Kb / 56P
   32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
M29W320ET STMICROELECTRONICS-M29W320ET Datasheet
887Kb / 46P
   32 Mbit (4Mb x8 or 2Mb x16, Boot Block) 3V Supply Flash Memory
M29DW324DT STMICROELECTRONICS-M29DW324DT Datasheet
815Kb / 49P
   32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block 3V Supply Flash Memory
logo
Numonyx B.V
M29DW324DT NUMONYX-M29DW324DT Datasheet
1Mb / 50P
   32 Mbit (4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M58LW032D STMICROELECTRONICS-M58LW032D_04 Datasheet
799Kb / 50P
   32 Mbit (4Mb x8, 2Mb x16, Uniform Block) 3V Supply Flash Memory
M58LW032D STMICROELECTRONICS-M58LW032D Datasheet
748Kb / 51P
   32 Mbit 4Mb x8, 2Mb x16, Uniform Block 3V Supply Flash Memory
logo
Numonyx B.V
M28W320FCT NUMONYX-M28W320FCT Datasheet
1Mb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M28W320CT STMICROELECTRONICS-M28W320CT Datasheet
414Kb / 42P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320BT STMICROELECTRONICS-M28W320BT Datasheet
211Kb / 43P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
May 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com