Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W128GH Datasheet(PDF) 36 Page - Numonyx B.V

Part # M29W128GH
Description  128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W128GH Datasheet(HTML) 36 Page - Numonyx B.V

Back Button M29W128GH Datasheet HTML 32Page - Numonyx B.V M29W128GH Datasheet HTML 33Page - Numonyx B.V M29W128GH Datasheet HTML 34Page - Numonyx B.V M29W128GH Datasheet HTML 35Page - Numonyx B.V M29W128GH Datasheet HTML 36Page - Numonyx B.V M29W128GH Datasheet HTML 37Page - Numonyx B.V M29W128GH Datasheet HTML 38Page - Numonyx B.V M29W128GH Datasheet HTML 39Page - Numonyx B.V M29W128GH Datasheet HTML 40Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 94 page
background image
Command interface
M29W128GH, M29W128GL
36/94
An external supply (12 V) can be used to improve programming efficiency.
It is possible to detect Program operation fails when changing programmed data from ‘0’ to
‘1’, that is when reprogramming data in a portion of memory already programmed. The
resulting data will be the logical OR between the previous and the current value.
See Appendix D and Figure 29: Enhanced Buffered Program flowchart and pseudocode, for
a suggested flowchart on using the Enhanced Buffered Program command.
6.2.3
Buffered Program Abort and Reset command
A Buffered Program Abort and Reset command must be issued to abort the Write to Buffer
Program and Enhanced Buffered Program operation and reset the device in Read mode.
The write to buffer and enhanced buffered programming sequence can be aborted in the
following ways:
Load a value that is greater than the page buffer size during the number of locations to
program step in the Write to Buffer Program command
Write to an address in a block different than the one specified during the write-buffer-
load command
Write an address/data pair to a different write-buffer-page than the one selected by the
starting address during the write buffer data loading stage of the operation
Write data other than the Confirm command after the specified number of data load
cycles
Load address/data pairs in an incorrect sequence during the enhanced buffered
program.
The abort condition is indicated by DQ1 = 1, DQ7 = DQ7 (for the last address location
loaded), DQ6 = toggle, and DQ5 = 0 (all of which are Status Register bits). A Buffered
Program Abort and Reset command sequence must be written to reset the device for the
next operation. Note that the full 3-cycle Buffered Program Abort and Reset command
sequence is required when using write to buffer and enhanced buffered programming
features in Unlock Bypass mode.
Note:
Enhanced Buffered Program commands are available for x 16 mode only.


Similar Part No. - M29W128GH

ManufacturerPart #DatasheetDescription
logo
Micron Technology
M29W128GH MICRON-M29W128GH Datasheet
841Kb / 76P
   Parallel NOR Flash Embedded Memory
logo
Numonyx B.V
M29W128GH NUMONYX-M29W128GH Datasheet
1Mb / 94P
   128-Mbit (16 Mbit x8 or 8 Mbit x16, page, uniform block) 3 V supply flash memory
M29W128GH70N3E NUMONYX-M29W128GH70N3E Datasheet
1Mb / 94P
   128-Mbit (16 Mbit x8 or 8 Mbit x16, page, uniform block) 3 V supply flash memory
More results

Similar Description - M29W128GH

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29W128FH NUMONYX-M29W128FH Datasheet
1Mb / 78P
   128 Mbit (8Mb x 16 or 16Mb x 8, Page, Uniform Block) 3V Supply Flash Memory
M29DW128G NUMONYX-M29DW128G Datasheet
254Kb / 11P
   128 Mbit (8 Mb x 16, multiple bank, page, dual boot) 3 V supply Flash memory
M29W128GH70N3E NUMONYX-M29W128GH70N3E Datasheet
1Mb / 94P
   128-Mbit (16 Mbit x8 or 8 Mbit x16, page, uniform block) 3 V supply flash memory
M29W064FT NUMONYX-M29W064FT Datasheet
1Mb / 69P
   64 Mbit (8 Mbit x 8 or 4 Mbit x 16, page, boot block) 3 V supply Flash memory
logo
Sharp Corporation
LH28F016SCH SHARP-LH28F016SCH Datasheet
1Mb / 43P
   16-MBIT(2 MB x 8) SmartVoltage Flash MEMORY
logo
Numonyx B.V
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
M28W640HCT NUMONYX-M28W640HCT Datasheet
1Mb / 72P
   64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
M29W800DT NUMONYX-M29W800DT Datasheet
1Mb / 52P
   8-Mbit (1 Mbit x 8 or 512 Kbits x 16, boot block) 3 V supply flash memory
logo
Sharp Corporation
LH28F008SCH-V SHARP-LH28F008SCH-V Datasheet
1Mb / 41P
   8-MBIT(1 MB x 8) SmartVoltage Flash MEMORY
LH28F008SCH SHARP-LH28F008SCH Datasheet
1Mb / 44P
   8-MBIT(1 MB x 8) SmartVoltage Flash MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com