Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IFR6015 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # IFR6015
Description  Ramp Test Set
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

IFR6015 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  IFR6015 Datasheet HTML 1Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 2Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 3Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 4Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 5Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 6Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 7Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 8Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
For the ver y latest specif ications visit
w w w.aeroflex.com
No more HEX data field interpretation!
All Mode S Format tests display parameter in engineering units.
Comprehensive II / SI code and lockout timer test
DME
All the user needs are on one screen.
RF level control for track sensitivity tests
Supports all DME/TACAN channels selectable in VOR paired
channels
Full UUT measured parameters are displayed.
TCAS
TCAS types…
TCAS 1 MODE C
TCAS 2 ATCRBS
TCAS 2 MODE S
E-TCAS
The Auto-Altitude feature interrogates Mode S XPDR of A/C under
test to obtain current altitude.
Select pre-stored named scenarios directly from the auto-test screen.
ADS-B and GICB
ADS-B MON: Used to monitor DF17 extended squitter from
transponders and DF18 extended squitter from 1090 MHz ADS-B
emitters.
ADS-B GEN: Used to generate DF17/DF18 extended squitter, sim-
ulating transponders and 1090 MHz ADS-B emitters.
GICB: Used to monitor DAP's (all fields).


Similar Part No. - IFR6015

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
IFR6813 AEROFLEX-IFR6813 Datasheet
153Kb / 4P
   Microwave Generator
More results

Similar Description - IFR6015

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
VA50-TP-2_40-60 ROSENBERGER-VA50-TP-2_40-60 Datasheet
93Kb / 2P
   TEST CABLE SET
VA41-TP-2_40-60 ROSENBERGER-VA41-TP-2_40-60 Datasheet
93Kb / 2P
   TEST CABLE SET
VA70-TP-1.85-60 ROSENBERGER-VA70-TP-1.85-60 Datasheet
105Kb / 2P
   TEST CABLE SET
VA26-TP-N-60 ROSENBERGER-VA26-TP-N-60 Datasheet
60Kb / 2P
   TEST CABLE SET
VA41-TP-W-60 ROSENBERGER-VA41-TP-W-60 Datasheet
112Kb / 2P
   TEST CABLE SET
VA40-TP-2.92-60 ROSENBERGER-VA40-TP-2.92-60 Datasheet
93Kb / 2P
   TEST CABLE SET
VA41-TP-2_92-60 ROSENBERGER-VA41-TP-2_92-60 Datasheet
93Kb / 2P
   TEST CABLE SET
VA40-TP-2_92-60 ROSENBERGER-VA40-TP-2_92-60 Datasheet
93Kb / 2P
   TEST CABLE SET
VA40-TP-W-60 ROSENBERGER-VA40-TP-W-60 Datasheet
112Kb / 2P
   TEST CABLE SET
logo
Extech Instruments Corp...
TL744 EXTECH-TL744 Datasheet
250Kb / 1P
   Industrial Test Lead Set
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com