Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HP600 Datasheet(PDF) 6 Page - Power-One

Part # HP600
Description  Multi-Output HP600 AC-DC Front End Data Sheet
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

HP600 Datasheet(HTML) 6 Page - Power-One

  HP600 Datasheet HTML 1Page - Power-One HP600 Datasheet HTML 2Page - Power-One HP600 Datasheet HTML 3Page - Power-One HP600 Datasheet HTML 4Page - Power-One HP600 Datasheet HTML 5Page - Power-One HP600 Datasheet HTML 6Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
May 16, 2007 revised to JUN 8, 2007
Page 6 of 6
www.power-one.com
Multi-Output HP600 AC-DC Front End Data Sheet
Output Connector Details
J1 DC Output and Signal Interface Pinout
Pin No.
Signal Name
Pin No.
Signal Name
1
V4 Output (+12V)
A1
+Sense V1
2
V4 Output (+12V)
A2
Share V3
3
Ground
A3
Share V1
4
Ground
A4
Share V4
5
V1 Output
A5
DC Enable
6
V1 Output
B1
Present
7
V1 Output
B2
+Sense V3
8
Ground
B3
Share V2
9
Ground
B4
+Sense V2
10
V2 Output
B5
SCL
11
V2 Output
C1
V5 Output (-12V)
12
Ground
C2
5V Standby
13
Ground
C3
+Sense V4
14
V3 Output
C4
- Sense
15
V3 Output
C5
A1
16
Chassis
D1
V5 Output (-12V)
17
AC Low
D2
5V Standby
18
AC High
D3
Power Fail *
D4
Power Good **
D5
SDA
NOTES:
* AO with I
2C option
** Interrupt with I
2C option
NUCLEAR AND MEDICAL APPLICATIONS - Power-One products are not designed, intended for use in, or authorized for use as critical
components in life support systems, equipment used in hazardous environments, or nuclear control systems without the express written
consent of the respective divisional president of Power-One, Inc.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on
the date manufactured. Specifications are subject to change without notice.


Similar Part No. - HP600

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
HP601 KODENSHI-HP601 Datasheet
173Kb / 3P
   Small and surface mount package
More results

Similar Description - HP600

ManufacturerPart #DatasheetDescription
logo
Power-One
HP6-X4X8D4D-O POWER-ONE-HP6-X4X8D4D-O Datasheet
145Kb / 4P
   Multi-Output AC-DC Front End
logo
TDK Electronics
FPS1000-12 TDK-FPS1000-12 Datasheet
999Kb / 6P
   AC/DC Front End
logo
Power-One
SFP450-12BG POWER-ONE-SFP450-12BG Datasheet
823Kb / 9P
   AC-DC Front-End 12V Output, 450 Watts
SFP650-12BG POWER-ONE-SFP650-12BG Datasheet
441Kb / 9P
   AC-DC Front-End 12V Output, 650 Watts
SFP650-12BG POWER-ONE-SFP650-12BG_09 Datasheet
384Kb / 10P
   AC-DC Front-End 12V Output, 650 Watts
logo
NXP Semiconductors
AFD4400 NXP-AFD4400 Datasheet
869Kb / 101P
   AFD4400 Digital Front End Processor Data Sheet
Rev. 0, 10/2015
logo
Bel Fuse Inc.
FNP3000 BEL-FNP3000 Datasheet
1Mb / 17P
   AC-DC FRONT-END POWER SUPPLY
logo
Murata Power Solutions ...
CPS_D1U-2000-48-HX MURATA-PS-CPS_D1U-2000-48-HX Datasheet
172Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Manufacturing Co...
D1U4CS-W-2200-12-HC4C MURATA-D1U4CS-W-2200-12-HC4C_11 Datasheet
160Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Power Solutions ...
D1U4-W-1200-12-HC2C MURATA-PS-D1U4-W-1200-12-HC2C Datasheet
186Kb / 5P
   AC/DC Front End Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com