Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM6805BOGIR Datasheet(PDF) 13 Page - Champion Microelectronic Corp.

Part # CM6805BOGIR
Description  10-PIN Green-Mode PFC/PWM Combo CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6805BOGIR Datasheet(HTML) 13 Page - Champion Microelectronic Corp.

Back Button CM6805BOGIR Datasheet HTML 7Page - Champion Microelectronic Corp. CM6805BOGIR Datasheet HTML 8Page - Champion Microelectronic Corp. CM6805BOGIR Datasheet HTML 9Page - Champion Microelectronic Corp. CM6805BOGIR Datasheet HTML 10Page - Champion Microelectronic Corp. CM6805BOGIR Datasheet HTML 11Page - Champion Microelectronic Corp. CM6805BOGIR Datasheet HTML 12Page - Champion Microelectronic Corp. CM6805BOGIR Datasheet HTML 13Page - Champion Microelectronic Corp. CM6805BOGIR Datasheet HTML 14Page - Champion Microelectronic Corp. CM6805BOGIR Datasheet HTML 15Page - Champion Microelectronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
CM6805BO
10-PIN Green-Mode PFC/PWM Combo CONTROLLER
2007/11/28 Rev 1.2
Champion Microelectronic Corporation
Page 13
Application Circuit (PC Power)
1M
GND
380VDC
VCC
470pF
AC INLET
L
FG
N
VCC
1000PF
10M
VCC
+12V
380VDC
104pF
10 1/2W
1000PF
0.08 2W (s)
5M
B+
ER806
1N5406
1K
280K
1000PF
330K
+
2200uF/6.3V
SR140
09N90
T106-75
10K
0.1uF
TL431
1
+
180uF/450V
10.2K 1%
CM6805BO
3
2
4
5
6
7
8
9
10
1
Isense
IAC
VEAO
VFB
V+I
PFCOFFB
VCC
PFC OUT
PWM OUT
GND
GND
EMI
472pF
15V
104pF
GBU808
SR160
4.7K
20A/100V
+5V
1N4148
68K
30A/60V
14N50
0.47uF/400V
470pF/250V
GND
474pF
10
47
473pF
39.2K 1%
102pF
+5V
2200PF
500
IN5406
VCC
0
+12V
VCC
1K
4.75K 1% 1/8W
SR160
10
PWM OUT
09N90
ISO1A
817C
380VDC
9.5V
+
4.7uF
1M
PWM IS
+
2200uF/16V
1N4148
PWM OUT
0.2 2W
VCC
1N4148
10
1M
SR140
+
2200uF/16V
PWM IS
IN5406
10K
13K
+
2200uF/10V
ISO1A
10K
CM6805BO Marking Rule
Note : “△" represent “BO"


Similar Part No. - CM6805BOGIR

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6805BOGIR CHAMP-CM6805BOGIR Datasheet
203Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
CM6805BOGIRTR CHAMP-CM6805BOGIRTR Datasheet
203Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
More results

Similar Description - CM6805BOGIR

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6805A CHAMP-CM6805A_10 Datasheet
203Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
CM6805BO CHAMP-CM6805BO_10 Datasheet
203Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
CM6805A CHAMP-CM6805A Datasheet
256Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
logo
Fairchild Semiconductor
ML4802 FAIRCHILD-ML4802 Datasheet
285Kb / 15P
   PFC/PWM Controller Combo with Green Mode
logo
Micro Linear Corporatio...
ML4802 MICRO-LINEAR-ML4802 Datasheet
299Kb / 15P
   PFC/PWM Controller Combo with Green Mode
logo
Champion Microelectroni...
CM6805 CHAMP-CM6805 Datasheet
438Kb / 16P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
CM6807 CHAMP-CM6807 Datasheet
391Kb / 16P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
CM6807 CHAMP-CM6807_10 Datasheet
223Kb / 16P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
CM6903 CHAMP-CM6903 Datasheet
257Kb / 14P
   Low Pin Count PFC/PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com