Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W064FB Datasheet(PDF) 62 Page - Numonyx B.V

Part # M29W064FB
Description  64 Mbit (8 Mbit x 8 or 4 Mbit x 16, page, boot block) 3 V supply Flash memory
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W064FB Datasheet(HTML) 62 Page - Numonyx B.V

Back Button M29W064FB Datasheet HTML 58Page - Numonyx B.V M29W064FB Datasheet HTML 59Page - Numonyx B.V M29W064FB Datasheet HTML 60Page - Numonyx B.V M29W064FB Datasheet HTML 61Page - Numonyx B.V M29W064FB Datasheet HTML 62Page - Numonyx B.V M29W064FB Datasheet HTML 63Page - Numonyx B.V M29W064FB Datasheet HTML 64Page - Numonyx B.V M29W064FB Datasheet HTML 65Page - Numonyx B.V M29W064FB Datasheet HTML 66Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 69 page
background image
Block protection
M29W064FT, M29W064FB
62/69
Appendix D
Block protection
Block protection can be used to prevent any operation from modifying the data stored in the
memory. The blocks are protected in groups, refer to Appendix A: Block addresses, Table 20
and Table 21 for details of the protection groups. Once protected, program and erase
operations within the protected group fail to change the data.
There are three techniques that can be used to control block protection, these are the
programmer technique, the in-system technique and temporary unprotection. Temporary
unprotection is controlled by the reset/block temporary unprotection pin, RP; this is
described in the Section 2: Signal descriptions.
D.1
Programmer technique
The programmer technique uses high (VID) voltage levels on some of the bus pins. These
cannot be achieved using a standard microprocessor bus, therefore the technique is
recommended only for use in programming equipment.
To protect a group of blocks follow the flowchart in Figure 14: Programmer equipment group
protect flowchart. To unprotect the whole chip it is necessary to protect all of the groups first,
then all groups can be unprotected at the same time. To unprotect the chip follow Figure 15:
Programmer equipment chip unprotect flowchart. Table 29: Programmer technique bus
operations, BYTE = VIH or VIL, gives a summary of each operation.
The timing on these flowcharts is critical. Care should be taken to ensure that, where a
pause is specified, it is followed as closely as possible. Do not abort the procedure before
reaching the end. Chip unprotect can take several seconds and a user message should be
provided to show that the operation is progressing.
D.2
In-system technique
The in-system technique requires a high voltage level on the reset/blocks temporary
unprotect pin, RP. This can be achieved without violating the maximum ratings of the
components on the microprocessor bus, therefore this technique is suitable for use after the
memory has been fitted to the system.
To protect a group of blocks follow the flowchart in Figure 16: In-system equipment group
protect flowchart. To unprotect the whole chip it is necessary to protect all of the groups first,
then all the groups can be unprotected at the same time. To unprotect the chip follow
Figure 17: In-system equipment chip unprotect flowchart.
The timing on these flowcharts is critical. Care should be taken to ensure that, where a
pause is specified, it is followed as closely as possible. Do not allow the microprocessor to
service interrupts that will upset the timing and do not abort the procedure before reaching
the end. Chip unprotect can take several seconds and a user message should be provided
to show that the operation is progressing.
Note:
RP can be either at VIH or at VID when using the in-system technique to protect the extended
block.


Similar Part No. - M29W064FB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W002BB STMICROELECTRONICS-M29W002BB Datasheet
156Kb / 20P
   2 Mbit 256Kb x8, Boot Block Low Voltage Single Supply Flash Memory
M29W002BB55N1T STMICROELECTRONICS-M29W002BB55N1T Datasheet
156Kb / 20P
   2 Mbit 256Kb x8, Boot Block Low Voltage Single Supply Flash Memory
M29W002BB55N6T STMICROELECTRONICS-M29W002BB55N6T Datasheet
156Kb / 20P
   2 Mbit 256Kb x8, Boot Block Low Voltage Single Supply Flash Memory
M29W002BB70N1T STMICROELECTRONICS-M29W002BB70N1T Datasheet
156Kb / 20P
   2 Mbit 256Kb x8, Boot Block Low Voltage Single Supply Flash Memory
M29W002BB70N6T STMICROELECTRONICS-M29W002BB70N6T Datasheet
156Kb / 20P
   2 Mbit 256Kb x8, Boot Block Low Voltage Single Supply Flash Memory
More results

Similar Description - M29W064FB

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
M29W800DT NUMONYX-M29W800DT Datasheet
1Mb / 52P
   8-Mbit (1 Mbit x 8 or 512 Kbits x 16, boot block) 3 V supply flash memory
M28W640HCT NUMONYX-M28W640HCT Datasheet
1Mb / 72P
   64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
M29W800FB-KGD NUMONYX-M29W800FB-KGD Datasheet
285Kb / 15P
   Known good die, 8-Mbit (1 Mbit x 8 or 512 Kbits x 16), boot block, 3 V supply Flash memory
M29W128GH70N3E NUMONYX-M29W128GH70N3E Datasheet
1Mb / 94P
   128-Mbit (16 Mbit x8 or 8 Mbit x16, page, uniform block) 3 V supply flash memory
M29W128GH NUMONYX-M29W128GH Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
M29W400DT NUMONYX-M29W400DT Datasheet
1Mb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
M29DW127G70NF6E NUMONYX-M29DW127G70NF6E Datasheet
1Mb / 95P
   128-Mbit (8 Mbit x16 or 16 Mbit x8 , multiple bank, page, dual boot) 3 V supply flash memory
logo
STMicroelectronics
M29W400DT STMICROELECTRONICS-M29W400DT_07 Datasheet
449Kb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
M29W008ET STMICROELECTRONICS-M29W008ET Datasheet
282Kb / 43P
   8 Mbit (1Mb x 8, Boot Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com