Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29DW323DT70N1E Datasheet(PDF) 16 Page - Numonyx B.V

Part # M29DW323DT70N1E
Description  32 Mbit (4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block) 3V Supply Flash Memory
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29DW323DT70N1E Datasheet(HTML) 16 Page - Numonyx B.V

Back Button M29DW323DT70N1E Datasheet HTML 12Page - Numonyx B.V M29DW323DT70N1E Datasheet HTML 13Page - Numonyx B.V M29DW323DT70N1E Datasheet HTML 14Page - Numonyx B.V M29DW323DT70N1E Datasheet HTML 15Page - Numonyx B.V M29DW323DT70N1E Datasheet HTML 16Page - Numonyx B.V M29DW323DT70N1E Datasheet HTML 17Page - Numonyx B.V M29DW323DT70N1E Datasheet HTML 18Page - Numonyx B.V M29DW323DT70N1E Datasheet HTML 19Page - Numonyx B.V M29DW323DT70N1E Datasheet HTML 20Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
M29DW323DT, M29DW323DB
16/51
Fast Program Commands
There are two Fast Program commands available
to improve the programming throughput, by writing
several adjacent words or bytes in parallel. The
Quadruple Byte Program command is available for
x8 operations, while the Double Word Program
command is available for x16 operations.
Only one bank can be programmed at any one
time. The other bank must be in Read mode or
Erase Suspend.
Fast Program commands should not be attempted
when VPP/WP is not at VPP. Care must be taken
because applying a 12V VPP voltage to the VPP/
WP pin will temporarily unprotect any protected
block.
After programming has started, Bus Read opera-
tions in the Bank being programmed output the
Status Register content, while Bus Read opera-
tions to the other Bank output the contents of the
memory array.
After the program operation has completed the
memory will return to the Read mode, unless an
error has occurred. When an error occurs Bus
Read operations to the Bank where the command
was issued will continue to output the Status Reg-
ister. A Read/Reset command must be issued to
reset the error condition and return to Read mode.
Note that the Fast Program commands cannot
change a bit set at ’0’ back to ’1’. One of the Erase
Commands must be used to set all the bits in a
block or in the whole memory from ’0’ to ’1’.
Typical Program times are given in Table
7., Program, Erase Times and Program, Erase
Endurance Cycles.
Quadruple Byte Program Command. The Qua-
druple Byte Program command is used to write a
page of four adjacent Bytes in parallel. The four
bytes must differ only for addresses A0, DQ15A-1.
Five bus write cycles are necessary to issue the
Quadruple Byte Program command.
The first bus cycle sets up the Quadruple Byte
Program Command.
The second bus cycle latches the Address and
the Data of the first byte to be written.
The third bus cycle latches the Address and
the Data of the second byte to be written.
The fourth bus cycle latches the Address and
the Data of the third byte to be written.
The fifth bus cycle latches the Address and the
Data of the fourth byte to be written and starts
the Program/Erase Controller.
Double Word Program Command. The Double
Word Program command is used to write a page
of two adjacent words in parallel. The two words
must differ only for the address A0.
Three bus write cycles are necessary to issue the
Double Word Program command.
The first bus cycle sets up the Double Word
Program Command.
The second bus cycle latches the Address and
the Data of the first word to be written.
The third bus cycle latches the Address and
the Data of the second word to be written and
starts the Program/Erase Controller.
Unlock Bypass Command
The Unlock Bypass command is used in conjunc-
tion with the Unlock Bypass Program command to
program the memory faster than with the standard
program commands. When the cycle time to the
device is long, considerable time saving can be
made by using these commands. Three Bus Write
operations are required to issue the Unlock By-
pass command.
Once the Unlock Bypass command has been is-
sued the bank enters Unlock Bypass mode. When
in Unlock Bypass mode, only the Unlock Bypass
Program and Unlock Bypass Reset commands
are valid. The Unlock Bypass Program command
can be issued to program addresses within the
bank, and the Unlock Bypass Reset command to
return the bank to Read mode. In Unlock Bypass
mode the memory can be read as if in Read mode.
When VPP is applied to the VPP/Write Protect pin
the memory automatically enters the Unlock By-
pass mode and the Unlock Bypass Program com-
mand can be issued immediately. Care must be
taken because applying a 12V VPP voltage to the
VPP/WP pin will temporarily unprotect any protect-
ed block.
Unlock Bypass Program Command
The Unlock Bypass Program command can be
used to program one address in the memory array
at a time. The command requires two Bus Write
operations, the final write operation latches the ad-
dress and data, and starts the Program/Erase
Controller.
The Program operation using the Unlock Bypass
Program command behaves identically to the Pro-
gram operation using the Program command. The
operation cannot be aborted, a Bus Read opera-
tion to the Bank where the command was issued
outputs the Status Register. See the Program
command for details on the behavior.
Unlock Bypass Reset Command
The Unlock Bypass Reset command can be used
to return to Read/Reset mode from Unlock Bypass
Mode. Two Bus Write operations are required to
issue the Unlock Bypass Reset command. Read/
Reset command does not exit from Unlock Bypass
Mode.


Similar Part No. - M29DW323DT70N1E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29DW323DT70N1E STMICROELECTRONICS-M29DW323DT70N1E Datasheet
818Kb / 49P
   32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block 3V Supply Flash Memory
More results

Similar Description - M29DW323DT70N1E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29DW323DT STMICROELECTRONICS-M29DW323DT Datasheet
818Kb / 49P
   32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block 3V Supply Flash Memory
M29W320DT STMICROELECTRONICS-M29W320DT Datasheet
524Kb / 56P
   32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
M29W320ET STMICROELECTRONICS-M29W320ET Datasheet
887Kb / 46P
   32 Mbit (4Mb x8 or 2Mb x16, Boot Block) 3V Supply Flash Memory
M29DW324DT STMICROELECTRONICS-M29DW324DT Datasheet
815Kb / 49P
   32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block 3V Supply Flash Memory
logo
Numonyx B.V
M29DW324DT NUMONYX-M29DW324DT Datasheet
1Mb / 50P
   32 Mbit (4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M58LW032D STMICROELECTRONICS-M58LW032D_04 Datasheet
799Kb / 50P
   32 Mbit (4Mb x8, 2Mb x16, Uniform Block) 3V Supply Flash Memory
M58LW032D STMICROELECTRONICS-M58LW032D Datasheet
748Kb / 51P
   32 Mbit 4Mb x8, 2Mb x16, Uniform Block 3V Supply Flash Memory
logo
Numonyx B.V
M28W320FCT NUMONYX-M28W320FCT Datasheet
1Mb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M28W320CT STMICROELECTRONICS-M28W320CT Datasheet
414Kb / 42P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320BT STMICROELECTRONICS-M28W320BT Datasheet
211Kb / 43P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
May 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com