Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W064FT Datasheet(PDF) 27 Page - Numonyx B.V

Part # M29W064FT
Description  64 Mbit (8 Mbit x 8 or 4 Mbit x 16, page, boot block) 3 V supply Flash memory
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W064FT Datasheet(HTML) 27 Page - Numonyx B.V

Back Button M29W064FT Datasheet HTML 23Page - Numonyx B.V M29W064FT Datasheet HTML 24Page - Numonyx B.V M29W064FT Datasheet HTML 25Page - Numonyx B.V M29W064FT Datasheet HTML 26Page - Numonyx B.V M29W064FT Datasheet HTML 27Page - Numonyx B.V M29W064FT Datasheet HTML 28Page - Numonyx B.V M29W064FT Datasheet HTML 29Page - Numonyx B.V M29W064FT Datasheet HTML 30Page - Numonyx B.V M29W064FT Datasheet HTML 31Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 69 page
background image
M29W064FT, M29W064FB
Command interface
27/69
Table 7.
Commands, 8-bit mode, BYTE = VIL
Command
Bus write operations(1)
1st
2nd
3rd
4th
5th
6th
7th
8th
9th
Add Data Add Data Add Data Add Data Add Data Add Data Add Data Add Data Add Data
Read/Reset
1X
F0
3 AAA AA 555
55
X
F0
Auto Select
3 AAA AA 555
55 AAA 90
Program
4 AAA AA 555
55 AAA A0
PA
PD
Double Byte
Program
3 AAA 50 PA0 PD0 PA1 PD1
Quadruple
Byte Program
5 AAA 56 PA0 PD0 PA1 PD1 PA2 PD2 PA3 PD3
Octuple Byte
Program
9 AAA 8B PA0 PD0 PA1 PD1 PA2 PD2 PA3 PD3 PA4 PD4 PA5 PD5 PA6 PD6 PA7 PD7
Unlock Bypass 3 AAA AA 555
55 AAA 20
Unlock Bypass
Program
2X
A0
PA
PD
Unlock Bypass
Reset
2X
90
X
00
Chip Erase
6 AAA AA 555
55 AAA 80 AAA AA 555
55 AAA 10
Block Erase
6+ AAA AA 555
55 AAA 80 AAA AA 555
55
BA
30
Program/Erase
Suspend
1X
B0
Program/Erase
Resume
1X
30
Read CFI
Query
1AA
98
Enter
Extended
Block
3 AAA AA 555
55 AAA 88
Exit Extended
Block
4 AAA AA 555
55 AAA 90
X
00
1.
X don’t care, PA program address, PD program data, BA any address in the block. All values in the table are in
hexadecimal. The command interface only uses A–1, A0-A10 and DQ0-DQ7 to verify the commands; A11-A20, DQ8-DQ14
and DQ15 are don’t care. DQ15A–1 is A–1 when BYTE is VIL or DQ15 when BYTE is VIH.


Similar Part No. - M29W064FT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W002BB STMICROELECTRONICS-M29W002BB Datasheet
156Kb / 20P
   2 Mbit 256Kb x8, Boot Block Low Voltage Single Supply Flash Memory
M29W002BB55N1T STMICROELECTRONICS-M29W002BB55N1T Datasheet
156Kb / 20P
   2 Mbit 256Kb x8, Boot Block Low Voltage Single Supply Flash Memory
M29W002BB55N6T STMICROELECTRONICS-M29W002BB55N6T Datasheet
156Kb / 20P
   2 Mbit 256Kb x8, Boot Block Low Voltage Single Supply Flash Memory
M29W002BB70N1T STMICROELECTRONICS-M29W002BB70N1T Datasheet
156Kb / 20P
   2 Mbit 256Kb x8, Boot Block Low Voltage Single Supply Flash Memory
M29W002BB70N6T STMICROELECTRONICS-M29W002BB70N6T Datasheet
156Kb / 20P
   2 Mbit 256Kb x8, Boot Block Low Voltage Single Supply Flash Memory
More results

Similar Description - M29W064FT

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
M29W800DT NUMONYX-M29W800DT Datasheet
1Mb / 52P
   8-Mbit (1 Mbit x 8 or 512 Kbits x 16, boot block) 3 V supply flash memory
M28W640HCT NUMONYX-M28W640HCT Datasheet
1Mb / 72P
   64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
M29W800FB-KGD NUMONYX-M29W800FB-KGD Datasheet
285Kb / 15P
   Known good die, 8-Mbit (1 Mbit x 8 or 512 Kbits x 16), boot block, 3 V supply Flash memory
M29W128GH70N3E NUMONYX-M29W128GH70N3E Datasheet
1Mb / 94P
   128-Mbit (16 Mbit x8 or 8 Mbit x16, page, uniform block) 3 V supply flash memory
M29W128GH NUMONYX-M29W128GH Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
M29W400DT NUMONYX-M29W400DT Datasheet
1Mb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
M29DW127G70NF6E NUMONYX-M29DW127G70NF6E Datasheet
1Mb / 95P
   128-Mbit (8 Mbit x16 or 16 Mbit x8 , multiple bank, page, dual boot) 3 V supply flash memory
logo
STMicroelectronics
M29W400DT STMICROELECTRONICS-M29W400DT_07 Datasheet
449Kb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
M29W008ET STMICROELECTRONICS-M29W008ET Datasheet
282Kb / 43P
   8 Mbit (1Mb x 8, Boot Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com