Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29DW641F70N6E Datasheet(PDF) 46 Page - Numonyx B.V

Part # M29DW641F70N6E
Description  64 Mbit (4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29DW641F70N6E Datasheet(HTML) 46 Page - Numonyx B.V

Back Button M29DW641F70N6E Datasheet HTML 42Page - Numonyx B.V M29DW641F70N6E Datasheet HTML 43Page - Numonyx B.V M29DW641F70N6E Datasheet HTML 44Page - Numonyx B.V M29DW641F70N6E Datasheet HTML 45Page - Numonyx B.V M29DW641F70N6E Datasheet HTML 46Page - Numonyx B.V M29DW641F70N6E Datasheet HTML 47Page - Numonyx B.V M29DW641F70N6E Datasheet HTML 48Page - Numonyx B.V M29DW641F70N6E Datasheet HTML 49Page - Numonyx B.V M29DW641F70N6E Datasheet HTML 50Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 80 page
background image
Dual Operations and Multiple Bank architecture
M29DW641F
46/80
Table 15.
Dual Operations allowed in same bank
Status of bank
Commands allowed in same bank
Read
Array
Read
Status
Register(1)
1.
Read Status Register is not a command. The Status Register can be read during a block Program or Erase
Operation.
Read
CFI
Query
Auto
Select
Program Erase
Program/
Erase
Suspend
Program/
Erase
Resume
Idle
Yes
Yes
Yes
Yes
Yes
Yes
Yes(2)
2.
Only after a program or Erase Operation in that bank.
Yes(3)
3.
Only after a Program or Erase Suspend command in that bank.
Programming
No
Yes
No
No
Yes(4)
4.
Only a Program Suspend.
Erasing
No
Yes
No
No
No
Yes(5)
5.
Only an Erase suspend.
Program
Suspended
Yes(6)
6.
Not allowed in the Block or Word that is being erased or programmed.
No
Yes
Yes
No
Yes
Erase Suspended
Yes(6)
Yes(7)
7.
The Status Register can be read by addressing the block being erase suspended.
Yes
Yes
Yes(6)
No
Yes


Similar Part No. - M29DW641F70N6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29DW640D STMICROELECTRONICS-M29DW640D Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29DW640D70N1 STMICROELECTRONICS-M29DW640D70N1 Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29DW640D70N1 STMICROELECTRONICS-M29DW640D70N1 Datasheet
1Mb / 15P
   FLASH NOR HIGH DENSITY & CONSUMER
M29DW640D70N1E STMICROELECTRONICS-M29DW640D70N1E Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29DW640D70N1E STMICROELECTRONICS-M29DW640D70N1E Datasheet
1Mb / 15P
   FLASH NOR HIGH DENSITY & CONSUMER
More results

Similar Description - M29DW641F70N6E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29DW640F NUMONYX-M29DW640F Datasheet
1Mb / 74P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29DW640D STMICROELECTRONICS-M29DW640D Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M28W640ECT STMICROELECTRONICS-M28W640ECT Datasheet
838Kb / 55P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
M28W640CT STMICROELECTRONICS-M28W640CT Datasheet
393Kb / 54P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
M28W640FCB STMICROELECTRONICS-M28W640FCB Datasheet
1Mb / 55P
   64 Mbit (4Mb x16, Boot Block) 3V Supply Flash Memory
M29W640FT STMICROELECTRONICS-M29W640FT Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M29W640FT NUMONYX-M29W640FT Datasheet
1Mb / 71P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M29W640DT STMICROELECTRONICS-M29W640DT Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
M29W641DH STMICROELECTRONICS-M29W641DH Datasheet
641Kb / 42P
   64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com