Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29DW640F90N6E Datasheet(PDF) 73 Page - Numonyx B.V

Part # M29DW640F90N6E
Description  64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29DW640F90N6E Datasheet(HTML) 73 Page - Numonyx B.V

Back Button M29DW640F90N6E Datasheet HTML 66Page - Numonyx B.V M29DW640F90N6E Datasheet HTML 67Page - Numonyx B.V M29DW640F90N6E Datasheet HTML 68Page - Numonyx B.V M29DW640F90N6E Datasheet HTML 69Page - Numonyx B.V M29DW640F90N6E Datasheet HTML 70Page - Numonyx B.V M29DW640F90N6E Datasheet HTML 71Page - Numonyx B.V M29DW640F90N6E Datasheet HTML 72Page - Numonyx B.V M29DW640F90N6E Datasheet HTML 73Page - Numonyx B.V M29DW640F90N6E Datasheet HTML 74Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 73 / 74 page
background image
M29DW640F
Revision history
73/74
Revision history
Table 33.
Document revision history
Date
Revision
Changes
02-Dec-2005
1.0
First issue.
10-Mar-2006
2.0
DQ7 changed to DQ7 for Program, Program During Erase
Suspend and Program Error in
Table 9: Status Register Bits.
Converted to new template.
Updated address values in
Table 31: Extended Block address and
data.
23-Aug-2006
3
Amended data in
Table 28: Device Geometry Definition
10-Dec-2007
4
Applied Numonyx branding.


Similar Part No. - M29DW640F90N6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29DW640D STMICROELECTRONICS-M29DW640D Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29DW640D70N1 STMICROELECTRONICS-M29DW640D70N1 Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29DW640D70N1 STMICROELECTRONICS-M29DW640D70N1 Datasheet
1Mb / 15P
   FLASH NOR HIGH DENSITY & CONSUMER
M29DW640D70N1E STMICROELECTRONICS-M29DW640D70N1E Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29DW640D70N1E STMICROELECTRONICS-M29DW640D70N1E Datasheet
1Mb / 15P
   FLASH NOR HIGH DENSITY & CONSUMER
More results

Similar Description - M29DW640F90N6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29DW640D STMICROELECTRONICS-M29DW640D Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29W640FT STMICROELECTRONICS-M29W640FT Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M29W640FT NUMONYX-M29W640FT Datasheet
1Mb / 71P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W640DT STMICROELECTRONICS-M29W640DT Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
logo
Numonyx B.V
M29W640GH NUMONYX-M29W640GH Datasheet
1Mb / 90P
   64 Mbit (8Mb x8 or 4Mb x16, Page) 3V supply Flash memory
M29DW641F NUMONYX-M29DW641F Datasheet
1Mb / 80P
   64 Mbit (4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29DW128F STMICROELECTRONICS-M29DW128F_06 Datasheet
756Kb / 94P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
M29DW128F STMICROELECTRONICS-M29DW128F Datasheet
719Kb / 93P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
August 2005 Rev 1.0
logo
Numonyx B.V
M29DW128F NUMONYX-M29DW128F Datasheet
1Mb / 94P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
logo
STMicroelectronics
M58LW064D STMICROELECTRONICS-M58LW064D Datasheet
349Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
September 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com