Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29DW640F90N6E Datasheet(PDF) 51 Page - Numonyx B.V

Part # M29DW640F90N6E
Description  64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29DW640F90N6E Datasheet(HTML) 51 Page - Numonyx B.V

Back Button M29DW640F90N6E Datasheet HTML 47Page - Numonyx B.V M29DW640F90N6E Datasheet HTML 48Page - Numonyx B.V M29DW640F90N6E Datasheet HTML 49Page - Numonyx B.V M29DW640F90N6E Datasheet HTML 50Page - Numonyx B.V M29DW640F90N6E Datasheet HTML 51Page - Numonyx B.V M29DW640F90N6E Datasheet HTML 52Page - Numonyx B.V M29DW640F90N6E Datasheet HTML 53Page - Numonyx B.V M29DW640F90N6E Datasheet HTML 54Page - Numonyx B.V M29DW640F90N6E Datasheet HTML 55Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 74 page
background image
M29DW640F
DC and AC parameters
51/74
Table 20.
Reset/Block Temporary Unprotect AC characteristics
Symbol
Alt
Parameter
M29DW640F
Unit
60
70
tPHWL
(1)
tPHEL
tPHGL
(1)
tRH
RP High to Write Enable Low, Chip Enable
Low, Output Enable Low
Min
50
50
ns
tRHWL
(1)
tRHEL
(1)
tRHGL
(1)
tRB
RB High to Write Enable Low, Chip Enable
Low, Output Enable Low
Min
0
0
ns
tPLPX
tRP
RP Pulse Width
Min
500
500
ns
tPLYH
tREADY
RP Low to Read Mode
Max
20
20
µs
tPHPHH
(1)
tVIDR
RP Rise Time to VID
Min
500
500
ns
tVHVPP
(1)
VPP Rise and Fall Time
Min
250
250
ns
1.
Sampled only, not 100% tested.


Similar Part No. - M29DW640F90N6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29DW640D STMICROELECTRONICS-M29DW640D Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29DW640D70N1 STMICROELECTRONICS-M29DW640D70N1 Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29DW640D70N1 STMICROELECTRONICS-M29DW640D70N1 Datasheet
1Mb / 15P
   FLASH NOR HIGH DENSITY & CONSUMER
M29DW640D70N1E STMICROELECTRONICS-M29DW640D70N1E Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29DW640D70N1E STMICROELECTRONICS-M29DW640D70N1E Datasheet
1Mb / 15P
   FLASH NOR HIGH DENSITY & CONSUMER
More results

Similar Description - M29DW640F90N6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29DW640D STMICROELECTRONICS-M29DW640D Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29W640FT STMICROELECTRONICS-M29W640FT Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M29W640FT NUMONYX-M29W640FT Datasheet
1Mb / 71P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W640DT STMICROELECTRONICS-M29W640DT Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
logo
Numonyx B.V
M29W640GH NUMONYX-M29W640GH Datasheet
1Mb / 90P
   64 Mbit (8Mb x8 or 4Mb x16, Page) 3V supply Flash memory
M29DW641F NUMONYX-M29DW641F Datasheet
1Mb / 80P
   64 Mbit (4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29DW128F STMICROELECTRONICS-M29DW128F_06 Datasheet
756Kb / 94P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
M29DW128F STMICROELECTRONICS-M29DW128F Datasheet
719Kb / 93P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
August 2005 Rev 1.0
logo
Numonyx B.V
M29DW128F NUMONYX-M29DW128F Datasheet
1Mb / 94P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
logo
STMicroelectronics
M58LW064D STMICROELECTRONICS-M58LW064D Datasheet
349Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
September 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com