Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29DW641F Datasheet(PDF) 36 Page - Numonyx B.V

Part # M29DW641F
Description  64 Mbit (4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29DW641F Datasheet(HTML) 36 Page - Numonyx B.V

Back Button M29DW641F Datasheet HTML 32Page - Numonyx B.V M29DW641F Datasheet HTML 33Page - Numonyx B.V M29DW641F Datasheet HTML 34Page - Numonyx B.V M29DW641F Datasheet HTML 35Page - Numonyx B.V M29DW641F Datasheet HTML 36Page - Numonyx B.V M29DW641F Datasheet HTML 37Page - Numonyx B.V M29DW641F Datasheet HTML 38Page - Numonyx B.V M29DW641F Datasheet HTML 39Page - Numonyx B.V M29DW641F Datasheet HTML 40Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 80 page
background image
Command interface
M29DW641F
36/80
6.3.11
Verify Standard Protection mode command
The Verify Standard Protection mode command reads the status of the Standard Protection
mode Lock bit. If it is ‘1’, the device is in Standard Protection mode.
6.3.12
Set Non-Volatile Modify Protection bit command
A block or group of blocks can be protected from program or erase by issuing a Set Non-
Volatile Modify Protection bit command along with the block address. This command sets
the Non-Volatile Modify Protection bit to ‘1’ for a given block or group of blocks.
Six cycles are required to issue the command:
1.
The first two cycles are unlock cycles.
2.
The third cycle issues the program command.
3.
The fourth and fifth cycles select the address (see
Table 11: Protection command
addresses).
4.
The last cycle verifies if the operation has been successful. If DQ0 is set to ’1’, the Non-
Volatile Modify Protection bit has been successfully programmed. If DQ0 is ‘0’, the
operation has failed and the command must be re-issued.
There must be a 100µs delay between the fourth and fifth cycles.
The Non-Volatile Modify Protection bits are erased simultaneously by issuing a Clear Non-
Volatile Modify Protection bits command except if the Lock-Down bit is set to ‘1’.
The Non-Volatile Modify Protection bits can be set a maximum of 100 times.
6.3.13
Verify Non-volatile Modify Protection bit command
The status of a Non-Volatile Modify Protection bit for a given block or group of blocks can be
read by issuing a Verify Non-Volatile Modify Protection bit command along with the block
address.
6.3.14
Clear Non-volatile Modify Protection bit command
This command is used to clear all Non-Volatile Modify Protection bits. No specific block
address is required. If the Lock-Down bit is set to ‘1’, the command will fail.
Six cycles are required to issue a Clear Non-Volatile Modify Protection bits command:
1.
The first two cycles are unlock cycles.
2.
The third cycle issues the command.
3.
The last three cycles verify if the operation has been successful. If DQ0 is set to ’1’, all
Non-Volatile Modify Protection bits have been successfully cleared. If DQ0 is ‘0’, the
operation has failed and the command must be re-issued.
There must be a 12ms delay between the fourth and fifth cycles.
6.3.15
Set Lock bit command
The Set Lock bit command individually sets the Lock bit to ‘1’ for a given block or group of
blocks.
If the Non-Volatile Lock bit for the same block or group of blocks is set, the block is locked
regardless of the value of the Lock bit. (see
Table 7: Block Protection status).


Similar Part No. - M29DW641F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29DW640D STMICROELECTRONICS-M29DW640D Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29DW640D70N1 STMICROELECTRONICS-M29DW640D70N1 Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29DW640D70N1 STMICROELECTRONICS-M29DW640D70N1 Datasheet
1Mb / 15P
   FLASH NOR HIGH DENSITY & CONSUMER
M29DW640D70N1E STMICROELECTRONICS-M29DW640D70N1E Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29DW640D70N1E STMICROELECTRONICS-M29DW640D70N1E Datasheet
1Mb / 15P
   FLASH NOR HIGH DENSITY & CONSUMER
More results

Similar Description - M29DW641F

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29DW640F NUMONYX-M29DW640F Datasheet
1Mb / 74P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29DW640D STMICROELECTRONICS-M29DW640D Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M28W640ECT STMICROELECTRONICS-M28W640ECT Datasheet
838Kb / 55P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
M28W640CT STMICROELECTRONICS-M28W640CT Datasheet
393Kb / 54P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
M28W640FCB STMICROELECTRONICS-M28W640FCB Datasheet
1Mb / 55P
   64 Mbit (4Mb x16, Boot Block) 3V Supply Flash Memory
M29W640FT STMICROELECTRONICS-M29W640FT Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M29W640FT NUMONYX-M29W640FT Datasheet
1Mb / 71P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M29W640DT STMICROELECTRONICS-M29W640DT Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
M29W641DH STMICROELECTRONICS-M29W641DH Datasheet
641Kb / 42P
   64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com