Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29DW128G Datasheet(PDF) 1 Page - Numonyx B.V

Part # M29DW128G
Description  128 Mbit (8 Mb x 16, multiple bank, page, dual boot) 3 V supply Flash memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29DW128G Datasheet(HTML) 1 Page - Numonyx B.V

  M29DW128G Datasheet HTML 1Page - Numonyx B.V M29DW128G Datasheet HTML 2Page - Numonyx B.V M29DW128G Datasheet HTML 3Page - Numonyx B.V M29DW128G Datasheet HTML 4Page - Numonyx B.V M29DW128G Datasheet HTML 5Page - Numonyx B.V M29DW128G Datasheet HTML 6Page - Numonyx B.V M29DW128G Datasheet HTML 7Page - Numonyx B.V M29DW128G Datasheet HTML 8Page - Numonyx B.V M29DW128G Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
December 2007
Rev 2
1/11
1
M29DW128G
128 Mbit (8 Mb x 16, multiple bank, page, dual boot)
3 V supply Flash memory
Features
Supply voltage
–VCC = 2.7 to 3.6 V for Program, Erase and
Read
–VPP =12 V for Fast Program (optional)
Asynchronous Random/Page Read
– Page width: 8 words
– Page access: 25 ns
– Random access: 60 ns
Programming time
– 15 µs per byte/word (typical)
– 32-word write buffer
Erase verify
Memory blocks
– Quadruple bank memory array:
16 Mbit+48 Mbit+48 Mbit+16 Mbit
– Parameter blocks (at top and bottom)
Dual operation
– While Program or Erase in one bank, Read
in any of the other banks
Program/Erase Suspend and Resume modes
– Read from any block during Program
Suspend
– Read and Program another block during
Erase Suspend
Unlock Bypass Program
– Faster production/batch programming
Common Flash interface
– 64 bit security code
100,000 Program/Erase cycles per block
Low power consumption
– Standby and automatic standby
Hardware block protection
–VPP/WP pin for fast program and write
protect of the four outermost parameter
blocks
Security features
– Standard protection
– Password protection
– Additional block protection
Extended memory block
– Extra block used as security block or to
store additional information
Electronic signature
– Manufacturer code: 0020h
– Device code: 227Eh+2220h+2200h
ECOPACK® packages available
BGA
TSOP56 (NF)
14 x 20 mm
TBGA64 (ZA)
10 x 13 mm
www.numonyx.com


Similar Part No. - M29DW128G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29DW128F STMICROELECTRONICS-M29DW128F Datasheet
719Kb / 93P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
August 2005 Rev 1.0
M29DW128F STMICROELECTRONICS-M29DW128F Datasheet
756Kb / 94P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
logo
Numonyx B.V
M29DW128F NUMONYX-M29DW128F Datasheet
1Mb / 94P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
logo
STMicroelectronics
M29DW128F60NF1 STMICROELECTRONICS-M29DW128F60NF1 Datasheet
719Kb / 93P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
August 2005 Rev 1.0
M29DW128F60NF1 STMICROELECTRONICS-M29DW128F60NF1 Datasheet
756Kb / 94P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
More results

Similar Description - M29DW128G

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29DW127G70NF6E NUMONYX-M29DW127G70NF6E Datasheet
1Mb / 95P
   128-Mbit (8 Mbit x16 or 16 Mbit x8 , multiple bank, page, dual boot) 3 V supply flash memory
M29W128GH NUMONYX-M29W128GH Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
logo
STMicroelectronics
M58WR128ET STMICROELECTRONICS-M58WR128ET Datasheet
1Mb / 87P
   128 Mbit 8Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
logo
Numonyx B.V
M29W064FT NUMONYX-M29W064FT Datasheet
1Mb / 69P
   64 Mbit (8 Mbit x 8 or 4 Mbit x 16, page, boot block) 3 V supply Flash memory
M28W640HCT NUMONYX-M28W640HCT Datasheet
1Mb / 72P
   64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M29DW128F STMICROELECTRONICS-M29DW128F_06 Datasheet
756Kb / 94P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
logo
Numonyx B.V
M29DW128F NUMONYX-M29DW128F Datasheet
1Mb / 94P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
logo
STMicroelectronics
M29DW128F STMICROELECTRONICS-M29DW128F Datasheet
719Kb / 93P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
August 2005 Rev 1.0
logo
Numonyx B.V
M29DW641F NUMONYX-M29DW641F Datasheet
1Mb / 80P
   64 Mbit (4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M59DR032EA STMICROELECTRONICS-M59DR032EA Datasheet
386Kb / 43P
   32 Mbit (2Mb x 16, Dual Bank, Page ) 1.8V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com