Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M29DW128F Datasheet(PDF) 1 Page - Numonyx B.V

Part No. M29DW128F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
Download  94 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NUMONYX [Numonyx B.V]
Homepage  http://www.numonyx.com
Logo 

M29DW128F Datasheet(HTML) 1 Page - Numonyx B.V

 
Zoom Inzoom in Zoom Outzoom out
 1 / 94 page
background image
December 2007
Rev 8
1/94
1
M29DW128F
128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block)
3V supply Flash memory
Feature summary
Supply voltage
–VCC = 2.7V to 3.6V for Program, Erase and
Read
–VPP =12V for Fast Program (optional)
Asynchronous Random/Page Read
– Page width: 8 Words
– Page access: 25, 30ns
– Random access: 60, 70ns
Programming time
– 10µs per Byte/Word typical
– 4 Words / 8 Bytes Program
– 32-Word Write Buffer
Erase Verify
Memory blocks
– Quadruple Bank Memory Array:
16Mbit+48Mbit+48Mbit+16Mbit
– Parameter Blocks (at Top and Bottom)
Dual Operation
– While Program or Erase in one bank, Read
in any of the other banks
Program/Erase Suspend and Resume modes
– Read from any Block during Program
Suspend
– Read and Program another Block during
Erase Suspend
Unlock Bypass Program
– Faster Production/Batch Programming
Common Flash Interface
– 64 bit Security Code
100,000 Program/Erase cycles per block
Low power consumption
– Standby and Automatic Standby
Hardware Block Protection
–VPP/WP Pin for fast program and write
protect of the four outermost parameter
blocks
Security features
– Standard Protection
– Password Protection
Extended Memory Block
– Extra block used as security block or to
store additional information
Electronic Signature
– Manufacturer Code: 0020h
– Device Code: 227Eh + 2220h + 2200h
ECOPACK® packages available
BGA
TSOP56 (NF)
14 x 20mm
TBGA64 (ZA)
10 x 13mm
www.numonyx.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn