Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M25PX64-VME6E Datasheet(PDF) 34 Page - Numonyx B.V

Part # M25PX64-VME6E
Description  64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PX64-VME6E Datasheet(HTML) 34 Page - Numonyx B.V

Back Button M25PX64-VME6E Datasheet HTML 30Page - Numonyx B.V M25PX64-VME6E Datasheet HTML 31Page - Numonyx B.V M25PX64-VME6E Datasheet HTML 32Page - Numonyx B.V M25PX64-VME6E Datasheet HTML 33Page - Numonyx B.V M25PX64-VME6E Datasheet HTML 34Page - Numonyx B.V M25PX64-VME6E Datasheet HTML 35Page - Numonyx B.V M25PX64-VME6E Datasheet HTML 36Page - Numonyx B.V M25PX64-VME6E Datasheet HTML 37Page - Numonyx B.V M25PX64-VME6E Datasheet HTML 38Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 66 page
background image
Instructions
M25PX64
34/66
6.5
Write status register (WRSR)
The write status register (WRSR) instruction allows new values to be written to the status
register. Before it can be accepted, a write enable (WREN) instruction must previously have
been executed. After the write enable (WREN) instruction has been decoded and executed,
the device sets the write enable latch (WEL).
The write status register (WRSR) instruction is entered by driving Chip Select (S) Low,
followed by the instruction code and the data byte on serial data input (DQ0).
The instruction sequence is shown in Figure 12.
The write status register (WRSR) instruction has no effect on b6, b1 and b0 of the status
register. b6 is always read as ‘0’.
Chip Select (S) must be driven High after the eighth bit of the data byte has been latched in.
If not, the write status register (WRSR) instruction is not executed. As soon as Chip Select
(S) is driven High, the self-timed write status register cycle (whose duration is tW) is initiated.
While the write status register cycle is in progress, the status register may still be read to
check the value of the write in progress (WIP) bit. The write in progress (WIP) bit is 1 during
the self-timed write status register cycle, and is 0 when it is completed. When the cycle is
completed, the write enable latch (WEL) is reset.
The write status register (WRSR) instruction allows the user to change the values of the
block protect (BP2, BP1, BP0) bits, to define the size of the area that is to be treated as
read-only, as defined in Table 3. The write status register (WRSR) instruction also allows the
user to set and reset the status register write disable (SRWD) bit in accordance with the
Write Protect (W/VPP) signal. The status register write disable (SRWD) bit and Write Protect
(W/VPP) signal allow the device to be put in the hardware protected mode (HPM). The write
status register (WRSR) instruction is not executed once the hardware protected mode
(HPM) is entered.
Figure 12.
Write status register (WRSR) instruction sequence
C
DQ0
AI13735
S
DQ1
2
1
3456789 10 11 12 13 14 15
High Impedance
Instruction
Status
register in
0
765432
0
1
MSB


Similar Part No. - M25PX64-VME6E

ManufacturerPart #DatasheetDescription
logo
Micron Technology
M25PX64-VME6G MICRON-M25PX64-VME6G Datasheet
755Kb / 56P
   Micron M25PX64 Serial Flash Embedded Memory
More results

Similar Description - M25PX64-VME6E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M25PX64-VMF6TP NUMONYX-M25PX64-VMF6TP Datasheet
1Mb / 70P
   64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
logo
Micron Technology
M25PX16SOVZM6TP MICRON-M25PX16SOVZM6TP Datasheet
1Mb / 65P
   16-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
logo
STMicroelectronics
M25PX32 STMICROELECTRONICS-M25PX32 Datasheet
550Kb / 63P
   32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
logo
Numonyx B.V
M25PX16-VMN6TP NUMONYX-M25PX16-VMN6TP Datasheet
1Mb / 65P
   16-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
M25PX32 NUMONYX-M25PX32 Datasheet
1Mb / 65P
   32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
logo
Micron Technology
N25Q032A13E1241F MICRON-N25Q032A13E1241F Datasheet
5Mb / 153P
   32-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase, XiP enabled, serial flash memory with 108 MHz SPI bus interface
logo
Numonyx B.V
N25Q128 NUMONYX-N25Q128 Datasheet
5Mb / 185P
   128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
N25Q128 NUMONYX-N25Q128_1 Datasheet
5Mb / 180P
   128-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase on boot sectors,XiP enabled, serial flash memory with 108 MHz SPI bus interface
logo
Micron Technology
N25Q128A11B1241F MICRON-N25Q128A11B1241F Datasheet
5Mb / 185P
   128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
logo
Numonyx B.V
M25P64-VMF6TPBA NUMONYX-M25P64-VMF6TPBA Datasheet
1Mb / 55P
   64 Mbit, low voltage, Serial Flash memory with 75 MHz SPI bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com