Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M25PX64 Datasheet(PDF) 13 Page - Numonyx B.V

Part # M25PX64
Description  64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PX64 Datasheet(HTML) 13 Page - Numonyx B.V

Back Button M25PX64 Datasheet HTML 9Page - Numonyx B.V M25PX64 Datasheet HTML 10Page - Numonyx B.V M25PX64 Datasheet HTML 11Page - Numonyx B.V M25PX64 Datasheet HTML 12Page - Numonyx B.V M25PX64 Datasheet HTML 13Page - Numonyx B.V M25PX64 Datasheet HTML 14Page - Numonyx B.V M25PX64 Datasheet HTML 15Page - Numonyx B.V M25PX64 Datasheet HTML 16Page - Numonyx B.V M25PX64 Datasheet HTML 17Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
M25PX64
Operating features
13/66
4
Operating features
4.1
Page programming
To program one data byte, two instructions are required: write enable (WREN), which is one
byte, and a page program (PP) sequence, which consists of four bytes plus data. This is
followed by the internal program cycle (of duration tPP).
To spread this overhead, the page program (PP) instruction allows up to 256 bytes to be
programmed at a time (changing bits from ‘1’ to ‘0’), provided that they lie in consecutive
addresses on the same page of memory.
For optimized timings, it is recommended to use the page program (PP) instruction to
program all consecutive targeted bytes in a single sequence versus using several page
program (PP) sequences with each containing only a few bytes (see Page program (PP)
and Table 17: AC characteristics).
4.2
Dual input fast program
The dual input fast program (DIFP) instruction makes it possible to program up to 256 bytes
using two input pins at the same time (by changing bits from ‘1’ to ‘0’).
For optimized timings, it is recommended to use the dual input fast program (DIFP)
instruction to program all consecutive targeted bytes in a single sequence rather to using
several dual input fast program (DIFP) sequences each containing only a few bytes (see
Section 6.12: Dual input fast program (DIFP)).
4.3
Subsector erase, sector erase and bulk erase
The page program (PP) instruction allows bits to be reset from ‘1’ to ’0’. Before this can be
applied, the bytes of memory need to have been erased to all 1s (FFh). This can be
achieved either a subsector at a time, using the subsector erase (SSE) instruction, a sector
at a time, using the sector erase (SE) instruction, or throughout the entire memory, using the
bulk erase (BE) instruction. This starts an internal erase cycle (of duration tSSE, tSE or tBE).
The erase instruction must be preceded by a write enable (WREN) instruction.
4.4
Polling during a write, program or erase cycle
A further improvement in the time to write status register (WRSR), program OTP (POTP),
program (PP), dual input fast program (DIFP) or erase (SSE, SE or BE) can be achieved by
not waiting for the worst case delay (tW, tPP, tSSE, tSE, or tBE). The write in progress (WIP) bit
is provided in the status register so that the application program can monitor its value,
polling it to establish when the previous write cycle, program cycle or erase cycle is
complete.


Similar Part No. - M25PX64

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M25PX64 NUMONYX-M25PX64 Datasheet
1Mb / 70P
   64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
logo
Micron Technology
M25PX64-VME6G MICRON-M25PX64-VME6G Datasheet
755Kb / 56P
   Micron M25PX64 Serial Flash Embedded Memory
M25PX64-VMF MICRON-M25PX64-VMF Datasheet
755Kb / 56P
   Micron M25PX64 Serial Flash Embedded Memory
logo
Numonyx B.V
M25PX64-VMF6TP NUMONYX-M25PX64-VMF6TP Datasheet
1Mb / 70P
   64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
More results

Similar Description - M25PX64

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M25PX64-VMF6TP NUMONYX-M25PX64-VMF6TP Datasheet
1Mb / 70P
   64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
logo
Micron Technology
M25PX16SOVZM6TP MICRON-M25PX16SOVZM6TP Datasheet
1Mb / 65P
   16-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
logo
STMicroelectronics
M25PX32 STMICROELECTRONICS-M25PX32 Datasheet
550Kb / 63P
   32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
logo
Numonyx B.V
M25PX16-VMN6TP NUMONYX-M25PX16-VMN6TP Datasheet
1Mb / 65P
   16-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
M25PX32 NUMONYX-M25PX32 Datasheet
1Mb / 65P
   32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
logo
Micron Technology
N25Q032A13E1241F MICRON-N25Q032A13E1241F Datasheet
5Mb / 153P
   32-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase, XiP enabled, serial flash memory with 108 MHz SPI bus interface
logo
Numonyx B.V
N25Q128 NUMONYX-N25Q128 Datasheet
5Mb / 185P
   128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
N25Q128 NUMONYX-N25Q128_1 Datasheet
5Mb / 180P
   128-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase on boot sectors,XiP enabled, serial flash memory with 108 MHz SPI bus interface
logo
Micron Technology
N25Q128A11B1241F MICRON-N25Q128A11B1241F Datasheet
5Mb / 185P
   128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
logo
Numonyx B.V
M25P64-VMF6TPBA NUMONYX-M25P64-VMF6TPBA Datasheet
1Mb / 55P
   64 Mbit, low voltage, Serial Flash memory with 75 MHz SPI bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com