Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD29300D2M25R Datasheet(PDF) 1 Page - Sames

Part # LD29300D2M25R
Description  3A, Very low drop voltage regulators
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

LD29300D2M25R Datasheet(HTML) 1 Page - Sames

  LD29300D2M25R Datasheet HTML 1Page - Sames LD29300D2M25R Datasheet HTML 2Page - Sames LD29300D2M25R Datasheet HTML 3Page - Sames LD29300D2M25R Datasheet HTML 4Page - Sames LD29300D2M25R Datasheet HTML 5Page - Sames LD29300D2M25R Datasheet HTML 6Page - Sames LD29300D2M25R Datasheet HTML 7Page - Sames LD29300D2M25R Datasheet HTML 8Page - Sames LD29300D2M25R Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
June 2007
Rev. 10
1/26
26
LD29300 series
3A, Very low drop voltage regulators
Features
Very low dropout voltage (Typ. 0.4 at 3A)
Guaranteed output current up to 3A
Fixed voltage with ±1% tolerance at 25°C
Internal current and thermal limit
Logic controlled electronic shutdown available
in PPAK
Description
The LD29300 is a high current, high accuracy,
low-dropout voltage regulator series. These
regulators feature 400mV dropout voltage and
very low ground current. Designed for high
current loads, these devices are also used in
lower current, extremely low dropout-critical
systems, where their tiny dropout voltage and
ground current values are important attributes.
Typical applications are in Power supply switching
post regulation, Series power supply for monitors,
Series power supply for VCRs and TVs,
Computer Systems and Battery powered
systems.
D2PAK/A
TO-220
D2PAK
P2PAK/A
P2PAK
www.st.com
Order codes
Part numbers
Output
voltage
Packages
TO-220
D2PAK
D2PAK/A
P2PAK (1)
P2PAK/A
LD29300V15
LD29300P2T15R
LD29300P2M15R
1.5 V
LD29300D2T18R
LD29300D2M18R
LD29300P2T18R
LD29300P2M18R
1.8 V
LD29300V25
LD29300D2M25R
LD29300P2M25R
2.5 V
LD29300V33
LD29300D2M33R
LD29300P2T33R
LD29300P2M33R
3.3 V
LD29300V50
LD29300D2T50R(1)
LD29300D2M50R
LD29300P2T50R
LD29300P2M50R
5.0 V
LD29300P2T80R
LD29300P2M80R
8.0 V
LD29300V90(1)
1.
Available on request
LD29300D2T90R(1) LD29300D2M90R(1) LD29300P2T90R LD29300P2M90R(1)
9.0 V
LD29300P2TR
LD29300P2MR(1)
ADJ


Similar Part No. - LD29300D2M25R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD29300D2M25R STMICROELECTRONICS-LD29300D2M25R Datasheet
525Kb / 26P
   3 A, very low drop voltage regulators
More results

Similar Description - LD29300D2M25R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD29300 STMICROELECTRONICS-LD29300 Datasheet
530Kb / 17P
   3A, VERY LOW DROP VOLTAGE REGULATORS
L4705 STMICROELECTRONICS-L4705 Datasheet
113Kb / 3P
   VERY LOW DROP VOLTAGE REGULATORS
LD29150 STMICROELECTRONICS-LD29150 Datasheet
446Kb / 17P
   1.5A, VERY LOW DROP VOLTAGE REGULATORS
LD29150XX STMICROELECTRONICS-LD29150XX Datasheet
440Kb / 21P
   1.5 A, very low drop voltage regulators
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
   Very low drop voltage regulators with inhibit
L4931ABXX STMICROELECTRONICS-L4931ABXX Datasheet
905Kb / 36P
   Very low drop voltage regulators with inhibit
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LF00AB STMICROELECTRONICS-LF00AB Datasheet
260Kb / 32P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LD29150DT18R STMICROELECTRONICS-LD29150DT18R Datasheet
551Kb / 22P
   1.5 A, very low drop voltage regulators
LD29150PTR STMICROELECTRONICS-LD29150PTR Datasheet
551Kb / 22P
   1.5 A, very low drop voltage regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com