Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA17431VPJ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HA17431VPJ
Description  Shunt Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17431VPJ Datasheet(HTML) 4 Page - Renesas Technology Corp

  HA17431VPJ Datasheet HTML 1Page - Renesas Technology Corp HA17431VPJ Datasheet HTML 2Page - Renesas Technology Corp HA17431VPJ Datasheet HTML 3Page - Renesas Technology Corp HA17431VPJ Datasheet HTML 4Page - Renesas Technology Corp HA17431VPJ Datasheet HTML 5Page - Renesas Technology Corp HA17431VPJ Datasheet HTML 6Page - Renesas Technology Corp HA17431VPJ Datasheet HTML 7Page - Renesas Technology Corp HA17431VPJ Datasheet HTML 8Page - Renesas Technology Corp HA17431VPJ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
HA17431VPJ/PJ/PAJ/FPJ/FPAJ/PNAJ/UPA, HA17432UPA
REJ03D0892-0100 Rev.1.00 Apr 03, 2007
Page 4 of 17
Electrical Characteristics
HA17431VPJ
(Ta = 25°C, IK = 10 mA)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Notes
Reference voltage
Vref
2.475
2.500
2.525
V
VKA = Vref
Reference voltage
temperature deviation
Vref(dev)
10
mV
VKA = Vref,
Ta = –20°C to +85°C
1
Reference voltage
temperature coefficient
∆Vref/∆Ta
±30
ppm/°C
VKA = Vref,
0°C to 50°C gradient
Reference voltage regulation
∆Vref/∆VKA
2.0
3.7
mV/V
VKA = Vref to 16 V
Reference input current
Iref
2
6
µA
R1 = 10 kΩ, R2 = ∞
Reference current
temperature
deviation
Iref(dev)
0.5
µA
R1 = 10 kΩ, R2 = ∞,
Ta = –20°C to +85°C
Minimum cathode current
Imin
0.4
1.0
mA
VKA = Vref
2
Off state cathode current
Ioff
0.001
1.0
µA
VKA = 16 V, Vref = 0 V
Dynamic impedance
ZKA
0.2
0.5
VKA = Vref,
IK = 1 mA to 50 mA
HA17431PJ/PAJ/FPJ/FPAJ/PNAJ/UPA, HA17432UPA
(Ta = 25°C, IK = 10 mA)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Notes
2.440
2.495
2.550
A
Reference voltage
Vref
2.395
2.495
2.595
V
VKA = Vref
Normal
11
(30)
Ta =
–20°C to +85°C
1, 3, 4
Reference voltage
temperature deviation
Vref(dev)
5
(17)
mV
VKA = Vref
Ta = 0°C to +70°C
1, 3, 5
1.4
3.7
VKA = Vref to 10 V
Reference voltage
regulation
∆Vref/∆VKA
1
2.2
mV/V
VKA = 10 V to 40 V
Reference input current
Iref
3.8
6
µA
R1 = 10 kΩ, R2 = ∞
Reference current
temperature deviation
Iref(dev)
0.5
(2.5)
µA
R1 = 10 kΩ, R2 = ∞,
Ta = 0°C to +70°C
3
Minimum cathode current
Imin
0.4
1.0
mA
VKA = Vref
2
Off state cathode current
Ioff
0.001
1.0
µA
VKA = 40 V, Vref = 0 V
Dynamic impedance
ZKA
0.2
0.5
VKA = Vref,
IK = 1 mA to 100 mA
Notes: 1. Vref(dev) = Vref(max) – Vref(min)
Vref(dev)
Vref(min)
Vref(max)
Ta Min
Ta Max
2. Imin is given by the cathode current at Vref = Vref(IK=10mA) – 15 mV.
3. The maximum value is a design value (not measured).
4. HA17431PJ/PAJ/FPJ/FPAJ/PNAJ
5. HA17431UPA, HA17432UPA


Similar Part No. - HA17431VPJ

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17431VP HITACHI-HA17431VP Datasheet
236Kb / 26P
   Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp.
HA17431VP HITACHI-HA17431VP Datasheet
47Kb / 11P
   High-Precision Variable Shunt Regulators
HA17431VP HITACHI-HA17431VP Datasheet
88Kb / 13P
   High-Precision Variable Shunt Regulators
logo
Renesas Technology Corp
HA17431VP RENESAS-HA17431VP Datasheet
246Kb / 20P
   Shunt Regulato
More results

Similar Description - HA17431VPJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17431H RENESAS-HA17431H Datasheet
96Kb / 7P
   Shunt Regulator
HA17431H RENESAS-HA17431H_15 Datasheet
186Kb / 8P
   Shunt Regulator
logo
TAITRON Components Inco...
LM431 TAITRON-LM431 Datasheet
768Kb / 14P
   Shunt Regulator
logo
Renesas Technology Corp
HA17L431 RENESAS-HA17L431 Datasheet
130Kb / 10P
   Shunt Regulator
HA17431 RENESAS-HA17431_15 Datasheet
323Kb / 21P
   Shunt Regulator
logo
List of Unclassifed Man...
LM431L ETC2-LM431L Datasheet
754Kb / 13P
   Shunt Regulator
logo
Hitachi Semiconductor
HA17431H HITACHI-HA17431H Datasheet
146Kb / 15P
   Shunt Regulator
logo
Renesas Technology Corp
HA17L431HA17L431A RENESAS-HA17L431HA17L431A_15 Datasheet
217Kb / 11P
   Shunt Regulator
logo
TAITRON Components Inco...
LM431L TAITRON-LM431L Datasheet
754Kb / 13P
   Shunt Regulator
logo
Sirectifier Global Corp...
TL431 SIRECT-TL431 Datasheet
677Kb / 4P
   Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com