Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M25PE80 Datasheet(PDF) 40 Page - Numonyx B.V

Part # M25PE80
Description  8-Mbit, page-erasable serial flash memory with byte alterability, 75 MHz SPI bus, standard pinout
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PE80 Datasheet(HTML) 40 Page - Numonyx B.V

Back Button M25PE80 Datasheet HTML 36Page - Numonyx B.V M25PE80 Datasheet HTML 37Page - Numonyx B.V M25PE80 Datasheet HTML 38Page - Numonyx B.V M25PE80 Datasheet HTML 39Page - Numonyx B.V M25PE80 Datasheet HTML 40Page - Numonyx B.V M25PE80 Datasheet HTML 41Page - Numonyx B.V M25PE80 Datasheet HTML 42Page - Numonyx B.V M25PE80 Datasheet HTML 43Page - Numonyx B.V M25PE80 Datasheet HTML 44Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
Instructions
M25PE80
40/66
6.12
Page erase (PE)
The page erase (PE) instruction sets to ‘1’ (FFh) all bits inside the chosen page. Before it
can be accepted, a write enable (WREN) instruction must previously have been executed.
After the write enable (WREN) instruction has been decoded, the device sets the write
enable latch (WEL).
The page erase (PE) instruction is entered by driving Chip Select (S) Low, followed by the
instruction code, and three address bytes on serial data input (D). Any address inside the
page is a valid address for the page erase (PE) instruction. Chip Select (S) must be driven
Low for the entire duration of the sequence.
The instruction sequence is shown in Figure 18.
Chip Select (S) must be driven High after the eighth bit of the last address byte has been
latched in, otherwise the page erase (PE) instruction is not executed. As soon as Chip
Select (S) is driven High, the self-timed page erase cycle (whose duration is tPE) is initiated.
While the page erase cycle is in progress, the status register may be read to check the value
of the write in progress (WIP) bit. The write in progress (WIP) bit is 1 during the self-timed
page erase cycle, and is 0 when it is completed. At some unspecified time before the cycle
is complete, the write enable latch (WEL) bit is reset.
A page erase (PE) instruction applied to a page that is hardware or software protected is not
executed.
Any page erase (PE) instruction, while an erase, program or write cycle is in progress, is
rejected without having any effects on the cycle that is in progress.
If Reset (Reset) is driven Low while a page erase (PE) cycle is in progress, the page erase
cycle is interrupted and the programmed data may be corrupted (see Table 15: Device
status after a Reset Low pulse). On Reset going Low, the device enters the reset mode and
a time of tRHSL is then required before the device can be re-selected by driving Chip Select
(S) Low. For the value of tRHSL see Table 26: Timings after a Reset Low pulse in Section 11:
DC and AC parameters.
Figure 18.
Page erase (PE) instruction sequence
1.
Address bits A23 to A20 are don’t care.
24-bit address
C
D
AI04046
S
2
1
3456789
29 30 31
Instruction
0
23 22
2
0
1
MSB


Similar Part No. - M25PE80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25PE80 STMICROELECTRONICS-M25PE80 Datasheet
507Kb / 61P
   8 Mbit, low-voltage, Page-Erasable Serial Flash memory with Byte alterability, 50MHz SPI bus, standard pinout
M25PE80-VMN6G STMICROELECTRONICS-M25PE80-VMN6G Datasheet
507Kb / 61P
   8 Mbit, low-voltage, Page-Erasable Serial Flash memory with Byte alterability, 50MHz SPI bus, standard pinout
M25PE80-VMN6P STMICROELECTRONICS-M25PE80-VMN6P Datasheet
507Kb / 61P
   8 Mbit, low-voltage, Page-Erasable Serial Flash memory with Byte alterability, 50MHz SPI bus, standard pinout
M25PE80-VMN6TG STMICROELECTRONICS-M25PE80-VMN6TG Datasheet
507Kb / 61P
   8 Mbit, low-voltage, Page-Erasable Serial Flash memory with Byte alterability, 50MHz SPI bus, standard pinout
M25PE80-VMN6TP STMICROELECTRONICS-M25PE80-VMN6TP Datasheet
507Kb / 61P
   8 Mbit, low-voltage, Page-Erasable Serial Flash memory with Byte alterability, 50MHz SPI bus, standard pinout
More results

Similar Description - M25PE80

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M25PE16 NUMONYX-M25PE16 Datasheet
1Mb / 58P
   16-Mbit, page-erasable serial flash memory with byte-alterability, 75 MHz SPI bus, standard pinout
M25PE40 NUMONYX-M25PE40 Datasheet
1Mb / 62P
   4 Mbit, page-erasable serial Flash memory with byte alterability, 75 MHz SPI bus, standard pinout
logo
STMicroelectronics
M25PE80 STMICROELECTRONICS-M25PE80 Datasheet
507Kb / 61P
   8 Mbit, low-voltage, Page-Erasable Serial Flash memory with Byte alterability, 50MHz SPI bus, standard pinout
logo
Numonyx B.V
M25PE20 NUMONYX-M25PE20 Datasheet
1Mb / 64P
   1 and 2 Mbit, page-erasable serial Flash memories with byte alterability, 75 MHz SPI bus, standard pinout
logo
STMicroelectronics
M25PE16 STMICROELECTRONICS-M25PE16 Datasheet
492Kb / 56P
   16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte-alterability, 50 MHz SPI bus, standard pinout
logo
Numonyx B.V
M45PE10 NUMONYX-M45PE10 Datasheet
990Kb / 47P
   1-Mbit, page-erasable serial flash memory with byte-alterability and 75 MHz SPI bus interface
logo
STMicroelectronics
M25PE40 STMICROELECTRONICS-M25PE40 Datasheet
482Kb / 60P
   4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability, 50 MHz SPI bus, standard pinout
M25PE20 STMICROELECTRONICS-M25PE20_07 Datasheet
482Kb / 60P
   1 and 2 Mbit, low voltage, Page-Erasable Serial Flash memories with Byte-Alterability, 50 MHz SPI bus, standard pinout
M45PE80 STMICROELECTRONICS-M45PE80_06 Datasheet
373Kb / 47P
   8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
M45PE80 STMICROELECTRONICS-M45PE80 Datasheet
472Kb / 36P
   8 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com