Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC370WX1 Datasheet(PDF) 11 Page - LG Semicon Co.,Ltd.

Part # LC370WX1
Description  37.0?쓂XGA TFT LCD
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC370WX1 Datasheet(HTML) 11 Page - LG Semicon Co.,Ltd.

Back Button LC370WX1 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LC370WX1 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LC370WX1 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LC370WX1 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LC370WX1 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LC370WX1 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LC370WX1 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LC370WX1 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LC370WX1 Datasheet HTML 15Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Product Specification
11 / 28
LC370WX1
Liquid Crystal Display
Ver. 1.0
Jul.27, 2005
3-2-2. Backlight Inverter
Input Connector
-Inverter Connector : S12B-PH-SM3(manufactured by JST) or Equivalent
-Mating Connector : PHR-12 or Equivalent
Status Connector
-Inverter Connector : 20022WR-02A00(manufactured by Yeon Ho co., Korea) or Equivalent
-Mating Connector : 20022HR-02S00(manufactured by Yeon Ho co., Korea) or Equivalent
Table 6. INVERTER CONNECTOR PIN CONFIGULATION
Note : 1. GND should be connected to the LCD module’s metal frame.
2. Minimum Brightness : VBR = 0.0V
Maximum Brightness : VBR = 3.3V
3. VON : 3.0 ~ 5.0V
VOFF : -0.3 ~ 0.5V
PCB
1
2
3
12
11
Top
Bottom
Component side
Input connector
1
1
2
Status connector
PCB
1
2
3
12
11
Top
Bottom
Component side
Input connector
1
1
2
Status connector
GND
POWER GND
GND
1
Option Pin(Lamp Open Status Detection)
3
Don’t care
On/Off
0V ~ 5.0V
On/Off
12
Status
Upper 3.0V(Normal),
Under 0.5V(Abnormal)
Status
2
Don’t care
GND
GND
GND
GND
GND
VBL
VBL
VBL
VBL
VBL
Slave
VBR
GND
GND
GND
GND
GND
VBL
VBL
VBL
VBL
VBL
Master
2
POWER GND
GND
7
POWER GND
GND
8
1
0V ~ 3.3V
VBR
11
POWER GND
GND
10
POWER GND
GND
9
POWER GND
GND
6
Power Supply +24.0V
VBL
5
Power Supply +24.0V
VBL
4
Power Supply +24.0V
VBL
3
Power Supply +24.0V
VBL
2
Power Supply +24.0V
VBL
1
Note
Description
Symbol
Pin No


Similar Part No. - LC370WX1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LC370W01 PHILIPS-LC370W01 Datasheet
714Kb / 28P
   37.0 WXGA TFT LCD
May.25, 2004
More results

Similar Description - LC370WX1

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
LC260WX2 LG-LC260WX2 Datasheet
1Mb / 28P
   26?쓂XGA TFT LCD
logo
NXP Semiconductors
LC370W01 PHILIPS-LC370W01 Datasheet
714Kb / 28P
   37.0 WXGA TFT LCD
May.25, 2004
logo
Samsung semiconductor
LTM200KT10 SAMSUNG-LTM200KT10 Datasheet
539Kb / 33P
   TFT-LCD
logo
Chi Mei Corporation.
V236H1-LE2 CHIMEI-V236H1-LE2 Datasheet
654Kb / 28P
   TFT LCD
logo
Samsung semiconductor
LTI460HA01 SAMSUNG-LTI460HA01 Datasheet
642Kb / 27P
   TFT-LCD
logo
Wuxi Youda electronics ...
3Y26 YOUDA-3Y26 Datasheet
160Kb / 7P
   TFT LCD
logo
Samsung semiconductor
LTM150XH-L01 SAMSUNG-LTM150XH-L01 Datasheet
381Kb / 35P
   TFT LCD
LTM190M2-L31 SAMSUNG-LTM190M2-L31 Datasheet
640Kb / 39P
   TFT-LCD
LTM200KT01 SAMSUNG-LTM200KT01 Datasheet
1Mb / 34P
   TFT-LCD
logo
Sharp Corporation
LQ181E1LW31 SHARP-LQ181E1LW31 Datasheet
556Kb / 24P
   TFT-LCD Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com