Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC370WX1 Datasheet(PDF) 6 Page - LG Semicon Co.,Ltd.

Part # LC370WX1
Description  37.0?쓂XGA TFT LCD
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC370WX1 Datasheet(HTML) 6 Page - LG Semicon Co.,Ltd.

Back Button LC370WX1 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LC370WX1 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LC370WX1 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LC370WX1 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LC370WX1 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LC370WX1 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LC370WX1 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LC370WX1 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LC370WX1 Datasheet HTML 10Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Product Specification
6/ 28
LC370WX1
Liquid Crystal Display
Ver. 1.0
Jul.27, 2005
3. Electrical Specifications
3-1. Electrical Characteristics
It requires two power inputs. One is employed to power the LCD electronics and to drive the TFT array and
liquid crystal. The other input power for the EEFL/Backlight is to power inverter.
Table 2_1. ELECTRICAL CHARACTERISTICS
mVP-P
200
-
-
VRP
Permissible Input Ripple Voltage
1
mA
600
470
-
1
Watt
7.2
5.6
-
PLCD
Power Consumption
3
A
3.5
-
-
IRUSH
Rush current
VDC
12.6
12.0
11.4
VLCD
Power Input Voltage
2
mA
820
620
-
ILCD
Power Input Current
MODULE :
Parameter
Symbol
Max
Typ
Min
Note
Unit
Value
Note :
1. The specified current and power consumption are under the V
LCD=12.0V, 25 ± 2°C, fV=60Hz condition
whereas mosaic pattern(8 x 6) is displayed and f
V is the frame frequency.
2. The current is specified at the maximum current pattern.
3. The duration of rush current is about 2ms and rising time of power Input is 1ms(min.).
White : 255Gray
Black : 0Gray
Mosaic Pattern(8 x 6)


Similar Part No. - LC370WX1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LC370W01 PHILIPS-LC370W01 Datasheet
714Kb / 28P
   37.0 WXGA TFT LCD
May.25, 2004
More results

Similar Description - LC370WX1

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
LC260WX2 LG-LC260WX2 Datasheet
1Mb / 28P
   26?쓂XGA TFT LCD
logo
NXP Semiconductors
LC370W01 PHILIPS-LC370W01 Datasheet
714Kb / 28P
   37.0 WXGA TFT LCD
May.25, 2004
logo
Samsung semiconductor
LTM200KT10 SAMSUNG-LTM200KT10 Datasheet
539Kb / 33P
   TFT-LCD
logo
Chi Mei Corporation.
V236H1-LE2 CHIMEI-V236H1-LE2 Datasheet
654Kb / 28P
   TFT LCD
logo
Samsung semiconductor
LTI460HA01 SAMSUNG-LTI460HA01 Datasheet
642Kb / 27P
   TFT-LCD
logo
Wuxi Youda electronics ...
3Y26 YOUDA-3Y26 Datasheet
160Kb / 7P
   TFT LCD
logo
Samsung semiconductor
LTM150XH-L01 SAMSUNG-LTM150XH-L01 Datasheet
381Kb / 35P
   TFT LCD
LTM190M2-L31 SAMSUNG-LTM190M2-L31 Datasheet
640Kb / 39P
   TFT-LCD
LTM200KT01 SAMSUNG-LTM200KT01 Datasheet
1Mb / 34P
   TFT-LCD
logo
Sharp Corporation
LQ181E1LW31 SHARP-LQ181E1LW31 Datasheet
556Kb / 24P
   TFT-LCD Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com