Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M25PE20 Datasheet(PDF) 17 Page - Numonyx B.V

Part # M25PE20
Description  1 and 2 Mbit, page-erasable serial Flash memories with byte alterability, 75 MHz SPI bus, standard pinout
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PE20 Datasheet(HTML) 17 Page - Numonyx B.V

Back Button M25PE20 Datasheet HTML 13Page - Numonyx B.V M25PE20 Datasheet HTML 14Page - Numonyx B.V M25PE20 Datasheet HTML 15Page - Numonyx B.V M25PE20 Datasheet HTML 16Page - Numonyx B.V M25PE20 Datasheet HTML 17Page - Numonyx B.V M25PE20 Datasheet HTML 18Page - Numonyx B.V M25PE20 Datasheet HTML 19Page - Numonyx B.V M25PE20 Datasheet HTML 20Page - Numonyx B.V M25PE20 Datasheet HTML 21Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
M25PE20, M25PE10
Memory organization
17/64
5
Memory organization
The M25PE20 memory is organized as:
1024 pages (256 bytes each).
262,144 bytes (8 bits each)
64 subsectors (32 Kbits, 4,096 bytes each)
4 sectors (512 Kbits, 65,536 bytes each)
The M25PE10 memory is organized as:
512 pages (256 bytes each).
131,074 bytes (8 bits each)
32 subsectors (32 Kbits, 4,096 bytes each)
2 sectors (512 Kbits, 65,536 bytes each)
In the M25PE20 and M25PE10, each page can be individually:
programmed (bits are programmed from 1 to 0)
erased (bits are erased from 0 to 1)
written (bits are changed to either 0 or 1).
The device is page or sector erasable (bits are erased from 0 to 1).
Table 5.
M25PE20 memory organization
Sector
Subsector
Address range
3
63
3F000h
3FFFFh
48
30000h
30FFFh
2
47
2F000h
2FFFFh
32
20000h
20FFFh
1
31
1F000h
1FFFFh
16
10000h
10FFFh
0
15
0F000h
0FFFFh
4
04000h
04FFFh
3
03000h
03FFFh
2
02000h
02FFFh
1
01000h
01FFFh
0
00000h
00FFFh


Similar Part No. - M25PE20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25PE20 STMICROELECTRONICS-M25PE20 Datasheet
480Kb / 37P
   1 and 2 Mbit, Low Voltage, Page-Erasable Serial Flash Memories with Byte-Alterability, 33 MHz SPI Bus, Standard Pin-out
M25PE20-VMN6G STMICROELECTRONICS-M25PE20-VMN6G Datasheet
482Kb / 60P
   1 and 2 Mbit, low voltage, Page-Erasable Serial Flash memories with Byte-Alterability, 50 MHz SPI bus, standard pinout
M25PE20-VMN6P STMICROELECTRONICS-M25PE20-VMN6P Datasheet
482Kb / 60P
   1 and 2 Mbit, low voltage, Page-Erasable Serial Flash memories with Byte-Alterability, 50 MHz SPI bus, standard pinout
M25PE20-VMN6TG STMICROELECTRONICS-M25PE20-VMN6TG Datasheet
480Kb / 37P
   1 and 2 Mbit, Low Voltage, Page-Erasable Serial Flash Memories with Byte-Alterability, 33 MHz SPI Bus, Standard Pin-out
M25PE20-VMN6TG STMICROELECTRONICS-M25PE20-VMN6TG Datasheet
482Kb / 60P
   1 and 2 Mbit, low voltage, Page-Erasable Serial Flash memories with Byte-Alterability, 50 MHz SPI bus, standard pinout
More results

Similar Description - M25PE20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25PE20 STMICROELECTRONICS-M25PE20_07 Datasheet
482Kb / 60P
   1 and 2 Mbit, low voltage, Page-Erasable Serial Flash memories with Byte-Alterability, 50 MHz SPI bus, standard pinout
logo
Numonyx B.V
M25PE16 NUMONYX-M25PE16 Datasheet
1Mb / 58P
   16-Mbit, page-erasable serial flash memory with byte-alterability, 75 MHz SPI bus, standard pinout
M25PE80 NUMONYX-M25PE80 Datasheet
1Mb / 66P
   8-Mbit, page-erasable serial flash memory with byte alterability, 75 MHz SPI bus, standard pinout
M25PE40 NUMONYX-M25PE40 Datasheet
1Mb / 62P
   4 Mbit, page-erasable serial Flash memory with byte alterability, 75 MHz SPI bus, standard pinout
M45PE10 NUMONYX-M45PE10 Datasheet
990Kb / 47P
   1-Mbit, page-erasable serial flash memory with byte-alterability and 75 MHz SPI bus interface
logo
STMicroelectronics
M25PE20 STMICROELECTRONICS-M25PE20 Datasheet
480Kb / 37P
   1 and 2 Mbit, Low Voltage, Page-Erasable Serial Flash Memories with Byte-Alterability, 33 MHz SPI Bus, Standard Pin-out
M25PE16 STMICROELECTRONICS-M25PE16 Datasheet
492Kb / 56P
   16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte-alterability, 50 MHz SPI bus, standard pinout
M25PE40 STMICROELECTRONICS-M25PE40 Datasheet
482Kb / 60P
   4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability, 50 MHz SPI bus, standard pinout
M25PE80 STMICROELECTRONICS-M25PE80 Datasheet
507Kb / 61P
   8 Mbit, low-voltage, Page-Erasable Serial Flash memory with Byte alterability, 50MHz SPI bus, standard pinout
M45PE20 STMICROELECTRONICS-M45PE20 Datasheet
427Kb / 35P
   2 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com