Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG470 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG470
Description  High Voltage, Single and Dual Supply SPDT Analog Switch with Enable Pin
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG470 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG470 Datasheet HTML 1Page - Vishay Siliconix DG470 Datasheet HTML 2Page - Vishay Siliconix DG470 Datasheet HTML 3Page - Vishay Siliconix DG470 Datasheet HTML 4Page - Vishay Siliconix DG470 Datasheet HTML 5Page - Vishay Siliconix DG470 Datasheet HTML 6Page - Vishay Siliconix DG470 Datasheet HTML 7Page - Vishay Siliconix DG470 Datasheet HTML 8Page - Vishay Siliconix DG470 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Vishay Siliconix
DG469/470
Document Number: 71470
S-72541-Rev. C, 17-Dec-07
www.vishay.com
1
High Voltage, Single and Dual Supply SPDT Analog Switch
with Enable Pin
FEATURES
Low on resistance (3.6 Ω typical)
On resistance flatness (0.4
Ω typical)
44 V supply maximum rating
± 15 V analog signal range
Fully specified at supply voltages of ± 4.5 V, 12 V and ± 15 V
TTL/CMOS compatible
Break before make switching guaranteed
Total harmonic distortion 0.0145 %
APPLICATIONS
Audio and video signal switching
Precision automatic test equipment
Precision data acquisition
Relay replacement
Communications systems
Automotive applications
Sample and hold systems
Power routing applications
Telecom signal switching
Medical equipment
Portable and battery power systems
DESCRIPTION
The DG469/470 are high voltage SPDT switches, with a
typical on resistance of 3.6
Ω and typical flatness of 0.4 Ω.
The DG469 and DG470 are identical, except the DG470
provides an enable input. When the enable input is activated,
both sides of the switch are in a high impedance mode (Off),
maintaining a "Safe State" at power up. This function can
also be used as a quick "disconnect" in the event of a fault
condition. For audio switching, the enable pin provides a
mute function. These are high voltage switches that are fully
specified with dual supplies at ± 4.5 V and ± 15 V and a
single supply of 12 V over an operating temperature range
from - 40 °C to + 125 °C. Fast switching speeds coupled with
high signal bandwidth makes these parts suitable for video
switching applications. All digital inputs have 0.8 V and 2.4 V
logic
thresholds
ensuring
low
voltage
TTL/CMOS
compatibility. Each switch conducts equally well in both
directions when on and can handle an input signal range that
extends to the supply voltage rails. They exhibit break-
before-make switching action to prevent momentary shorting
when switching between channels. The DG469 and DG470
are offered in a MSOP 8 and SOIC 8 package.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
TRUTH TABLE: DG469
Logic
NC
NO
0ON
OFF
1OFF
ON
4
6
7
8
1
2
3
DG469
MSOP 8 and SOIC 8
5
TOP VIEW
NC
COM
NC
GND
V+
NO
V-
IN
TRUTH TABLE: DG470
ENABLE
Logic
NC
NO
0
0
ON
OFF
01
OFF
ON
1X
OFF
OFF
1
8
2
7
3
6
4
5
DG470
MSOP 8 and SOIC 8
TOP VIEW
EN
COM
NC
GND
V+
NO
V-
IN
RoHS
COMPLIANT


Similar Part No. - DG470

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG470EQ-T1-E3 VISHAY-DG470EQ-T1-E3 Datasheet
134Kb / 9P
   High Voltage, Single and Dual Supply SPDT Analog Switch with Enable Pin
Rev. D, 08-Jun-09
DG470EY-T1-E3 VISHAY-DG470EY-T1-E3 Datasheet
134Kb / 9P
   High Voltage, Single and Dual Supply SPDT Analog Switch with Enable Pin
Rev. D, 08-Jun-09
More results

Similar Description - DG470

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG469 VISHAY-DG469_09 Datasheet
134Kb / 9P
   High Voltage, Single and Dual Supply SPDT Analog Switch with Enable Pin
Rev. D, 08-Jun-09
logo
Maxim Integrated Produc...
MAX4564 MAXIM-MAX4564_12 Datasheet
316Kb / 11P
   Low-Voltage, Dual-Supply,SPDT Analog Switch with Enable
Rev 2; 10/12
MAX4564 MAXIM-MAX4564 Datasheet
237Kb / 12P
   Low-Voltage, Dual-Supply, SPDT Analog Switch with Enable
Rev 1; 10/03
logo
Renesas Technology Corp
ISL43231 RENESAS-ISL43231 Datasheet
938Kb / 16P
   Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
logo
Intersil Corporation
ISL43231 INTERSIL-ISL43231 Datasheet
537Kb / 15P
   Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
ISL43231 INTERSIL-ISL43231_06 Datasheet
491Kb / 15P
   Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
ISL43240IAZ INTERSIL-ISL43240IAZ Datasheet
498Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switch
December 15, 2014
logo
Renesas Technology Corp
ISL43240 RENESAS-ISL43240 Datasheet
975Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switch
logo
Maxim Integrated Produc...
MAX4736 MAXIM-MAX4736 Datasheet
332Kb / 11P
   0.8?? Low-Voltage, Single-Supply, Dual SPDT Analog Switch
Rev 0; 4/02
logo
Intersil Corporation
ISL43840 INTERSIL-ISL43840_06 Datasheet
471Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com